Part Number Hot Search : 
D12612 SKY65 F6071K5F FSD270TA 11QTQ S20VTA60 MAX3393E CD4110
Product Description
Full Text Search
 

To Download C44EHGP6100ZA0J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  36 c44e mkp series aluminium case capacitors ac filter applications general technical data vde 0560 - iec61071 - en61071 application class ( din 40040 ) hsd / ls temperature range ( case ) -40 to + 70 c max permissible ambient temperature +70 c capacitance tolerance code ( 15 th digit ) j = 5% ; k = 10% test voltage terminal to case u tt 1.5 u rms for 10 seconds test voltage terminal to case u tc 4kv - 50hz for 60 seconds rated insulation voltage u i 700 v - 50 hz - insulation group b ( vde 0110 part 1 ) rated power q reactive power at rated a.c. voltage u rms - 50hz rated frequency f 50 60 hz permissible relative humidity annual average 95% on 30 days / year, continuously 100% on other days occasionally 100%. dewing not admissible iec climatic category 25 / 70 / 21 degree of protection ip00 capacitance deviation in the operating temperature range of C40 to +85 c 1.5% max on capacitance value measured at +20 c change of capacitance versus operating time -3% after 30.000 hours at u rms or after 100.000 hours at un terminals tinned brass fastons or screws ( see fgure on top ) installation whatever position life expectancy 30.000 hours at u rms ; 100.000 hours at un failure quota 300 / 10 9 components hour technical data
37 c44e mkp series aluminium case capacitors ac filter applications mechanical characteristics case brass screw terminals bolt d w m driving torque nm creepage distance clearance in air driving torque nm 76 13 m 6 4 18 22 10 76 25 m 10 7 18 22 10 85 25 m 10 7 22 22 10 un vdc u pk vdc u rms vac 400 600 250 600 800 380 750 1000 440 1200 1600 550 peak voltage table code c q un u rms dv/dt i pkr i rms case dimensions appr. weight f kvar vdc vac v/ s a a d h kg c44efgp6150za0j 150 2.95 400 250 10 1500 30 76 138 0.63 c44efgr6200za0j 200 3.93 400 250 10 2000 30 85 137 0.75 c44efgr6250za0j 250 4.9 400 250 10 2500 60 85 185 1.05 c44efgr6300za0j 300 5.89 400 250 10 3000 60 85 230 1.35 c44efgr6400za0j 400 7.85 400 250 10 4000 60 85 270 1.71 C44EHGP6100ZA0J 100 4.53 600 380 20 2000 30 76 138 0.63 c44ehgr6150za0j 150 6.8 600 380 20 3000 60 85 200 1.15 c44ehgr6200za0j 200 9.07 600 380 20 4000 60 85 260 1.5 c44ekgr6100za0j 100 6.08 750 440 20 2000 60 85 185 1.05 c44ekgr6120za0j 120 7.3 750 440 20 2400 60 85 200 1.15 c44epgr5500za0j 50 4.75 1200 550 30 1500 60 85 260 1.5 c44epgr5600za0j 60 5.7 1200 550 30 1800 60 85 260 1.5 general characteristics ? d 0.5 35 0.5 m 7 w 6.5 h 2 16.5 m12 statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applic ations, but are not intended to constitute and we specifically disclaim any warranty concerning suitabi lity for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice in ferred from this inform ation or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the ad vice given or results obtained.


▲Up To Search▲   

 
Price & Availability of C44EHGP6100ZA0J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X