Part Number Hot Search : 
01M50 19N60E D534K MN1480 2J102K 45DB021 4530AW AQW254
Product Description
Full Text Search
 

To Download BC160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pnp BC160 ? bc161 comset semiconductors 1/3 g g e e n n e e r r a a l l p p u u r r p p o o s s e e t t r r a a n n s s i i s s t t o o r r s s they are silicon planar epitaxial pnp trans istors mounted in to-39 metal package. they are particulary designed for audio amplif iers and switching applications up to 1a. npn complements are the bc140 ? bc141. compliance to rohs . absolute maximum ratings symbol ratings value unit -v cbo collector-base voltage i e = 0 BC160 40 v bc161 60 -v ceo collector-emitter voltage i b = 0 BC160 40 v bc161 60 -v ebo emitter-base voltage i c = 0 BC160 5 v bc161 -i c collector current BC160 1 a bc161 -i b base current BC160 0.1 a bc161 p tot total power dissipation @ t case = < 45 3.7 w @ t amb = < 4 5 0.65 t j junction temperature 175 c t st g storage temperature range -55 to +175 c thermal characteristics symbol ratings value unit r thj-c thermal resistance, junction-case 35 k/ w r thj-amb thermal resistance, junction-ambient 200 k/ w
pnp BC160 ? bc161 18/10/2012 comset semiconductors 2/3 electrical characteristics tc=25c unless otherwise noted symbol ratings test condition(s) min typ max unit -i ces collector ? cutoff current i e = 0 ;v ces = 40 v BC160 - - 100 na i e = 0 ;v ces = 60 v bc161 i e = 0 ; v t amb = 150c v ces =40 v BC160 - - 100 a v ces =60 v bc161 -v cb0 collector ? base breakdown voltage -i c = 100 a i e = 0 BC160 40 - - v bc161 60 - - -v ce0 (*) collector ? emitter breakdown voltage -i c = 10 ma i b = 0 BC160 40 - - v bc161 60 - - -v eb0 emitter ? base breakdown voltage -i e = 100 a i c = 0 BC160 5 - - v bc161 -v ce(sat) (*) collector-emitter saturation voltage -i c = 100 ma , -i b = 10 ma - 0.1 v -i c = 500 ma , -i b = 50 ma - 0.35 -i c = 1 a, -i b = 100 ma - 0.6 1 -v be (*) base-emitter voltage -i c = 1 a , -v ce = 1v 1 1.7 h fe (*) dc current gain -i c = 100 a , -v ce = 1 v gr 10 - 80 - - gr 16 - 120 - -i c = 100 ma , -v ce = 1 v gr 10 63 100 160 gr 16 100 160 250 -i c = 1 a , -v ce = 1 v gr 10 - 20 - gr 16 - 30 - f t transition frequency -i c = 50 ma , -v ce = 10 v 50 - - mh z c cbo collector ? base capacitance i e = 0 ; -v cb = 20v f = 1 mh z - 15 30 pf t off turn-off times -i c =100 ma -i b1 =-i b2 =5 ma - - 650 ns t on turn-on times -i c =100 ma -i b1 =1 ma - - 500 ns (*) pulsed : pulse duration = 300s, duty cycle = 1%
pnp BC160 ? bc161 18/10/2012 comset semiconductors 3/3 mechanical data case to-39 revised september 2012 ????????? information furnished is believed to be accurate and reliable. ho wever, comset semiconductors assu mes no responsibility for the consequences of use of such information nor for any infringement of patents or ot her rights of third parties which may results from its use. da ta are subject to change without notice. comset se miconductors makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does comset semiconductors assu me any liability arising out of the applic ation or use of any product and specifica lly disclaims any and all liability, including without limitation consequential or inci dental damages. comset semicon ductors? products are not author ized for use as critical components in life support devices or systems. ? www.comsetsemi.com info@comsetsemi.com dimensions (mm) min max a 8.50 9.39 b 7.74 8.50 c 6.09 6.60 d 0.40 0.53 e - 0.88 f 2.41 2.66 g 4.82 5.33 h 0.71 0.86 j 0.73 1.02 k 12.70 - l 42 48 pin 1 : emitter pin 2 : base pin 3 : collector case : collector


▲Up To Search▲   

 
Price & Availability of BC160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X