Part Number Hot Search : 
HIP2106 BAW75 FP150 FP150 11SRW PMB01 R5150 ICX229
Product Description
Full Text Search
 

To Download B57621C5103062 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ntc thermistors for temperature measurement smd ntc thermistors, case size 1206 (3216), standard series series/type: b57621c5 date: january 2016 ? epcos ag 2016. reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without epcos' prior express consent is prohibited. epcos ag is a tdk group company.
1) depends on mounting situation applications temperature measurement and compensation features smd ntc with/ without inner electrodes nickel barrier termination excellent long-term aging stability in high temperature environment options alternative resistance ratings, resistance tolerances and b value tolerances available on request. delivery mode blister tape, 180-mm reel (standard) dimensional drawing dimensions in mm approx. weight 18 mg general technical data operating temperature range t op  55 ... 125 c max. power (at 25 c, on pcb) p 25 1) 300 mw resistance tolerance d r r /r r 5, 10 % rated temperature t r 25 c dissipation factor (on pcb) d th 1) approx. 5 mw/k thermal cooling time constant (on pcb) t c 1) approx. 10 s heat capacity c th 1) approx. 50 mj/k electrical specification and ordering codes r 25 w d r r /r r % no. of r/t characteristic b 25/50 k b 25/85 k b 25/100 k ordering code + = resistance tolerance j = 5% k = 10% 1.0 k 5, 10 3206 3420 3440 3450 3% b57621c5102+062 4.7 k 5, 10 1309 3430 3500 3520 3% b57621c5472+062 10 k 5, 10 1010 3470 3510 3530 3% b57621c5103+062 15 k 5, 10 1008 3480 3550 3560 3% b57621c5153+062 temperature measurement and compensation b57621c5 smd ntc thermistors, case size 1206 (3216) standard series page 2 of 21 please read cautions and warnings and important notes at the end of this document.
reliability data smd ntc thermistors are tested in accordance with iec 60068. the parts are mounted on a standardized pcb in accordance with iec 60539-1. test standard test conditions d r 25 /r 25 (typical) remarks storage in dry heat iec 60068-2-2 jis c 0021 storage at upper category temperature t: (125 2) c t: 1000 h < 3% 1) storage in damp heat, steady state iec 60068-2-78 jis c 0022 temperature of air: (40 2) c relative humidity of air: (93 +2/  3)% duration: 21 days < 3% no visible damage rapid temperature cycling iec 60068-2-14 jis c 0025 lower test temperature:  55 c upper test temperature: 125 c number of cycles: 10 < 3% endurance p max : 300 mw t: (65 2) c t: 1000 h < 5% solderability iec 60068-2-58 jis c 0054 solderability: (215 3) c, (3 0.3) s (245 5) c, (3 0.3) s resistance to soldering heat: (260 5) c, (10 1) s 95% of terminations wetted resistance drift after soldering reflow soldering profile wave soldering profile < 5% 1) except type b57621c5102+062 and b57621c5472+062 d r 25 /r 25 : < 6% temperature measurement and compensation b57621c5 smd ntc thermistors, case size 1206 (3216) standard series page 3 of 21 please read cautions and warnings and important notes at the end of this document.
r/t characteristics r/t no. 1008 1010 1309 t ( c) b 25/100 = 3560 k b 25/100 = 3530 k b 25/100 = 3520 k r t /r 25 a (%/k) r t /r 25 a (%/k) r t /r 25 a (%/k)  55.0 53.104 6.1 52.826 6.4 48.46 6.1  50.0 39.318 6.0 38.643 6.1 35.8 6.0  45.0 29.325 5.8 28.574 5.9 26.694 5.8  40.0 22.03 5.7 21.346 5.7 20.085 5.6  35.0 16.666 5.5 16.1 5.5 15.247 5.4  30.0 12.696 5.4 12.256 5.4 11.674 5.3  25.0 9.7251 5.2 9.4071 5.2 9.0124 5.1  20.0 7.5171 5.1 7.2862 5.0 7.0136 4.9  15.0 5.8353 4.9 5.6835 4.9 5.5001 4.8  10.0 4.5686 4.8 4.4698 4.7 4.3451 4.6  5.0 3.605 4.7 3.5385 4.6 3.4569 4.5 0.0 2.8665 4.5 2.8222 4.5 2.7688 4.4 5.0 2.2907 4.4 2.2649 4.3 2.2321 4.2 10.0 1.8438 4.3 1.83 4.2 1.8105 4.1 15.0 1.492 4.1 1.4872 4.1 1.4773 4.0 20.0 1.2154 4.0 1.2161 4.0 1.2122 3.9 25.0 1.0000 3.9 1.0000 3.9 1.0000 3.8 30.0 0.82976 3.8 0.82677 3.8 0.82924 3.7 35.0 0.68635 3.7 0.68708 3.6 0.69105 3.6 40.0 0.57103 3.6 0.57401 3.5 0.57861 3.5 45.0 0.48015 3.5 0.48181 3.5 0.48666 3.4 50.0 0.40545 3.4 0.40638 3.4 0.4111 3.3 55.0 0.3417 3.3 0.34427 3.3 0.34872 3.3 60.0 0.28952 3.2 0.29296 3.2 0.29699 3.2 65.0 0.24714 3.1 0.25035 3.1 0.2539 3.1 70.0 0.21183 3.1 0.21478 3.0 0.21786 3.0 75.0 0.18194 3.0 0.18501 2.9 0.18759 3.0 80.0 0.1568 2.9 0.15995 2.9 0.16208 2.9 85.0 0.13592 2.8 0.13881 2.8 0.1405 2.8 90.0 0.11822 2.8 0.12088 2.7 0.12217 2.8 95.0 0.1034 2.7 0.10563 2.7 0.10656 2.7 100.0 0.090741 2.6 0.092597 2.6 0.093213 2.6 105.0 0.079642 2.6 0.081442 2.5 0.081767 2.6 110.0 0.070102 2.5 0.071842 2.5 0.071922 2.5 115.0 0.061889 2.4 0.063571 2.4 0.063428 2.5 120.0 0.054785 2.4 0.056407 2.4 0.056078 2.4 125.0 0.048706 2.3 0.050196 2.3 0.049702 2.4 temperature measurement and compensation b57621c5 smd ntc thermistors, case size 1206 (3216) standard series page 4 of 21 please read cautions and warnings and important notes at the end of this document.
r/t characteristics r/t no. 3206 t ( c) b 25/100 = 3450 k t ( c) b 25/100 = 3450 k t ( c) b 25/100 = 3450 k r t /r 25 a (%/k) r t /r 25 a (%/k) r t /r 25 a (%/k)  55.0 59.147 6.7 10.0 1.8287 4.2 75.0 0.19136 2.9  50.0 42.651 6.4 15.0 1.4855 4.1 80.0 0.16618 2.8  45.0 31.088 6.2 20.0 1.2149 4.0 85.0 0.14484 2.7  40.0 22.903 6.0 25.0 1.0000 3.8 90.0 0.12668 2.7  35.0 17.052 5.8 30.0 0.82816 3.7 95.0 0.11117 2.6  30.0 12.827 5.6 35.0 0.68985 3.6 100.0 0.09787 2.5  25.0 9.7461 5.4 40.0 0.57784 3.5 105.0 0.086428 2.5  20.0 7.477 5.2 45.0 0.48658 3.4 110.0 0.076549 2.4  15.0 5.7897 5.0 50.0 0.41181 3.3 115.0 0.067992 2.3  10.0 4.5234 4.9 55.0 0.3502 3.2 120.0 0.060555 2.3  5.0 3.5643 4.7 60.0 0.29918 3.1 125.0 0.054073 2.2 0.0 2.8316 4.5 65.0 0.25672 3.0    5.0 2.2671 4.4 70.0 0.2212 2.9    temperature measurement and compensation b57621c5 smd ntc thermistors, case size 1206 (3216) standard series page 5 of 21 please read cautions and warnings and important notes at the end of this document.
1) 0.2 mm over 10 sprocket holes. taping and packing 1 taping of smd ntc thermistors 1.1 cardboard tape for case size 0402 and 0603 (taping to iec 60286-3) dimensions (mm) case size 0402 (8-mm tape) case size 0603 (8-mm tape) tolerance a 0 b 0 0.60 1.15 0.95 1.80 0.2 t 2 0.70 1.10 t 0.60 0.95 max. d 0 1.50 1.50 0.10 p 0 4.00 4.00 0.10 1) p 2 2.00 2.00 0.05 p 1 2.00 4.00 0.10 w 8.00 8.00 0.30 e 1.75 1.75 0.10 f 3.50 3.50 0.05 g 0.75 0.75 min. temperature measurement and compensation b57621c5 smd ntc thermistors, case size 1206 (3216) standard series page 6 of 21 please read cautions and warnings and important notes at the end of this document.
2) 0.2 mm over 10 sprocket holes. 1.2 blister tape for case size 0805 and 1206 (taping to iec 60286-3) dimensions (mm) case size 0805 (8-mm tape) case size 1206 (8-mm tape) tolerance a 0 b 0 1.50 2.30 1.80 3.40 0.2 k 0 1.40 1.40 max. t 2 2.5 2.5 max. d 0 1.50 1.50 +0.10/?0 d 1 0.30 0.30 min. p 0 4.00 4.00 0.10 2) p 2 2.00 2.00 0.05 p 1 4.00 4.00 0.10 w 8.00 8.00 0.30 e 1.75 1.75 0.10 f 3.50 3.50 0.05 g 0.75 0.75 min. temperature measurement and compensation b57621c5 smd ntc thermistors, case size 1206 (3216) standard series page 7 of 21 please read cautions and warnings and important notes at the end of this document.
1.3 reel packing dimensions in mm 8-mm tape 180-mm reel 330-mm reel a 180 +0/  3 330 +0/  2.0 w 1 8.4 +1.5/  0 8.4 +1.5/  0 w 2 14.4 max. 14.4 max. leader, trailer temperature measurement and compensation b57621c5 smd ntc thermistors, case size 1206 (3216) standard series page 8 of 21 please read cautions and warnings and important notes at the end of this document.
1.4 packing units for discrete chip and array chip case size chip thickness cardboard tape blister tape ? 180-mm reel ? 330-mm reel inch/mm th w w pcs. pcs. 0402/1005 0.5 mm 8 mm  10000 50000 0603/1608 0.8 mm 8 mm 8 mm 4000 16000 0805/2012 0.8 mm  8 mm 4000 16000 1.2 mm  8 mm 3000 12000 1206/3216 0.8 mm  8 mm 3000 12000 1.2 mm  8 mm 3000 12000 2 packing codes the last two digits of the complete ordering code state the packing mode: last two digits 60 smd cardboard tape 180-mm reel packing 62 smd blister tape 180-mm reel packing 70 smd cardboard tape 330-mm reel packing 72 smd blister tape 330-mm reel packing temperature measurement and compensation b57621c5 smd ntc thermistors, case size 1206 (3216) standard series page 9 of 21 please read cautions and warnings and important notes at the end of this document.
mounting instructions 1 soldering 1.1 smd ntc thermistors smd ntc thermistors can be provided with a nickel barrier termination or on special request with silver-palladium termination. the usage of mild, non-activated fluxes for soldering is recommend- ed as well as a proper cleaning of the pcb. the nickel barrier layer of the silver/nickel/tin termination (see figure 1) prevents leaching of the silver base metalization layer. this allows great flexibility in the selection of soldering parameters. the tin prevents the nickel layer from oxidizing and thus ensures better wetting by the solder. the nickel barrier termination is suitable for all commonly-used soldering methods. note: smd ntcs with agpd termination are not approved for lead-free soldering. figure 1 smd ntc thermistors, structure of nickel barrier termination 1.1.1 solderability (test to iec 60068-2-58) preconditioning: immersion into flux f-sw 32. evaluation criterion: wetting of soldering areas 3 95%. solder bath temperature ( c) dwell time (s) snpb 60/40 215 3 3 0.3 snag (3.0 ... 4.0), cu (0.5 ... 0.9) 245 3 3 0.3 1.1.2 resistance to soldering heat (test to iec 60068-2-58) preconditioning: immersion into flux f-sw 32. evaluation criterion: leaching of side edges 1/3. solder bath temperature ( c) dwell time (s) snpb 60/40 260 5 10 1 snag (3.0 ... 4.0), cu (0.5 ... 0.9) 260 5 10 1 temperature measurement and compensation b57621c5 smd ntc thermistors, case size 1206 (3216) standard series page 10 of 21 please read cautions and warnings and important notes at the end of this document.
wave soldering temperature characteristic at component terminal with dual wave soldering solder joint profiles for silver/nickel/tin terminations temperature measurement and compensation b57621c5 smd ntc thermistors, case size 1206 (3216) standard series page 11 of 21 please read cautions and warnings and important notes at the end of this document.
reflow soldering recommended temperature characteristic for reflow soldering following jedec j-std-020d profile feature sn-pb eutectic assembly pb-free assembly preheat and soak - temperature min t smin 100 c 150 c - temperature max t smax 150 c 200 c - time t smin to t smax 60 ... 120 s 60 ... 180 s average ramp-up rate t smax to t p 3 c/ s max. 3 c/ s max. liquidous temperature t l 183 c 217 c time at liquidous t l 60 ... 150 s 60 ... 150 s peak package body temperature t p 1) 220 c ... 235 c 2) 245 c ... 260 c 2) time (t p ) 3) within 5 c of specified classification temperature (t c ) 20 s 3) 30 s 3) average ramp-down rate t p to t smax 6 c/ s max. 6 c/ s max. time 25 c to peak temperature maximum 6 min maximum 8 min 1) tolerance for peak profile temperature (t p ) is defined as a supplier minimum and a user maximum. 2) depending on package thickness. for details please refer to jedec j-std-020d. 3) tolerance for time at peak profile temperature (t p ) is defined as a supplier minimum and a user maximum. note: all temperatures refer to topside of the package, measured on the package body surface. number of reflow cycles: 3 temperature measurement and compensation b57621c5 smd ntc thermistors, case size 1206 (3216) standard series page 12 of 21 please read cautions and warnings and important notes at the end of this document.
solder joint profiles for silver/nickel/tin terminations 1.1.3 recommended geometry of solder pads recommended maximum dimensions (mm) case size inch/mm a b c 0402/1005 0.6 0.6 1.7 0603/1608 1.0 1.0 3.0 0805/2012 1.3 1.2 3.4 1206/3216 1.8 1.2 4.5 1.1.4 notes iron soldering should be avoided, hot air methods are recommended for repair purposes. temperature measurement and compensation b57621c5 smd ntc thermistors, case size 1206 (3216) standard series page 13 of 21 please read cautions and warnings and important notes at the end of this document.
2 conductive adhesion an alternative to soldering is the gluing of thermistors with conductive adhesives. the benefit of this method is that it involves no thermal stress. the adhesives used must be chemically inert. 3 clamp contacting pressure contacting by means of clamps is particularly suitable for applications involving frequent switching and high turn-on powers. 4 sealing and potting when thermistors are sealed, potted or overmolded, there must be no mechanical stress caused by thermal expansion during the production process (curing / overmolding process) and during later operation. the upper category temperature of the thermistor must not be exceeded. ensure that the materials used (sealing / potting compound and plastic material) are chemically neutral. 5 cleaning if cleaning is necessary, mild cleaning agents such as ethyl alcohol and cleaning gasoline are recommended. cleaning agents based on water are not allowed. ultrasonic cleaning methods are permissible. 6 storage in order to maintain their solderability, thermistors must be stored in a non-corrosive atmosphere. humidity, temperature and container materials are critical factors. do not store smds where they are exposed to heat or direct sunlight. otherwise, the packing ma- terial may be deformed or smds may stick together, causing problems during mounting. after opening the factory seals, such as polyvinyl-sealed packages, use the smds as soon as possible. the components should be left in the original packing. touching the metallization of unsoldered thermistors may change their soldering properties. storage temperature:  25 c up to 45 c relative humidity (without condensation): 75% annual mean <95%, maximum 30 days per annum solder the thermistors listed in this data book after shipment from epcos within the time speci- fied: smds: 12 months for ni-barrier termination 6 months for agpd termination temperature measurement and compensation b57621c5 smd ntc thermistors, case size 1206 (3216) standard series page 14 of 21 please read cautions and warnings and important notes at the end of this document.
7 placement and orientation of smd ntc thermistors on pcb a) component placement it is recommended that the pc board should be held by means of some adequate supporting pins such as shown left to prevent the smds from being damaged or cracked. b) cracks when placing a component near an area which is apt to bend or a grid groove on the pc board, it is advisable to have both electrodes subjected to uniform stress, or to position the component's electrodes at right angles to the grid groove or bending line (see c) component orientation). c) component orientation choose a mounting position that minimizes the stress imposed on the chip during flexing or bending of the board. temperature measurement and compensation b57621c5 smd ntc thermistors, case size 1206 (3216) standard series page 15 of 21 please read cautions and warnings and important notes at the end of this document.
cautions and warnings general see "important notes". storage store thermistors only in original packaging. do not open the package prior to processing. storage conditions in original packaging: storage temperature  25 c ... +45 c, relative humidity 75% annual mean, <95% maximum 30 days per annum, dew precipitation is inadmissible. do not store thermistors where they are exposed to heat or direct sunlight. otherwise, the packing material may be deformed or components may stick together, causing problems during mounting. avoid contamination of thermistor surface during storage, handling and processing. avoid storage of thermistors in harmful environments like corrosive gases (so x , cl etc). use the components as soon as possible after opening the factory seals, i.e. the polyvinyl-sealed packages. solder smd ntc thermistors within the time specified after shipment from epcos. for smd components with nickel barrier termination 12 months, for smd components with agpd termination 6 months. handling ntc thermistors must not be dropped. chip-offs or any other damage must not be caused during handling of ntcs. do not touch components with bare hands. gloves are recommended. avoid contamination of thermistor surface during handling. washing processes may damage the product due to the possible static or cyclic mechanical loads (e.g. ultrasonic cleaning). they may cause cracks to develop on the product and its parts, which might lead to reduced reliability or lifetime. soldering use resin-type flux or non-activated flux. insufficient preheating may cause ceramic cracks. rapid cooling by dipping in solvent is not recommended. complete removal of flux is recommended. temperature measurement and compensation b57621c5 smd ntc thermistors, case size 1206 (3216) standard series page 16 of 21 please read cautions and warnings and important notes at the end of this document.
mounting ensure that no thermo-mechanical stress occurs due to production processes (curing or overmolding processes) when thermistors are sealed, potted or overmolded or during their subsequent operation. the maximum temperature of the thermistor must not be exceeded. ensure that the materials used (sealing/potting compound and plastic material) are chemically neutral. electrodes/contacts must not be scratched or damaged before/during/after the mounting process. contacts and housing used for assembly with the thermistor must be clean before mounting. ensure that adjacent materials are designed for operation at temperatures comparable to the surface temperature of the thermistor. be sure that surrounding parts and materials can withstand the temperature. avoid contamination of the thermistor surface during processing. the connections of sensors (e.g. cable end, wire end, plug terminal) may only be exposed to an environment with normal atmospheric conditions. avoid using chemical substances as mounting aids. it must be ensured that no water or other liquids enter the ntc thermistors (e.g. through plug terminals). in particular, water based substances (e.g. soap suds) must not be used as mounting aids for sensors. operation use thermistors only within the specified operating temperature range. use thermistors only within the specified power range. environmental conditions must not harm the thermistors. only use the thermistors under normal atmospheric conditions or within the specified conditions. contact of ntc thermistors with any liquids and solvents should be prevented. it must be ensured that no water enters the ntc thermistors (e.g. through plug terminals). for measurement purposes (checking the specified resistance vs. temperature), the component must not be immersed in water but in suitable liquids (e.g. perfluoropolyethers such as galden). avoid dewing and condensation unless thermistor is specified for these conditions. be sure to provide an appropriate fail-safe function to prevent secondary product damage caused by malfunction. this listing does not claim to be complete, but merely reflects the experience of epcos ag. temperature measurement and compensation b57621c5 smd ntc thermistors, case size 1206 (3216) standard series page 17 of 21 please read cautions and warnings and important notes at the end of this document.
symbols and terms symbol english german a area fl?che b b value b-wert b 25/100 b value determined by resistance measurement at 25 c and 100 c b-wert, ermittelt durch widerstands- messungen bei 25 c und 100 c c th heat capacitance w?rmekapazit?t i current strom n number (integer) anzahl (ganzzahliger wert) p 25 maximum power at 25 c maximale leistung bei 25 c p diss power dissipation verlustleistung p el electrical power elektrische leistung p max maximum power within stated temperature range maximale leistung im angegebenentemperaturbereich d r b /r b resistance tolerance caused by spread of b value widerstandstoleranz, die durch die streuung des b-wertes verursacht wird r ins insulation resistance isolationswiderstand r p parallel resistance parallelwiderstand r r rated resistance nennwiderstand d r r /r r resistance tolerance widerstandstoleranz r s series resistance serienwiderstand r t resistance at temperature t (e.g. r 25 = resistance at 25 c) widerstand bei temperatur t (z.b. r 25 = widerstand bei 25 c) t temperature temperatur d t temperature tolerance temperaturtoleranz t time zeit t a ambient temperature umgebungstemperatur t max upper category temperature obere grenztemperatur (kategorietemperatur) t min lower category temperature untere grenztemperatur (kategorietemperatur) t op operating temperature betriebstemperatur t r rated temperature nenntemperatur t surf surface temperature oberfl?chentemperatur v voltage spannung v ins insulation test voltage isolationsprfspannung v op operating voltage betriebsspannung v test test voltage prfspannung temperature measurement and compensation b57621c5 smd ntc thermistors, case size 1206 (3216) standard series page 18 of 21 please read cautions and warnings and important notes at the end of this document.
symbol english german a temperature coefficient temperaturkoeffizient d tolerance, change toleranz, ?nderung d th dissipation factor w?rmeleitwert t c thermal cooling time constant thermische abkhlzeitkonstante t a thermal time constant thermische zeitkonstante abbreviations / notes symbol english german surface-mounted devices oberfl?chenmontierbares bauelement * to be replaced by a number in ordering codes, type designations etc. platzhalter fr zahl im bestellnummern- code oder fr die typenbezeichnung. + to be replaced by a letter. platzhalter fr einen buchstaben. all dimensions are given in mm. alle ma?e sind in mm angegeben. the commas used in numerical values denote decimal points. verwendete kommas in zahlenwerten bezeichnen dezimalpunkte. temperature measurement and compensation b57621c5 smd ntc thermistors, case size 1206 (3216) standard series page 19 of 21 please read cautions and warnings and important notes at the end of this document.
the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical re- quirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application . as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incum- bent on the customer to check and decide whether an epcos product with the properties de- scribed in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified . in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or lifesaving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our ma- terial data sheets on the internet (www.epcos.com/material). should you have any more de- tailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the fore- going for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current ver- sion of the "general terms of delivery for products and services in the electrical in- dustry" published by the german electrical and electronics industry association (zvei) . important notes page 20 of 21
7. the trade names epcos, alu-x, ceradiode, ceralink, cerapad, ceraplas, csmp, cssp, ctvs, deltacap, digisimic, dssp, exocore, filtercap, formfit, leaxield, miniblue, minicell, mkd, mkk, motorcap, pcc, phasecap, phasecube, phasemod, phicap, pqsine, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, tfap, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks. important notes page 21 of 21


▲Up To Search▲   

 
Price & Availability of B57621C5103062

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X