Part Number Hot Search : 
12A01SS SMBJ100C C1411EPA LC104 N4732 W1206 1N540 DS21610
Product Description
Full Text Search
 

To Download ASM3P2590 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ASM3P2590a peak emi reducing solution ?2010 scillc. all rights reserved. p u blication order number: october 2010 C rev. 1.1 a sm3p2590/d features generates a 1x low emi optimized clock signal at t he output. integrated loop filter components. operates with a 3.3 / 2.5v supply. operating current less than 5ma. cmos design. input frequency range 60mhz to 120mhz for 2.5v 60mhz to 120mhz for 3.3v frequency deviation: 0.75% (typ) @ 85mhz output frequency. available in 6l-tsop (6l-tsot-23) package. product description the ASM3P2590a is a versatile spread spectrum fr equency modulator designed specifically for a wide range of clock frequencies. the ASM3P2590a reduces electromagnetic interference (emi) at the clock source, allowing system wide reduction of emi of all clock dependent signals. the ASM3P2590a allows significant system cost savings by reducing the number of circuit board layers, ferrite beads and shielding that are traditionally required to pass emi regulations. the ASM3P2590a uses the most efficient and optimized modulation profile approved by the fcc and is implemented by using a proprietary all digital method. the ASM3P2590a modulates the output of a single pll in order to spread the bandwidth of a synthesized clock, and more importantly, decreases the peak amplitudes of its harmonics. this result in significantly lower system emi compared to the typical narrow band signal produced by oscillators and most frequency generators. lowering emi by increasing a signals bandwidth is called spread spectrum clock generation. applications the ASM3P2590a is targeted towards all portable de vices with very low power requirements like mp3 players, mfp, lcd panel module and digital still cameras. key specifications description specification supply voltages vdd = 3.3v / 2.5v cycle-to-cycle jitter 360ps (typ) output duty cycle 45/55% modulation rate equation f in /2560 frequency deviation 0.75% (typ) @ 85mhz output block diagram modout vs s clkin frequency divider feedback divider modulation phase detector loop filter vco out put divider pll vdd sson
ASM3P2590a rev. 1 | page 2 of 7 | www.onsemi.com clkin sson 1 2 3 4 5 6 ASM3P2590a vdd modout vss nc pin configuration (6l-tsop package) pin description pin# pin name type description 1 sson i when sson is high, the spread spectrum is enabled and when low, it turns off the spread spectrum. connect the pin to ground when spread spectrum feature is not required. 2 nc - no connect. 3 clkin i clock input. 4 vdd p power supply for the entire chip. 5 modout o spread spectrum clock output. 6 vss p ground connection. m odulation profile specifications description specification frequency range for 2.5v supply 60mhz < clkin < 120mhz for 3.3v supply 60mhz < clkin < 120mhz modulation equation f in /2560 frequency deviation 0.75% (typ) @ 85mhz output
ASM3P2590a rev. 1 | page 3 of 7 | www.onsemi.com absolute maximum ratings symbol parameter rating unit vdd, v in voltage on any pin with respect to ground -0.5 to +4.6 v t stg storage temperature -65 to +125 c t a operating temperature -40 to +85 c t s max. soldering temperature (10 sec) 260 c t j junction temperature 150 c t dv static discharge voltage (as per jedec std22- a114-b) 2 kv note: these are stress ratings only and are not implied for functional use. exposure to absolute maximum ratings for prolonged periods of time may affect device reliability. operating conditions parameter description min max unit vdd supply voltage 2.375 3.6 v t a operating temperature (ambient temperature) 0 +70 c c l load capacitance 15 pf c in input capacitance 7 pf dc electrical characteristics for 2.5v supply symbol parameter min typ max unit v il input low voltage vss-0.3 0.8 v v ih input high voltage 2.0 vdd+0.3 v i il input low current -35 a i ih input high current 35 a v ol output low voltage (vdd = 2.5v, i ol = 8ma) 0.6 v v oh output high voltage (vdd = 2.5v, i oh = 8ma) 1.8 v idd static supply current 1 1.8 ma i cc dynamic supply current (2.5v, 85mhz and no load) 4.0 ma vdd operating voltage 2.375 2.5 2.625 v t on power-up time (first locked cycle after power-up) 5 ms z out output impedance 50 note: 1. clkin pin is pulled low.
ASM3P2590a rev. 1 | page 4 of 7 | www.onsemi.com ac electrical characteristics for 2.5v supply symbol parameter min typ max unit clkin input frequency 60 120 mhz modout output frequency 60 120 mhz f d frequency deviation input frequency = 60mhz 0.85 % input frequency = 120mhz 0.60 t lh 1 output rise time (measured from 0.7v to 1.7v) 0.7 1.8 2.6 ns t hl 1 output fall time (measured from 1.7v to 0.7v) 0.4 0.9 1.1 ns t jc jitter (cycle-to-cycle) 360 ps t d output duty cycle 45 50 55 % note: 1. t lh and t hl are measured into a capacitive load of 15pf. dc electrical characteristics for 3.3v supply symbol parameter min typ max unit v il input low voltage vss-0.3 0.8 v v ih input high voltage 2.0 vdd+0.3 v i il input low current -35 a i ih input high current 35 a v ol output low voltage (vdd = 3.3v, i ol = 8ma) 0.4 v v oh output high voltage (vdd = 3.3v, i oh = 8ma) 2.5 v idd static supply current 1 2.2 ma i cc dynamic supply current (3.3v, 85mhz and no load) 4.5 ma vdd operating voltage 3.0 3.3 3.6 v t on power-up time (first locked cycle after power-up) 5 ms z out output impedance 45 note: 1. clkin pin is pulled low. a c electrical characteristics for 3.3v supply symbol parameter min typ max unit clkin input frequency 60 120 mhz modout output frequency 60 120 mhz f d frequency deviation input frequency = 60mhz 0.85 % input frequency = 120mhz 0.60 t lh 1 output rise time (measured from 0.8 to 2.0v) 0.5 1.2 1.8 ns t hl 1 output fall time (measured at 2.0v to 0.8v) 0.3 0.8 1.1 ns t jc jitter (cycle-to-cycle) 360 ps t d output duty cycle 45 50 55 % note: 1. t lh and t hl are measured into a capacitive load of 15pf.
ASM3P2590a rev. 1 | page 5 of 7 | www.onsemi.com typical application schematic vss vdd 2.2f c2 modout modout clock ASM3P2590a 0.1f rs c1 vdd
ASM3P2590a rev. 1 | page 6 of 7 | www.onsemi.com package information 6 l-tsop package symbol dimensions inches millimeters min max min max a 0.04 1.00 a1 0.00 0.004 0.00 0.10 a2 0.033 0.036 0.84 0.90 b 0.012 0.02 0.30 0.50 h 0.005 bsc 0.127 bsc d 0.114 bsc 2.90 bsc b 0.06 bsc 1.60 bsc e 0.0374 bsc 0.950 bsc c 0.11 bsc 2.80 bsc l 0.0118 0.02 0.30 0.50 0 4 0 4
ASM3P2590a on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. typical parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including typicals must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. u.s patent pending; timing-safe and active bead are trademarks of pulsecore semiconductor, a wholly owned subsidiary of on semiconductor. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information literature fulfillment: literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone: 303-675-2175 or 800-344-3860 toll free usa/canada fax: 303-675-2176 or 800-344-3867 toll free usa/canada email: orderlit@onsemi.com n. american technical support: 800-282-9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81-3-5773-3850 on semiconductor website: www.onsemi.com order literature: http://www.onsemi.com/orderlit for additional information, please contact your local sales representative ordering information part number marking package type temperature p3p2590af-06or y4l 6l-tsop (6l-tsot-23), tape & reel, pb free 0c to +70c a microdot placed at the end of last row of marking or just below the last row toward the center of package indicates pb-free.


▲Up To Search▲   

 
Price & Availability of ASM3P2590

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X