Part Number Hot Search : 
LC864424 AD8015 ADC110TM CMD5D11 DQ2864H Z1117CM RF2045 LQ150X
Product Description
Full Text Search
 

To Download APXF6R3ARA221ME61G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount npcap tm - pxf series ? super low esr, impedance and high heat resistance have been obtained by using conductive polymer as electrolyte. ? rated voltage range : 2 to 10v dc , capacitance range : 120 to 1,000f ? case size range : 53.9l to 87.7l ? suitable for dc-dc converters, voltage regulators and decoupling applications used on computer motherboards etc. ? solvent resistant type (see precautions and guidelines) ? rohs compliant ? halogen free specifications items characteristics category temperature range -55 to +105 rated voltage range 2 to 10v dc capacitance tolerance 20% (m) (at 20 , 120hz) surge voltage rated voltage 1.15 (at 105 ) leakage current shall not exceed values shown in standard ratings. (at 20 after 2 minutes) dissipation factor (tan  ) 0.12 max. (at 20 , 120hz) low temperature characteristics (max. impedance ratio) z(-25 )/z(+20 ) Q 1.15 z(-55 )/z(+20 ) Q 1.25 (at 100khz) endurance the following speci?cations shall be satis?ed when the capacitors are restored to 20 after the rated voltage is applied for 15,000 hours (e40, e46, f45 : 3,000 hours ) at 105 . appearance no signi?cant damage capacitance change Q 20% of the initial value d.f. (tan ) Q 150% of the initial speci?ed value esr Q 150% of the initial speci?ed value leakage current Q the initial speci?ed value bias humidity the following speci?cations shall be satis?ed when the capacitors are restored to 20 after subjecting them to the dc rated voltage at 60 , 90 to 95% rh for 1,000 hours (e40, e46, f45 : 500 hours ) . appearance no signi?cant damage capacitance change Q 20% of the initial value d.f. (tan ) Q 150% of the initial speci?ed value esr Q 150% of the initial speci?ed value leakage current Q the initial speci?ed value surge voltage the capacitors shall be subjected to 1,000 cycles each consisting of charge with the surge voltage speci?ed at 105 for 30 seconds through a protective resistor(r=1k ) and discharge for 5 minutes 30 seconds. appearance no signi?cant damage capacitance change Q 20% of the initial value d.f. (tan ) Q 150% of the initial speci?ed value esr Q 150% of the initial speci?ed value leakage current Q the initial speci?ed value failure rate 0.5% per 1,000 hours maximum (con?dence level 60% at 105 ) *note : if any doubt arises, measure the leakage current after the following voltage treatment. voltage treatment : dc rated voltage is applied to the capacitors for 120 minutes at 105. dimensions [mm] 0.3max. w p d 0.5 b 0.2 c 0.2 a 0.2 terminal code : a l 0.3 (note) note : l+0.1/-0.2 for e40, e46 and f45 size code f61 f80 h70 h80 6.3 6.3 8 8 l 5.8 7.7 6.7 7.7 a 6.6 6.6 8.3 8.3 b 6.6 6.6 8.3 8.3 c 7.2 7.2 9.0 9.0 w 0.5 to 0.8 0.5 to 0.8 0.7 to 1.1 0.7 to 1.1 p 1.9 e61 5.8 5.3 5.3 5.9 0.5 to 0.8 1.4 1.9 3.1 3.1 d 5 f45 4.4 6.6 6.6 7.2 0.5 to 0.8 1.9 6.3 e46 4.5 5.3 5.3 5.9 0.5 to 0.8 1.4 5 e40 3.9 5.3 5.3 5.9 0.5 to 0.8 1.4 5 part numbering system supplement code size code capacitance tolerance code taping code terminal code voltage code (ex. 2.5v:2r5, 10v:100) series code category a p x f a r a g m 1 3 4 2 6 7 8 9 10 13 12 5 18 17 16 11 15 14 p leas e r e f e r t o "product c ode guide (conducti v e polyme r type) " capacitance code (ex. 330f:331, 1,000 f:102) lower esr pxf pxe p40 marking f 69a 390 2.5 v ex) 2.5v390f 38 product specifications in this catalog are subject to change without notice.request our product specifications before purchase and/or use. please use our products based on the information contained in this catalog and product specifications. cat. no. e1001q conductive polymer aluminum solid capacitors
surface mount npcap tm - pxf series standard ratings wv (v dc ) cap (f) size code leakage current (a max./after 2min.) esr (m 
max./20 ? , 100k to 300khz) rated ripple current (marms/105 ? , 100khz) part no. 2 680 f61 700 12 3,500 apxf2r0ara681mf61g 2.5 220 e40 700 12 3,300 apxf2r5ara221me40g 220 e46 700 25 2,100 apxf2r5ara221me46g 330 e61 700 10 3,900 apxf2r5ara331me61g 330 f45 700 12 3,500 apxf2r5ara331mf45g 390 e61 700 10 3,900 apxf2r5ara391me61g 390 f61 292 10 3,900 apxf2r5ara391mf61g 470 f80 352 9 4,200 apxf2r5ara471mf80g 560 f61 700 10 3,900 apxf2r5ara561mf61g 560 f80 420 9 4,200 apxf2r5ara561mf80g 560 h70 420 10 4,500 apxf2r5ara561mh70g 680 h70 510 10 4,500 apxf2r5ara681mh70g 1,000 h80 750 9 4,500 apxf2r5ara102mh80g 4 330 f61 396 10 3,900 apxf4r0ara331mf61g 390 f80 468 9 4,200 apxf4r0ara391mf80g 470 h70 564 10 4,500 apxf4r0ara471mh70g 560 h70 672 10 4,500 apxf4r0ara561mh70g 680 h80 816 9 4,500 apxf4r0ara681mh80g 6.3 150 e40 700 20 2,700 apxf6r3ara151me40g 150 e46 700 25 2,100 apxf6r3ara151me46g 150 e61 700 12 3,500 apxf6r3ara151me61g 220 e61 700 12 3,500 APXF6R3ARA221ME61G 220 f61 415 10 3,900 apxf6r3ara221mf61g 270 f80 510 9 4,200 apxf6r3ara271mf80g 330 f61 700 10 3,900 apxf6r3ara331mf61g 330 f80 623 9 4,200 apxf6r3ara331mf80g 330 h70 623 10 4,500 apxf6r3ara331mh70g 390 h70 737 10 4,500 apxf6r3ara391mh70g 470 h80 888 9 4,500 apxf6r3ara471mh80g 560 h80 1,050 9 4,500 apxf6r3ara561mh80g 10 120 e61 240 22 2,600 apxf100ara121me61g 270 f61 540 20 2,800 apxf100ara271mf61g 39 product specifications in this catalog are subject to change without notice.request our product specifications before purchase and/or use. please use our products based on the information contained in this catalog and product specifications. cat. no. e1001q conductive polymer aluminum solid capacitors


▲Up To Search▲   

 
Price & Availability of APXF6R3ARA221ME61G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X