Part Number Hot Search : 
CYHME301 80952 F405K APTGT5 1N5188E3 3843AM 0820A PIC12HV
Product Description
Full Text Search
 

To Download AC1218DR-0710RL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data she e t thick film chip resi stors automotive grade ac series 5%, 1%, 0.5% sizes 0201/0402/0603/0805/1206/ 1210/1218/2010/2512 rohs compliant & halogen f ree product s pecification C june 20, 2017 v.6
chip resistor su r f ac e mount www.yageo.com jun. 20, 2017 v.6 product specification 2 12 series ac 0201 to 2512 ordering information - global part number part number is identified by the serie s name , size, tolerance, packaging type , temperature coefficient, t aping reel and resistance value. s cope this specification describes ac 0 201 to ac2512 chip resistors with lead - free terminations made by th ick film process. applications ? all general purpose applications ? car electronics, industrial application features ? aec - q200 qualified ? moisture sensitivity level: msl 1 ? ac series soldering is compliant with j - std - 020d ? halogen free epoxy ? rohs compliant - products with lead - free terminations meet rohs requirements - pb - glass contained in electrodes, resistor element and glass are exempted by rohs ? reduce environmentally hazardous waste ? high component and equipment reliability ? the resistors are 100% performed by automatic optical inspection prior to taping . o rdering example the ordering code for an ac0402 chip resistor, value 100 k with 1 % tolerance, supplied i n 7 - inch tape reel is: ac0402fr - 07 100k l . n ote 1. all our r - chip products are rohs compliant and halogen f ree. "lfp" of the internal 2d reel label states "l ead - f ree process" . 2. on customized label, "lfp" or specific symbol can be printed . 3 . ac s eries with 0.5% tolerance is also available. for further information, please contact sales . resistance rule of global part number resistance coding rule example xrxx (1 to 9.76 ) 1r = 1 1r5 = 1.5 9r76 = 9.76 xxrx ( 10 to 97.6 ) 10r = 10 97r6 = 97.6 xxxr ( 10 0 to 976 ) 100r = 100 976r = 976 xkxx (1 to 9.76 k ) 1k = 1,000 9k76 = 9760 xmxx (1 to 9.76 m ) 1m = 1,000,000 9m76= 9,760,000 xxmx (10 m ) 10m = 10,000,000 global part number ac xxxx x x x xx xxxx l ( 1 ) ( 2 ) ( 3 ) ( 4 ) ( 5 ) ( 6 ) ( 7 ) ( 1 ) size 0201/ 0402 / 0603 / 0805 / 1206 / 1210 / 1218 / 2010 / 2512 ( 2 ) tolerance d = 0.5% f = 1% j = 5% (for jumper ordering, use code of j) ( 3 ) packaging t ype r = paper taping reel k = embossed taping reel ( 4 ) temperature coeffici ent of resistance C = b ase on spec ( 5 ) ta ping reel 07 = 7 inch d ia. r eel 10 = 10 inch dia. reel 13 = 13 inch d ia. r eel 7w = 7 inch dia. reel & 2 x standard power ( 6 ) resistance v alue 1 to 22 m there are 2~4 digits indicated the resistance value. letter r/k/m is decimal point, no need to mention the last zero after r/k/m, e.g. 1k2 , not 1k20 . detailed coding rules of resistance are shown in the table of resistance rule of global part number . ( 7 ) default code letter l is the system default code for ordering only . (note)
chip resistor su r f ac e mount www.yageo.com jun. 20, 2017 v.6 product specification 3 12 series ac 0201 to 2512 marking ac0201 / ac 0402 no marking ac0603 / ac0805 / ac 1206 / ac1210 / ac20 10 / ac2512 e - 24 series: 3 digits, 5 % first two digits for significant figure and 3rd digit for number of zeros ac0603 e - 24 series : 3 digits , 1% & 0.5% o ne short bar under marking letter e - 96 series: 3 digits , 1% & 0.5% first two digits for e - 96 marking rule and 3rd letter for number of zeros ac0805 / ac1206 / ac 1210 / ac2010 / ac25 12 both e - 24 and e - 96 series: 4 digits , 1% & 0.5% first three digits for significant figure and 4th digit for number of zeros ac1218 e - 24 series: 3 digits, 5% first two digits for significant figure and 3rd digit for number of zeros both e - 24 and e - 96 series: 4 digits, 1% & 0.5% first three digits for significant figure and 4th digit for number of zeros note for further marking information, please refer to data sheet chip resistors marking . marking of a c s eries is the same as rc s eries . fig. 5 value = 10 k fig. 1 fig. 6 value = 10 k fig. 2 value=10 k fig. 3 value = 24 fig. 4 value = 12.4 k fig. 7 value = 10 k 03 0 00
chip resistor su r f ac e mount www.yageo.com jun. 20, 2017 v.6 product specification 4 12 series ac 0201 to 2512 fig. 8_1 chip resistor outlines o o u u t t l l i i n n e e s s construction the resistors are constructed on top of an automotive grade ceramic body. internal metal electrodes are added at each end and connected by a resistive glaze . the resistive glaze is covered by a protective glass. the composition of the glaze is adjusted to give the approximately required resistance value and laser trimming of this resistive glaze achieves the value within tolerance. the whole element is covered by a protective overcoat. size 0603 and bigger is marked with the resistance value on top. finally, the two external terminations (ni / matte tin) are added, as shown in fig. 8 . fig. 8_2 ac2010/ 2512 double power chip resistor outlines for dimension, please refer to table 1 0603/0805/1206/ 1210/ 2010 /2512 ac1218 side view for all type ac0201/0402 fig. 9 chip resistor dimensions type l ( mm ) w ( mm ) h ( mm ) i 1 ( mm ) i 2 ( mm ) ac0201 0.60 0.03 0.30 0.03 0.23 0.03 0.12 0.05 0.15 0.05 ac0402 1.00 0. 05 0.50 0. 05 0.32 0. 05 0. 20 0. 10 0. 2 5 0. 10 ac0603 1.60 0. 10 0.80 0. 10 0.45 0. 10 0. 25 0. 15 0. 2 5 0. 15 ac 0 805 2 . 0 0 0. 10 1.25 0. 10 0.5 0 0. 10 0. 35 0. 20 0. 3 5 0. 20 ac1206 3.10 0. 10 1.60 0. 10 0.5 5 0. 10 0. 45 0. 20 0. 40 0. 20 ac1210 3.10 0.10 2.60 0.15 0.5 5 0.10 0.45 0.15 0.50 0.20 ac1218 3.10 0.10 4.60 0.10 0.55 0.10 0.45 0.20 0.40 0.20 ac2010 5.00 0.10 2.50 0.15 0.55 0.10 0.55 0.15 0.50 0.20 ac2512 6.35 0.10 3.10 0.15 0.55 0.10 0.60 0.20 0.50 0.20 table 1 for outlines, please refer to fig. 9 dimensions o v e rc o a t p r o t e c t i v e gl a ss r e s i s t i v e l a y e r (j u m p e r c hi p i s a c ond u c t o r) inn e r el e c t r o d e t e rm in a t io n ( n i / m a t t e t i n ) c e r a m i c s u b s t r a t e m a rk in g l a y e r inn e r el e c t r o d e ynsc088 o v e rc oa t p r o t e c t i v e gla ss r e s i s t i v e la y e r (j u m pe r c hip i s a c ondu c t o r) inne r ele c t r od e t e rm ina t ion ( ni / m a tt e t in ) c e r a m i c s ub s t r a t e m a rk ing la y e r inne r ele c t r od e ynsc088_1
chip resistor su r f ac e mount www.yageo.com jun. 20, 2017 v.6 product specification 5 12 series ac 0201 to 2512 type power characteristics operating temperature range max. working voltage max. overload voltage dielectric withstanding voltage resistance range temperature coeffic i ent jumpe r criteria ac0201 1/20 w C 55 c to 155 c 25v 50v 50v 5% (e24) 1 r 10m 1% (e24/e96) 1 r 10m 0.5% (e24/e96) 10 r 1m jumper<50m 1 r 10 - 100/+350ppm 10 < r 10m 200ppm rated current 0.5a maximum current 1.0a ac0402 1/16 w C 55 c to 155 c 50v 100v 100v 5% (e24) 1 r 22m 0.5%, 1% (e24/e96) 1 r 10m jumper<50m 1 r 10 200ppmc 10 < r 10m 100ppmc 10m < r 22m 200ppmc rated current 1a maximum current 2a 1/8w C 55 c to 155 c 50v 100v 100v 5% (e24) 1 r 10m 0.5%, 1% (e24/e96) 1 r 10m 1 r 10 200 ppmc 10 < r 10m 100 ppmc ac0603 1/10 w C 55 c to 155 c 75v 150v 150v 5% (e24) 1 r 22m 0.5%, 1% (e24/e96) 1 r 10m jumper<50m 1 r 10 200ppmc 10 < r 10m 100ppmc 10m < r 22m 200ppmc rated current 1a maximum current 2a 1/5 w C 55 c to 155 c 75v 150v 150v 5% (e24) 1 r 10m 0.5%, 1% (e24/e96) 1 r 10m 1 r 10 200 ppmc 10 < r 10m 100 ppmc electrical character istics table 2
chip resistor su r f ac e mount www.yageo.com jun. 20, 2017 v.6 product specification 6 12 series ac 0201 to 2512 type power characteristics operating temperature range max. working voltage max. overload voltage dielectric withstanding voltage resistance range temperature coeffic i ent jumpe r criteria ac0805 1/8 w C 55 c to 155 c 150v 300v 300v 5% (e24) 1 r 22 m 0.5%, 1% (e24/e96) 1 r 10m jumper < 50m 1 r 10 200ppmc 10 < r 10m 100ppmc 10m < r 22m 200ppmc rated current 2a maximum current 5a 1/4 w C 55 c to 155 c 150v 300v 300v 5% (e24) 1 r 10m 0.5%, 1% (e24/e96) 1 r 10m 1 r 10 200 ppmc 10 < r 10m 100 ppmc ac1206 1/4 w C 55 c to 155 c 200v 400v 500v 5% (e24) 1 r 22m 0.5%, 1% (e24/e96) 1 r 10m jumper<50m 1 r 10 200ppmc 10 < r 10m 100ppmc 10m < r 22m 200ppmc rated current 2a maximum current 10a 1/2 w C 55 c to 155 c 200v 400v 500v 5% (e24) 1 r 10m 0.5%, 1% (e24/e96) 1 r 10m 1 r 10 200 ppmc 10 < r 10m 100 ppmc ac1210 1/2 w C 55 c to 155 c 200v 500v 500v 5% (e24) 1 r 22m 0.5%, 1% (e24/e96) 1 r 10m jumper<50m 1 r 10 200ppmc 10 < r 10m 100ppmc 10m < r 22m 200ppmc rated current 2a maximum current 10a 1 w C 55 c to 155 c 200v 500v 500v 5% (e24) 1 r 10m 0.5%, 1% (e24/e96) 1 r 10m 1 r 10 200 ppmc 10 < r 10m 100 ppmc
chip resistor su r f ac e mount www.yageo.com jun. 20, 2017 v.6 product specification 7 12 series ac 0201 to 2512 type power characteristics operating temperature range max. working voltage max. overload voltage dielectric withstanding voltage resistance range temperature coeffic i ent jumpe r criteria ac1218 1 w C 55 c to 155 c 200v 500v 500v 5% (e24) 1 r 1m 0.5%, 1% (e24/e96) 1 r 1m jumper<50m 1 r 10 200ppmc 10 < r 1 m 100ppmc rated current 6a maximum current 10a 1.5w C 55 c to 155 c 200v 500v 500v 5% (e24) 1 r 1m 0.5%, 1% (e24/e96) 1 r 1m 1 r 10 200 ppmc 10 < r 1 m 100 ppmc ac2010 3/4 w C 55 c to 155 c 200v 500v 500v 5% (e24) 1 r 22m 0.5%, 1% (e24/e96) 1 r 10m jumper<50m 1 r 10 200ppmc 10 < r 10m 100ppmc 10m < r 22m 200ppmc rated current 2a maximum current 10a 1. 2 5w C 55 c to 155 c 200v 500v 500v 5% (e24) 1 r 10m 0.5%, 1% (e24/e96) 1 r 10m 1 r 10 200 ppmc 10 < r 10m 100 ppmc ac2512 1 w C 55 c to 155 c 200v 500v 500v 5% (e24) 1 r 22m 0.5%, 1% (e24/e96) 1 r 10m jumper<50m 1 r 10 200ppmc 10 < r 10m 100ppmc 10m < r 22m 200ppmc rated current 2a maximum current 10a 2 w C 55 c to 155 c 200v 4 00v 5 00v 5% (e24) 1 r 10m 0.5%, 1% (e24/e96) 1 r 10m 1 r 10 200 ppmc 10 < r 10m 100 ppmc
chip resistor su r f ac e mount www.yageo.com jun. 20, 2017 v.6 product specification 8 12 series ac 0201 to 2512 functional descripti on o o p p e e r r a a t t i i n n g g t t e e m m p p e e r r a a t t u u r r e e r r a a n n g g e e range: C 5 5 c to +1 5 5 c p p o o w w e e r r r r a a t t i i n n g g each type rated power at 7 0 c: ac0201=1/20w (0.05w) ac0402=1/16w (0.0625w) ; 1 /8w (0.125w) ac0603 = 1/10w (0.1w); 1/5w (0.2w) ac0805 = 1/8w (0.125w); 1/4 w(0.25 w) ac1206 = 1/4w (0.25w); 1/2 w (0.5 w) ac1210 = 1/2w (0.5w); 1w ac1218 = 1w; 1.5w ac2010 = 3/4w (0.75w); 1.25w ac2512 = 1 w; 2w r ated v oltage the dc or ac (rms) continuous working voltage corresponding to the rated power is determined by the following formula: v = or m ax imum w orking v oltage whichever is less where v = continuous rated dc or ac ( rms ) working voltage ( v ) p = rated power ( w ) r = resistance value ( ) fig. 10 maximum dissipation (p max ) in percentage of rated power as a function of the operating ambient temperature (t amb ) footprint and solder ing profiles recommended footprint and soldering profiles of ac - s eries is the same as rc - s eries. please refer to data sheet chip resistors mounting. r esistance range temperature c oefficient of resistance pt 0 40 2 100 m to 910 m 100 m 2 00 ppm/ c pt 060 3 2 00 ppm/ c pt 0 80 5 2 00 ppm/ c pt120 6 100 m pt201 0 1 00 ppm/ c 75 ppm / c pt251 2 1 00 ppm/ c 75 ppm/ c packing style reel dimension ac0201 ac 0 4 0 2 ac 0603 ac 0 8 0 5 ac1206 ac1210 ac1218 ac2010 ac2512 paper taping reel (r) 7" (178 mm) 10,000 10,000 5,000 5,000 5,000 5,000 --- --- --- 10" (254 mm) 20,000 20,000 10,000 1 0,000 1 0,000 1 0,000 --- --- --- 13 " ( 330 mm) 50,000 50,000 20,000 20,000 20,000 20,000 --- --- --- embossed taping reel ( k ) 7" (178 mm) --- --- --- --- --- --- 4,000 4,000 4,000 note 1. for paper/embossed tape and reel specifications / dimensions , please refer to data sheet chip resistors p acking . packing style and pa ckaging quantity table 3 packing style and packaging quantity ) pxr (
chip resistor su r f ac e mount www.yageo.com jun. 20, 2017 v.6 product specification 9 12 series ac 0201 to 2512 tests and requiremen ts test test method procedure requirements high temperature exposure aec - q200 test 3 mil - std - 202 method 108 1,000 hours at t a = 1 5 5 c, unpowered (1.0%+0.05 ? ) for d/f tol (2.0%+0.05 ? ) for j tol < 50 m ? for jumper moisture resistance aec - q200 test 6 mil - std - 202 method 106 each temperature / humidity cycle is defined at 8 hours (method 106f), 3 cycles / 24 h ours for 10d . with 25 c / 65 c 95% r.h, without steps 7a & 7b, u npowered (0.5%+0.05 ? ) for d/f tol (2.0%+0.05 ? ) for j tol < 100 m ? for jumper biased humidity aec - q200 test 7 mil - std - 202 method 10 3 1,000 hours ; 8 5 c / 8 5% rh 10% of operating power measurement at 24 4 hours after test conclusion. (1.0%+0.05 ? ) for d/f tol (3.0%+0.05 ? ) for j tol < 100 m ? for jumper operational life aec - q200 test 8 mil - std - 202 method 108 1,000 hours at 125 c, derated voltage applied for 1.5 hours on, 0.5 hour off, still - air required (1.0%+0.05 ? ) for d/f tol (3.0%+0.05 ? ) for j tol < 100 m ? for jumper resistance to soldering heat aec - q200 test 15 mil - std - 202 method 21 0 condition b, no pre - heat of samples lead - free solder, 2 6 0 5 c, 10 1 s econds immersion time procedure 2 for smd: devices fluxed and cleaned with isopropanol (0.5%+0.05 ? ) for d/f tol (1.0%+0.05 ? ) for j tol < 50 m ? for jumper no visible damage thermal shock aec - q200 test 16 mil - std - 202 method 107 - 55/+125 c number of cycles is 300. devices mounted maximum transfer time is 20 seconds. dwel l time is 15 minutes. air C air (0.5%+0.05 ? ) for d/f tol (1.0%+0.05 ? ) for j tol < 50 m ? for jumper esd aec - q200 test 17 aec - q200 - 002 human body model, 1 pos. + 1 neg. discharges 0201: 500v 0402/0603: 1kv 0805 and above: 2kv (3.0%+0.05 ? ) < 50 m ? for jumper table 4 test condition, procedure and requirements
chip resistor su r f ac e mount www.yageo.com jun. 20, 2017 v.6 product specification 10 12 series ac 0201 to 2512 test test method procedure requirements solderability - wetting aec - q200 test 18 j - std - 002 electrical test not required magnification 5 0x smd c onditions: (a) m ethod b, aging 4 h ours at 155 c dry heat, dipping at 235 3 c for 5 0.5 seconds. (b) m ethod b, steam aging 8 hours, dipping at 215 3 c for 5 0.5 seconds. (c) method d, steam aging 8 hours, dipping at 260 3 c for 7 0.5 seconds. well tinned ( 95% covered) no visible damage board flex aec - q200 test 21 aec - q200 - 005 chips mounted on a 90mm glass epoxy resin pcb (fr4) bending for 0201/ 0402: 5 mm 0603/0805: 3 mm 1206 and above: 2 mm holding time: minimum 60 seconds (1.0%+0.05 ? ) < 50 m ? for jumper temperature coefficient of resistance (t.c.r.) mil - std - 202 method 304 at +25/ C 55 c and +25/+125 c refer to table 2 f ormula : t.c.r= ------------------------- 10 6 (ppm/ c) where t 1 =+ 25 c or specified room temperature t 2 = C 55 c or + 125 c test temperature r 1 = resistance at reference temperature in ohms r 2 = resistance at test temperature in ohms short t ime o verload iec601 1 5 - 1 4 .13 2.5 times of rated voltage or maximum overload voltage whichever is less for 5 sec at room temp erature (1.0%+0.05 ? ) for d/f tol (2.0%+0.05 ? ) for j tol < 50 m ? for jumper fos astm - b - 809 - 95 sulfur (saturated vapor) 500 hours, 60 2 , u npowered ( 1.0%+0.05 ? ) r 2 C r 1 r 1 (t 2 C t 1 )
chip resistor su r f ac e mount www.yageo.com jun. 20, 2017 v.6 product specification 11 12 series ac 0201 to 2512 revision history revision date change notification description version 6 may 31, 2017 - - add 10" packing version 5 dec. 07, 2015 - - a dd in ac double power version 4 may 25, 2015 - - remove 7d packing - extend resistance range - add in ac0201 - update fos test and requirements version 3 feb 13, 2014 - - feature description updated - add 0.5% - delete 10" taping reel version 2 feb. 10, 2012 - - jumper c riteria added - ac1218 marking and outline figure updated version 1 feb. 01, 2011 - - case size 1210, 1218, 2010, 2512 extended - test method and procedure updated - packing style of 7d added version 0 nov. 10, 2010 - - first issue of this specification
chip resistor su r f ac e mount www.yageo.com jun. 20, 2017 v.6 product specification 12 12 series ac 0201 to 2512 legal disclaimer yageo, its distributors and agents (collectively, yageo ), hereby disclaims any and all liabilities for any errors, inaccuracies or incompleteness contained in any product related information, including but not limited to product specifications, datasheets, pictures and/or graphics. yageo may make changes, mod ifications and/or improvements to product related information at any time and without notice. yageo makes no representation, warranty, and/or guarantee about the fitness of its products for any particular purpose or the continuing production of any of its products. to the maximum extent permitted by law, yageo disclaims (i) any and all liability arising out of the application or use of any yageo product, (ii) any and all liability, including without limitation special, consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for a particular purpose, non - infringement and merchantability. yageo statements regarding the suitability of products for certain types of applications are based on yageos knowledge of typical operating conditions for such types of applications in a generic nature. such statements are neither binding statements of yageo nor intended to constitute any warranty concerning the suitability for a specific customer application or use. they are intended for use only by customers with requisite knowledge and experience for determining whether yageo products are the correct products for their application or use. in addition, unpredicatable and isolated cases of product failure may st ill occur, therefore, customer application or use of yageo products which requires higher degree of reliability or safety, shall employ additional protective safeguard measures to ensure that product failure would not result in personal injury or property damage. yageo products are not designed for application or use in medical, life - saving, or life - sustaining devices or for any other application or use in which the failure of yageo products could result in personal injury or death. customers using or sel ling yageo products not expressly indicated for above - mentioned purposes shall do so at their own risk and agree to fully indemnify yageo and hold yageo harmless. information provided here is intend ed to indicate product specifications only. yageo reserve s all the rights for revising this content without further notification, as long as products are unchanged. any product change will be announced by pcn.


▲Up To Search▲   

 
Price & Availability of AC1218DR-0710RL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X