Part Number Hot Search : 
012GN01 13006 35390 74LS24 20008H FRD2815Z PT27311 MMBT2907
Product Description
Full Text Search
 

To Download AA1218DR-07100RL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data she e t anti - sulfurated chip resi stors automotive grade a a series 5%, 1%, 0.5% sizes 0201/0402/0603/0805/1206/ 1210/1218/2010/2512 rohs compliant & halogen f ree product s pecification C december 08, 2015 v. 3
chip resistor su r f ac e mount www.yageo.com dec. 08, 2015 v. 3 produ ct specification 2 10 series a a 0 201 to 2512 o o r r d d e e r r i i n n g g i i n n f f o o r r m m a a t t i i o o n n - - g g l l o o b b a a l l p p a a r r t t n n u u m m b b e e r r part number is identified by the serie s name , size, tolerance, packaging type , temperature coefficient, t aping reel and resistance value. s s c c o o p p e e this specification describes a a 0 201 to a a 2512 chip resistors with lead - free terminations made by th ick film process. a a p p p p l l i i c c a a t t i i o o n n s s ? car electronics ? engine control unit ? body control system ? safety devices f f e e a a t t u u r r e e s s ? superior resista nce against sulfur containing atmosphere ? aec - q200 qualified ? moisture sensitivity level: msl1 ? a a series soldering is compliant with j - std - 020d ? halogen free epoxy ? rohs compliant ? reduce environmentally hazardous waste ? high component and equipment reliability ? the resistors are 100% performed by automatic optical inspection o rdering example the ordering code for an a a 0402 chip resistor, value 100 k n ote 1. all our r - chip products are rohs compliant and halogen f ree. "lfp" of the internal 2d reel label states "l ead - f ree process" . 2. on customized label, "lfp" or specific symbol ca n be printed . resistance rule of global part number resistance coding rule example xrxx (1 to 9.76 ) 1r = 1 1r5 = 1.5 9r76 = 9.76 xxrx ( 10 to 97.6 ) 10r = 10 97r6 = 97.6 xxxr ( 10 0 to 976 ) 100r = 100 976r = 976 xkxx (1 to 9.76 k ) 1k = 1,000 9k76 = 9760 xmxx (1 to 9.76 m ) 1m = 1,000,000 9m76= 9,760,000 xxmx (10 m ) 10m = 10,000,000 global part number a a xxxx x x x xx xxxx l ( 1 ) ( 2 ) ( 3 ) ( 4 ) ( 5 ) ( 6 ) ( 7 ) ( 1 ) size 0201 / 0402 / 0603 / 0805 / 1206 / 1210 / 1218 / 2010 / 2512 ( 2 ) tolerance d = 0.5 % f = 1% j = 5% (for jumper ordering, use code of j) ( 3 ) packaging t ype r = paper/pe taping reel k = embossed taping reel ( 4 ) temperature coeffici ent of resistance C = b ase on spec ( 5 ) ta ping reel 07 = 7 inch d ia. r eel 13 = 13 inch d ia. r eel ( 6 ) resistance v alue 1 to 10 m there are 2~4 digits indicated the resistance value. letter r/k/m is decimal point, no need to mention the last zero after r/k/m, e.g. 1k2 , not 1k20 . ( 7 ) default code letter l is the system default code for ordering only . (note)
chip resistor su r f ac e mount www.yageo.com dec. 08, 2015 v. 3 produ ct specification 3 10 series a a 0 201 to 2512 m m a a r r k k i i n n g g aa0201 / aa 0402 no marking aa 0603 / aa 0805 / aa 1206 / aa 1210 / aa 2010 / aa 2512 e - 24 seri es: 3 digits, 5 % first two digits for significant figure and 3rd digit for number of zeros aa 0603 e - 24 series : 3 digits , 1% o ne short bar under marking letter e - 96 series: 3 digits , 1% first two digits for e - 96 marking rule and 3rd letter for num ber of zeros aa 0805 / aa 1206 / aa 1210 / aa 2010 / aa 2512 both e - 24 and e - 96 series: 4 digits , 1% first three digits for significant figure and 4th digit for number of zeros aa 1218 e - 24 series: 3 digits, 5% first two digits for significant figure a nd 3rd digit for number of zeros both e - 24 and e - 96 series: 4 digits, 1% first three digits for significant figure and 4th digit for number of zeros note for further marking information, please refer to data sheet chip resistors marking . marking of aa s eries is the same as rc s eries . fig. 2 value=10 k fig. 3 value = 24 fig. 5 value = 10 k fig. 4 value = 12.4 k fig. 1 fig. 6 value = 10 k fig. 7 value = 10 k
chip resistor su r f ac e mount www.yageo.com dec. 08, 2015 v. 3 produ ct specification 4 10 series a a 0 201 to 2512 fig. 8 chip resistor outlines o o u u t t l l i i n n e e s s c c o o n n s s t t r r u u c c t t i i o o n n the resistors are constructed on top of an automotive grade ceramic body. internal metal electrodes are added at each end an d connected by a resistive glaze . the resistive glaze is covered by a lead - free glass. the composition of the glaze is adjusted to give the approximately required resistance value and laser trimming of this resistive glaze achieves the value within toleran ce. the whole element is covered by a protective overcoat. size 0603 and bigger is marked with the resistance value on top. finally, the two external terminations (ni / matte tin) are added, as shown in fig. 8 . a a 1218 fig. 9 chip resistor dimensions for dimension, please refer to table 1 aa 0603/0805/1206/ 1210/2010/2512 sid e view for all type aa0201 / aa0402 type l ( mm ) w ( mm ) h ( mm ) i 1 ( mm ) i 2 ( mm ) aa0201 0.60 0. 03 0.30 0. 03 0. 23 0. 0 3 0. 12 0. 05 0. 1 5 0. 05 aa0402 1.00 0. 05 0.50 0. 0 5 0.32 0. 05 0.20 0.10 0. 2 5 0. 10 aa0603 1.60 0. 10 0.80 0. 10 0.45 0. 10 0.25 0.15 0. 2 5 0. 15 aa 0 805 2 . 0 0 0. 10 1.25 0. 10 0.5 0 0. 10 0.35 0.20 0. 3 5 0. 20 aa1206 3.10 0. 10 1.60 0. 10 0.5 5 0. 10 0.45 0.20 0. 40 0. 20 aa1210 3.10 0.10 2.60 0.15 0 .50 0.10 0.45 0.15 0.50 0.20 aa1218 3.10 0.10 4.60 0.10 0.55 0.10 0.45 0.20 0.40 0.20 aa2010 5.00 0.10 2.50 0.15 0.55 0.10 0.55 0.15 0.50 0.20 aa 2512 6.35 0.10 3.10 0.15 0.55 0.10 0. 6 0 0.20 0.50 0.20 table 1 for outlines, please refer to fig. 9 d d i i m m e e n n s s i i o o n n s s
chip resistor su r f ac e mount www.yageo.com dec. 08, 2015 v. 3 produ ct specification 5 10 series a a 0 201 to 2512 type resistance range characteristics operating temperature range max. working voltage max. overload voltage dielectric withstanding voltage temperature coefficient of resistance jumper criteria aa0201 5% (e24) 1 r 22m (0201: max. 10 m . 1218: max. 1m ) 0.5%, 1% (e24/e96) 1 r 10m (1218: max. 1m ) jumper < 50m C 55 c to +1 5 5 c 25v 50 v 50v 1 r 10 , - 100/+ 400 ppm/c 10 < r 10 m , 30 0 ppm/c rated current 0.5a max. current 1.0a aa0402 5 0 v 1 00 v 1 00 v 1 r 10 , 200 ppm/c 10 < r 10 m , 1 5 0 ppm/c 10 m < r 22 m , 20 0 ppm/c rated current 1a max . current 2a aa0603 75 v 15 0 v 1 5 0 v rated current 1a max . current 2a aa0805 15 0 v 3 00 v 3 00 v rated current 2a max . current 5a aa1206 2 00 v 4 00 v 5 00 v rated current 2a max . current 10a aa1210 2 00 v 5 00 v 5 00 v rated current 2a max . current 10a aa1218 2 00 v 5 00 v 5 00 v rated current 6a max . current 10a aa2010 2 00 v 5 00 v 5 00 v rated current 2a max . current 10a aa2512 2 00 v 5 00 v 5 00 v rated current 2a max . current 10a e e l l e e c c t t r r i i c c a a l l c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s table 2
chip resistor su r f ac e mount www.yageo.com dec. 08, 2015 v. 3 produ ct specification 6 10 series a a 0 201 to 2512 f f u u n n c c t t i i o o n n a a l l d d e e s s c c r r i i p p t t i i o o n n o o p p e e r r a a t t i i n n g g t t e e m m p p e e r r a a t t u u r r e e r r a a n n g g e e range: - 5 5 c to +1 5 5 c p p o o w w e e r r r r a a t t i i n n g g each type rated power at 7 0 c: aa020 1=1/20w (0.05w) aa 0402=1/16 w (0.0625w) aa 0603 = 1/10 w (0.1w) aa 0805 = 1/8 w (0.125w) aa 1206 = 1/4 w (0.25w) aa 1210 = 1/2 w (0.5w) aa 1218 = 1 w aa 2010 = 3/4 w (0.75w) aa 2512 = 1 w r ated v oltage the dc or aa (rms) continuous working voltage corresponding to the rated po wer is determined by the following formula: v = ( p x r ) or m ax imum w orking v oltage whichever is less where v = continuous rated dc or aa ( rms ) working voltage ( v ) p = rated power ( w ) r = resistance value ( ) f f o o o o t t p p r r i i n n t t a a n n d d s s o o l l d d e e r r i i n n g g p p r r o o f f i i l l e e s s recommended footprint and soldering profiles. please refer to data sheet chip resistors mounting. r r e e s s i i s s t t a a n n c c e e r r a a n n g g e e temperature c oefficient of resistance pt 0 40 2 100 m to 910 m 100 m 2 00 ppm/ c pt 060 3 2 00 ppm/ c pt 0 80 5 2 00 ppm/ c pt120 6 100 m pt201 0 1 00 ppm/ c 75 ppm/ c pt251 2 1 00 ppm/ c 75 ppm/ c pa c king style reel dimension aa0201 aa 0 4 0 2 aa 0603 aa 0 8 0 5 aa1206 aa1210 aa1218 aa2010 aa2512 paper/pe taping reel (r) 7" (178 mm) 10,000 10,000 5,000 5,000 5,000 5,000 --- --- --- 13 " ( 330 mm) 50,000 50,000 20,000 20,000 20,000 20,000 --- --- --- embossed taping reel ( k ) 7" (178 mm) --- --- --- --- --- --- 4,000 4,000 4,000 note 1. for paper/pe/embossed tape and reel specifications / dimensions , please refer to data sheet chip resistors p acking . p p a a c c k k i i n n g g s s t t y y l l e e a a n n d d p p a a c c k k a a g g i i n n g g q q u u a a n n t t i i t t y y table 3 packing style and packaging quantity fig. 10 ma ximum dissipation (p max ) in percentage of rated power as a function of the operating ambient temperature (t amb )
chip resistor su r f ac e mount www.yageo.com dec. 08, 2015 v. 3 produ ct specification 7 10 series a a 0 201 to 2512 t t e e s s t t s s a a n n d d r r e e q q u u i i r r e e m m e e n n t t s s test test me thod procedure requirements high temperature exposure aec - q200 test 3 mil - std - 202 method 108 1,000 hours at t a = 1 5 5 c, unpowered (1.0%+0.05 ) < 50 m for jumper moisture resistance aec - q200 test 6 mil - std - 202 method 106 each temperature / humidity cycle is defined at 8 hours (method 106f), 3 cycles / 24 h ours for 10d . with 25 c / 65 c 95% r.h, without steps 7a & 7b, u npowered parts mounted on test - boards, without condensation on parts (0.5%+0.05 ) for d/f tol. (2.0%+0.05 ) for j tol. < 100 m for jumper biased humidity aec - q200 test 7 mil - std - 202 method 10 3 1,000 hours ; 8 5 c / 8 5% rh 10% of operating power measurement at 24 4 hours afte r test conclusion. ( 3 .0%+0.05 ) < 100 m for jumper operational life aec - q200 test 8 mil - std - 202 method 108 1,000 hours at 125 c, derated voltage applied for 1.5 hours on, 0.5 hour off, still - air required (1.0%+0.05 ) < 100 m for jumper resistance to soldering heat aec - q200 test 15 mil - std - 202 method 21 0 condition b, no pre - heat of samples lead - free solder, 2 6 0 5 c, 10 1 s econds immersion time procedure 2 for smd: devices fluxed and cleaned with isopropanol (0.5%+0.05 ) for d/f tol. (1.0%+0.05 ) for j tol. < 50 m for jumper no visible damage thermal shock aec - q200 test 16 mil - std - 202 method 107 - 55/+125 c number of cycles is 300. devices mounted maximum transfer time is 20 seconds. dwell time is 15 minutes. air C air (1.0%+0.05 ) < 50 m fo r jumper esd aec - q200 test 17 aec - q200 - 002 1 pos. + 1 neg. discharges 0201: 500v 0402/060 3 : 1kv 0805 and above: 2kv (3.0%+0.05 ) < 50 m for jumper table 4 test condition, procedure and requirements
chip resistor su r f ac e mount www.yageo.com dec. 08, 2015 v. 3 produ ct specification 8 10 series a a 0 201 to 2512 test test method procedure requirements solderability - wetting aec - q200 test 18 j - std - 002 electrical test not required magnification 5 0x smd c onditions: (a) m ethod b, aging 4 h ours at 155 c dry heat, dipping at 235 3 c for 5 0.5 seconds. (b) m ethod b, steam aging 8 hours, dipping at 215 3 c for 5 0.5 seconds. (c) method d, steam aging 8 hours, dipping at 260 3 c for 7 0.5 seconds. well tinned ( 95% covered) no visible damage board flex aec - q200 test 21 aec - q200 - 005 chips mounted on a 90mm glass epoxy resin pcb (fr4) bending for 0201/0402: 5 mm 0603/0805: 3 mm 1206 and above: 2 mm holding time: minimum 60 seconds (1.0%+0.05 ) < 50 m for jump er temperature coefficient of resistance (t.c.r.) iec 60115 - 1 4.8 mil - std - 202 method 304 at +25/ C 55 c and +25/+125 c refer to table 2 f ormula : t.c.r= ------------------------- 10 6 (ppm/ c) where t 1 =+ 25 c or specified room temperature t 2 = C 55 c or + 125 c test temperature r 1 = resistance at reference temperature in ohms r 2 = resistance at test temperature in ohms short t ime o verload iec601 1 5 - 1 4 .13 2.5 times of rated voltage or maximum overload voltage whichever is less for 5 sec at room temp er ature (1.0%+0.05 ) < 50 m for jumper fos astm - b - 809 - 95 - sulfur (saturated vapor) 1000 hou rs, 90 2 c unpowered (1.0%+0.05 ) astm - b - 809 - 95 * *modified - sulfur 750 hours, 105 c. unpowered ( 4 .0%+0.05 r 2 C r 1 r 1 (t 2 C t 1 )
chip resistor su r f ac e mount www.yageo.com dec. 08, 2015 v. 3 produ ct specification 9 10 series a a 0 201 to 2512 r r e e v v i i s s i i o o n n h h i i s s t t o o r r y y revision date change notification description version 3 dec. 0 8 , 2015 - - update electrical characteristics version 2 nov. 09 , 2015 - - mo dified fos test procedure version 1 jan. 2 7 , 2015 - - d imensions update version 0 feb. 27, 2014 - - first issue of this specification
chip resistor su r f ac e mount www.yageo.com dec. 08, 2015 v. 3 produ ct specification 10 10 series a a 0 201 to 2512 l l e e g g a a l l d d i i s s c c l l a a i i m m e e r r yageo, its distributors and agents (collectively, yageo), hereby disclai ms any and all liabilities for any errors, inaccuracies or incompleteness contained in any product related information, including but not limited to product specifications, datasheets, pictures and/or graphics. yageo may make changes, modifications and/or improvements to product related information at any time and without notice. yageo makes no representation, warranty, and/or guarantee about the fitness of its products for any particular purpose or the continuing production of any of its products. to the maximum extent permitted by law, yageo disclaims (i) any and all liability arising out of the application or use of any yageo product, (ii) any and all liability, including without limitation special, consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for a particular purpose, non - infringement and merchantability. yageo statements regarding the suitability of products for certain types of applications are based on yageos knowledge of typical ope rating conditions for such types of applications in a generic nature. such statements are neither binding statements of yageo nor intended to constitute any warranty concerning the suitability for a specific customer application or use. they are intended f or use only by customers with requisite knowledge and experience for determining whether yageo products are the correct products for their application or use. in addition, unpredicatable and isolated cases of product failure may still occur, therefore, cus tomer application or use of yageo products which requires higher degree of reliability or safety, shall employ additional protective safeguard measures to ensure that product failure would not result in personal injury or property damage. yageo products are not designed for application or use in medical, life - saving, or life - sustaining devices or for any other application or use in which the failure of yageo products could result in personal injury or death. customers using or selling yageo products not e xpressly indicated for above - mentioned purposes shall do so at their own risk and agree to fully indemnify yageo and hold yageo harmless. information provided here is intend ed to indicate product specifications only. yageo reserves all the rights for revi sing this content without further notification, as long as products are unchanged. any product change will be announced by pcn.


▲Up To Search▲   

 
Price & Availability of AA1218DR-07100RL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X