atop technologies, inc. tel : +886 - 3 - 5508137 fax: +886 - 3 - 5508131 sales@atop.com.tw http://www.atop.com.tw design and specification are subjected to change without notice. all product names referenced herein are registered trademarks of their respective companies. v0. 3 power adapter model name uv305 - 0510 (us - dc) uve305 - 0510 (eu - dc) un315 - 1212 (us - ldc) une315 - 1212 (eu - ldc) picture part number 50500051500003G 50500051500013g 1 50500151120004g 50500151120014g input plug type us eu us eu input voltage 100 - 240vac 100 - 240 vac output voltage 5 vdc 12 vdc connector type dc jack lockable dc jack physical characteristics jack outer diameter (mm) 3.5 mm 5.5 mm jack inner diameter (mm) 1.35 mm 2. 1 mm jack/plug length (mm) 7.5 mm 9.5 mm dimension w /o cord (lxwxh ) 58.8 x 28 x 37 . 6 mm 64.5 x 50.2 x 29.8 mm cord length(mm) 1500 100 mm 1500 100 mm weight (g ) 60 g 64 g 98 g 103 g environmental limits operating temperature 0 ~ 40c (32 ~ 104 f) 0 ~ 40c (32 ~ 104 f) regulatory approvals safety tuv/pse/ce/ fcc ce/fcc ul/pse/fcc ce/fcc cec level 6 6 6 6 model name un315 - 1212 (us - y) une315 - 1212 (eu - y) un315 - 1212 (us) un315 - 1212 (eu) un315 - 1212 (uk) picture part number 50500151120003g 50500151120013g 50500151120208g 50500151120218g 50500151120228g input plug type us eu us eu uk input voltage 100 - 240 vac 100 - 240 vac output voltage 12 vdc 12 vdc connector type y - type (bt1 - 10v) , include terminal block dc jack physical characteristics jack outer diameter (mm) - 5.5 mm jack inner diameter (mm) - 2.1 mm jack/plug length (mm) 10.5 mm 10.5 mm dimension w /o cord (lxwxh ) 64.5 x 50.2 x 29.8 mm 63.9 x 49.5 x 29.5 mm cord length(mm) 1500 100 mm 1500 100 mm weight (g ) 121 g 130 g 110 g 106 g 114 g environmental limits operating temperature 0 ~ 40c (32 ~ 104f) 0 ~ 40c (32 ~ 104f) regulatory approvals safety ul/pse/ce/fcc ce/fcc ul/pse/ce/fcc ce/fcc ce/fcc cec level 6 6 6 6 6
|