Part Number Hot Search : 
DM9334N 2SD1820G RN2326A 12013 21M10 SI786LG H5RE29AC 225MSAAQ
Product Description
Full Text Search
 

To Download 2SD880-Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sd880-q npn silicon power transistors features power amplifier applications symbol rating rating unit v ceo collector-emitter voltage 60 v v cbo collector-base voltage 60 v v ebo emitter-base voltage 7 v i c collector current 3 a p c collector power dissipation 1.5 w t j junction temperature -55 to +150  t stg storage temperature -55 to +150  electrical characteristics @ 25 o c unless otherwise specified symbol parameter min type max units off characteristics v (br)ceo collector-emitter breakdown voltage (i c =50madc, i b =0) 60 --- --- vdc v (br)cbo collector-base breakdown voltage (i c =100uadc, i e =0) 60 --- --- vdc v (br)ebo emitter-base breakdown voltage (i e =100uadc, i c =0) 7 --- --- vdc i cbo collector-base cutoff current (v cb =60vdc,i e =0) --- --- 100 uadc i ebo emitter-base cutoff current (v eb =7vdc, i c =0) --- --- 100 uadc on characteristics h fe forward current transfer ratio (i c =500madc, v ce =5vdc) 60 --- 300 --- v ce(sat) collector-emitter saturation voltage (i c =3adc, i b =300madc) --- --- 1 vdc v be base-emitter voltage (i c =0.5adc,v ce =5vdc) --- --- 1 vdc f t transistor frequency (i c =500madc, v ce =5vdc) --- 3 --- mhz c ob collector output capacitance (v cb =10vdc, i e =0, f=1mhz) --- 70 --- pf t on turn on time --- 0.8 --- us t s storage time --- 1.5 --- us t f fall time i b1 =-i b2 =0.2a, i c =2a, v cc =30v, pw=20us --- 0.8 --- us classification of h fe(1) rank q y gr range 60-120 100-200 150-300 to-220  
 omp onents 20736 marilla street chatsworth       
     m c c revision: c 201 3/01/01 tm micro commercial components lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) pin 1. base pin 2. collector pin 3. emitter g r b q h u l d c j k a f s t 1 3 2 n v min max note a .560 .625 14.22 15.88 b .380 .420 9.65 10.67 c .140 .190 3.56 4.82 d .020 .045 0.51 1.14 f .139 .161 3.53 4.09 ? g .190 .110 2.29 2.79 h --- .250 --- 6.35 j .012 .025 0.30 0.64 k .500 .580 12.70 14.73 l .045 .060 1.14 1.52 n .190 .210 4.83 5.33 q .100 .135 2.54 3.43 r .080 .115 2.04 2.92 s .045 .055 1.14 1.39 t .230 .270 5.84 6.86 u ----- .050 ----- 1.27 v .045 ----- 1.15 ----- dimensions inches mm dim min max notes: 1. high temperature solder exemption applied, see eu directive annex 7. 2SD880-Y 2sd880-gr www. mccsemi .com 1 of 2 epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 maxi mum rati ngs mounting torgue: 5 in-lbs maximum ? h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
m c c revision: c 201 3 / 0 1 / 01 tm micro commercial components www. mccsemi .com 2 of 2 o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. d e vi c e p ac k i n g p a r t n u m b e r- b p bu lk; 1 kp cs / bo x note : adding "-hf" suffix for halogen free, eg. part number-bp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SD880-Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X