Part Number Hot Search : 
MKTD05 P4KE91CA UPD65704 FMMT38A BC548BTA 56ND12W1 OP113 D4184
Product Description
Full Text Search
 

To Download 2SC3710 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2SC3710 description ? with to-220fa package ? complement to type 2sa1452 ? low collector saturation voltage ? high speed switching time applications ? high current switching applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings (ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 80 v v ceo collector-emitter voltage open base 80 v v ebo emitter-base voltage open collector 6 v i c collector current 12 a i b base current 2 a p c collector dissipation t c =25 ?? 30 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-220fa) and symbol
inchange semiconductor product specification 2 silicon npn power transistors 2SC3710 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =50ma ;i b =0 80 v v cesat collector-emitter saturation voltage i c =6a;i b =0.3a 0.2 0.4 v v besat base-emitter saturation voltage i c =6a;i b =0.3a 0.9 1.2 v i cbo collector cut-off current v cb =80v; i e =0 10 | a i ebo emitter cut-off current v eb =6v; i c =0 10 | a h fe-1 dc current gain i c =1a ; v ce =1v 70 240 h fe-2 dc current gain i c =6a ; v ce =1v 40 c ob output capacitance i e =0 ; v cb =10v, f=1mhz 220 pf f t transition frequency i c =1a ; v ce =5v 80 mhz switching times t on turn-on time 0.2 | s t s storage time 1.0 | s t f fall time i b1 =-i b2 =0.3a v cc ?? 30v ,r l =5 |? 0.2 | s ? h fe-1 classifications o y 70-140 120-240
inchange semiconductor product specification 3 silicon npn power transistors 2SC3710 package outline fig.2 outline dimensions
inchange semiconductor product specification 4 silicon npn power transistors 2SC3710


▲Up To Search▲   

 
Price & Availability of 2SC3710

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X