Part Number Hot Search : 
60TYHWG BAS16T 70400 74AS804 1236A MB4005W N6068 D120LC40
Product Description
Full Text Search
 

To Download 2N7002-SOT23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features high density cell design for low r ds(on) voltage controlled small signal switch rugged and reliable high saturation current capability electrical characteristics ta = 25 t i n u x a m p y t n i m s n io t i d n o c t s e t l o b m y s r e t e m a r a p drain-source breakdown voltage v dss v gs =0 v, i d =10 0 a 60 v i t n e r r u c n i a r d e g a t l o v e t a g o r e z dss v ds =60 v, v gs a n 0 8 v 0 = l e g a k a e l y d o b - e t a g gss v ds =0 v, v gs = 25 v 80 na v e g a t l o v d l o h s e r h t - e t a g gs(th) v ds =v gs ,i d =250 a 1 2.5 v v gs =10 v, i d =500 ma 7.5 v gs =5 v, i d =50 ma 7.5 i t n e r r u c n i a r d e t a t s - n o d(on) v gs =10 v, v ds =7 v 500 ma g e c n a t c u d n o c n a r t d r a w r o f ts v ds =10 v, i d =200 ma 80 ms c e c n a t i c a p a c t u p n i iss 50 c e c n a t i c a p a c t u p t u o oss 25 c e c n a t i c a p a c r e f s n a r t e s r e v e r rss 5 t e m i t n o - n r u t d(0n) 20 t e m i t f f o - n r u t d(off) 40 3.75 0.375 v gs =10v, i d =500ma d =50ma v gs =5v, i v e g a t l o v d r a w r o f e d o i d sd i s =115 ma, v gs =0 v 0.55 1.2 v v e g a t l o v - n o e c r u o s - n i a r d ds(on) v dd =25 v, r l =50 i d =500 ma,v gen =10 v r g =25 ns v v pf v ds =25 v, v gs =0 v, f=1 mhz r e c n a t s i s e r - n o e c r u o s - n i a r d ds(0n) absolute maximum ratings ta=25 t i n u g n i t a r l o b m y s r e t e m a r a p v e g a t l o v e c r u o s - n i a r d ds 60 v i t n e r r u c n i a r d d 115 ma p n o i t a p i s s i d r e w o p d 225 mw t e r u t a r e p m e t n o i t c n u j j 150 t e r u t a r e p m e t e g a r o t s stg -55 to 150 2n7002 n-channel enhancement mosfet 1 2 3 1.gate 2.source 3.drain simplified outline(sot-23) s d g www.yfwdiode.com
 typical characterisitics 1 6 0 1 28 0 2 4 6 0246810 0 . 0 0 . 2 0 . 4 0 . 6 0 . 8 1 . 0 0 . 00 . 40 . 81 . 21 . 6 0 . 01 0 . 1 1 012345 0 . 0 0 . 2 0 . 4 0 . 6 0 . 8 1 . 0 0 . 00 . 20 . 40 . 60 . 81 . 0 0 2 4 6 8 i d =50ma i d =500ma i d r ds(on) t a =25  pulsed v gs r ds(on) on-resistance r ds(on) ( : ) gate to source voltage v gs (v) t a =25  pulsed transfer characteristics drain current i d (a) gate to source voltage v gs (v) t a =25  pulsed 0 . 3 0 . 03 v sd i s source current i s (a) source to drain voltage v sd (v) t a =25  pulsed v gs =10v,9v,8v,7v,6v,5v v gs =2v v gs =4v v gs =3v output characteristics drain current i d (a) drain to source voltage v ds (v) v gs =5v v gs =10v t a =25  pulsed on-resistance r ds(on) ( : ) drain current i d (a) n 2n7002 www.yfwdiode.com
unit a 1 max. b p cd e e 1 h e l p qw v mm 0.1 0.48 0.38 0.15 0.09 3.0 2.8 1.4 1.2 0.95 e 1.9 2.5 2.1 0.55 0.45 0.1 0.2 dimensions (mm are the original dimensions) 0.45 0.15 b p d e 1 e a a 1 l p q detail x h e e w m v m a b a b 0 1 2 mm scale a 1.1 0.9 c x 12 3 sot-23 2n7002 www.yfwdiode.com


▲Up To Search▲   

 
Price & Availability of 2N7002-SOT23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X