Part Number Hot Search : 
ADA4350 BFG17 PJ120A BA80JC5T 2C10LI30 BA6409F 10040 BAV99
Product Description
Full Text Search
 

To Download ZMID5201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inductive position sensor ic ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 1 april 28, 2017 description the ZMID5201 , zmid5202, and zmid5203 ics are a family of i nductive position sensors, used for absolute rotary and linear motion sensing in automotive, industrial, medical , and consumer applications. the zmid520x uses the physical principles of induction in a wire loop and eddy currents to detect the position of an electrically conducting target that is sliding or rotating above a set of coils, consisting of one transmitte r coil and two receiver coils. the three coils are typically printed as copper traces on a printed circuit board (pcb). they are arranged such that the transmitter coil induces a secondary voltage in the receiver coils that depends on the position of the me tallic target above the coils. a signal representative of the targets position over the coils is obtained by demodulating and processing the secondary voltages from the receiver coils . the target can be any kind of metal, such as aluminum, steel or a pcb with a printed copper layer. the ZMID5201/ - 02 - /03 ics are fully qualified to the automotive stan dard aec - q 100, grade 0 from - 40c up to 150c ambient temperature. three versions with different output interfaces are available: ? ZMID5201: a nalog output ? zmi d5202: pwm digital output ? zmid5203: sent digital output available support ? evaluation kit ? documentation physical characteristics ? wide operation temperature: - 40 c to +150c ? supply voltage: 4.5v to 5.5v ? small 14 - tssop package typical applications ? rotary position sensor s up to 360; e.g. steering angle sensors, potentiometer replacement ? small - an gle sensors or arc - motion sensors; e.g. pedal, vehicle level , or valve sensors ? linear motion sensors; e.g. linear - a ctuator position sensors, fluid - level sensors features ? position sensing based on inductive principle ? cost effective, no magnet required ? immune to magnetic stray fields ; no shielding required ? suitable for harsh environments and extreme temperatures ? only three wir es (ground, supply, output) ? non volatile user memory ; p rogramming through output pin ? s ingle ic supports on - axis and off - axis rotation, linear motion, and arc motion s ensing ? high resolution , even for small angle ranges ? high accuracy: 0.2% full scale ? 9 - point user linearization ? rotation sensing u p to a full turn of 360o ? overvoltage and reverse - polarity protection: - 14v to + 18v maximum, depending on product ? esd and short - circuit protection ? power or ground loss detection ? facilitates redundant design requirements ? programmable non - linearity correcti on ? adaptive gain control supporting a wide range of coil designs and target displacement ? suitable for implementation in safety - related systems compliant to iso26262 up to asil - b application circuit z m i d 5 2 0 1 / - 0 2 / - 0 3 r 1 p e p e n r 1 n v d d t r 2 p r 2 n t e s t _ d t x v d d d s o u t v d d a v s s e v d d e o u t + 5 v g n d 7 4 6 1 t e s t _ e n a 2 1 0 9 8 1 4 1 3 1 2 1 1 r x ( c o s ) r x ( s i n ) 3 5 c v e c v a c v d c v t c t
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 2 april 28, 2017 ZMID5201/ - 02/ - 03 block diagram ordering information orderable part description and package msl rating shipping packaging temperature ZMID5201ae1r ZMID5201; analog o utput; 14 - tssop 1 tape and reel - 40 to +150c ZMID5201ae1t ZMID5201; analog o utput; 14 - tssop 1 tube - 40 to +150c zmid5202ae1r zmid5202; pwm output; 14 - tssop 1 tape and reel - 40 to +150c zmid5202ae1t zmid5202; pwm output; 14 - tssop 1 tub e - 40 to +150c zmid5203ae1r zmid5203; sent output; 14 - tssop 1 tape and reel - 40 to +150c zmid5203ae1t zmid5203; sent output; 14 - tssop 1 tub e - 40 to +150c ZMID5201 - evk ZMID5201 evaluation kit: zmid communication board, ZMID5201 demo board with printed sensor coil, cable zmid5202 - evk zmid5202 evaluation kit: zmid communication board, zmid5202 demo board with printed sensor coil, cable zmid5203 - evk zmid5203 evaluation kit: zmid communication board, zmid5203 demo board with printed sensor coil, cable corporate headquarters 6024 silver creek valley road san jose, ca 95138 www.idt.com sales 1 - 800 - 345 - 7015 or 408 - 284 - 8200 fax: 408 - 284 - 2775 www.idt.com/go/sales tech support www.idt.com/go/support disclaimer integrated device technology, inc. (idt) and its affiliated companies (herein referred to as idt) reserve the ri ght to modify the products and/or specifications described herein at any time, without notice, at idt's sole discretion. performance specifications and operating parameters of the described products are determined in an independe nt state and are not guaranteed to perform the same way when installed in customer products. the information contained herein is pr ovided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitabi lity of idt's products for any particular purpose, an implied warranty of merchantability, or non - infringement of the intellectual property rights of others. this document is presented only as a guide and does not convey any license under intellectual property rights of idt or any third parties. idt's products are not intended for use in applications involving extreme environmental c onditions or in life support systems or similar devices where the failure or malfunction of an idt product can be reasonably expected to significantly affect the health or safety of users. anyone using an idt product in such a manner does so at their own r isk, absent an express, written agreement by idt. integrated device technology, idt and the idt logo are trademarks or registered trademarks of idt and its subsidiaries in the united states and other countries. other trademarks used herein are the property of idt or their respective third party owners. fo r datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary . all contents of this document are copyright of integrated device technology, inc. all rights reserved. z m i d 5 2 0 x f a m i l y p r o t e c t i o n p o w e r m a n a g e m e n t d i g i t a l s i g n a l p r o c e s s i n g o s c i l l a t o r r x c o s i n e r x s i n e e e p r o m d i a g n o s i s o n e - w i r e i n t e r f a c e ( o w i ) t e s t c o n t r o l t x z m i d 5 2 0 1 a n a l o g i n t e r f a c e v d d e v s s e r 1 p r 1 n r 2 p r 2 n e p e n t e s t _ e n a t e s t _ d s o u t v d d a v d d d v d d t z m i d 5 2 0 2 p w m i n t e r f a c e z m i d 5 2 0 3 s e n t i n t e r f a c e c t c t 1 ( o p t . ) c t 2 ( o p t . ) a d c a n a l o g f r o n t - e n d n o t e : i f c t 1 a n d c t 2 a r e u s e d , c t i s n o t u s e d .
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 3 april 28, 2017 contents 1. pin assignments ................................ ................................ ................................ ................................ ................................ ........................... 5 2. pin descriptions ................................ ................................ ................................ ................................ ................................ ............................ 5 3. absolute maximum ratings ................................ ................................ ................................ ................................ ................................ .......... 6 4. operating conditions ................................ ................................ ................................ ................................ ................................ .................... 7 5. electrical characteristics ................................ ................................ ................................ ................................ ................................ .............. 7 6. circuit description ................................ ................................ ................................ ................................ ................................ ........................ 9 6.1 overview ................................ ................................ ................................ ................................ ................................ ............................ 9 6.2 block diagram ................................ ................................ ................................ ................................ ................................ .................. 10 7. redundant connection ................................ ................................ ................................ ................................ ................................ ............... 11 8. protection and diagnostics ................................ ................................ ................................ ................................ ................................ ......... 12 8.1 i/o protection ................................ ................................ ................................ ................................ ................................ ................... 12 8.2 diagnostics ................................ ................................ ................................ ................................ ................................ ...................... 12 8.3 automotive safety integrity level (asil) ................................ ................................ ................................ ................................ ......... 12 9. ZMID5201 inductive sensor with analog output ................................ ................................ ................................ ................................ ........ 13 10. zmid5202 inductive sensor with pwm output ................................ ................................ ................................ ................................ .......... 15 11. zmid5203 inductive sensor with sent output ................................ ................................ ................................ ................................ ......... 18 11.1 sent protocol ................................ ................................ ................................ ................................ ................................ ................. 19 12. programming options ................................ ................................ ................................ ................................ ................................ ................. 22 13. operation at high rotation speeds ................................ ................................ ................................ ................................ ............................ 23 14. interpolati on, linearity error correction ................................ ................................ ................................ ................................ ...................... 24 15. application examples ................................ ................................ ................................ ................................ ................................ ................. 25 16. package drawing 14 - tssop ................................ ................................ ................................ ................................ ................................ ..... 27 17. recommended land pattern ................................ ................................ ................................ ................................ ................................ ...... 28 18. marking diagram ................................ ................................ ................................ ................................ ................................ ........................ 29 19. ordering information ................................ ................................ ................................ ................................ ................................ ................... 29 20. revision history ................................ ................................ ................................ ................................ ................................ .......................... 30 list of figures figure 1. pin assignments for 14 - tssop package C top view ................................ ................................ ................................ ........................ 5 figure 2. coil design for a linear motion sensor ................................ ................................ ................................ ................................ ............... 9 figu re 3. block diagram ................................ ................................ ................................ ................................ ................................ ................... 10 figure 4. application diagram, dual redundant sensor with shared transmit coil ................................ ................................ ........................ 11 figure 5. external components for ZMID5201 analog interface with pull - down resistor ................................ ................................ ............... 13 figure 6. external components for ZMID5201 analog interface with pull - up resistor ................................ ................................ .................... 13 figure 7. example of ZMID5201 analog output transfer function and programming options ................................ ................................ ....... 14 figure 8. external components for zmid5202 pwm interface with pull - up resistor ................................ ................................ ...................... 15 figure 9. pwm s ignal range ................................ ................................ ................................ ................................ ................................ ........... 16
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 4 april 28, 2017 figure 10. example of pwm output signal ................................ ................................ ................................ ................................ ........................ 17 figure 11. example of zmid5202 pwm output transfer function and programming options ................................ ................................ ......... 17 figure 12. external components for zmid5203 sent interface, option a ................................ ................................ ................................ ........ 18 figure 13. external compone nts for zmid5203 sent interface, option b ................................ ................................ ................................ ........ 18 figure 14. external components for zmid5203 sent interface, option c ................................ ................................ ................................ ....... 18 figure 15. sent nibble output for value = 15 dec ................................ ................................ ................................ ................................ .............. 20 figure 16. sent frame ................................ ................................ ................................ ................................ ................................ ...................... 20 figure 17. example of zmid5203 output transfer function and programming options ................................ ................................ ................... 21 figure 18. relationship between resolution and rotational speed ................................ ................................ ................................ ................... 23 figure 19. example setup: linear motion ................................ ................................ ................................ ................................ .......................... 25 figure 20. example setup: arc motion ................................ ................................ ................................ ................................ ............................... 25 figure 21. exampl e setup: end - of - shaft rotation, on - axis, 1 360 ? ................................ ................................ ................................ ............... 25 figure 22. example setup: side - shaft rotation, off - axis, 1 360 ? ................................ ................................ ................................ ................... 25 figure 23. example setup: side - shaft rotation, off - axis, 2 180 ? ................................ ................................ ................................ ................... 26 figure 24. example setup: side - shaft rotation, off - axis, 6 60 ? ................................ ................................ ................................ ..................... 26 figure 25. 14 - tssop package outline drawing ................................ ................................ ................................ ................................ ................ 27 figure 2 6. 14 - tssop recommended pcb land pattern ................................ ................................ ................................ ................................ .. 28 list of tables table 1. pin descriptions ................................ ................................ ................................ ................................ ................................ ................... 5 table 2. absolute maximum ratings ................................ ................................ ................................ ................................ ................................ . 6 table 3. operating conditions ................................ ................................ ................................ ................................ ................................ ........... 7 table 4. ZMID5201/ - 02/ - 03 electrical characteristics ................................ ................................ ................................ ................................ ....... 7 table 5. coil specifications ................................ ................................ ................................ ................................ ................................ ............... 8 table 6. ZMID5201 analog output buffer characteristics ................................ ................................ ................................ ............................... 13 table 7. zmid5202 pwm output buffer characteristics ................................ ................................ ................................ ................................ . 15 table 8. zmid5203 sent output buffer characteristics ................................ ................................ ................................ ................................ 19 table 9. sent nibble output for value = 0 dec ................................ ................................ ................................ ................................ ................ 19 table 10. sent tick length ................................ ................................ ................................ ................................ ................................ ............. 20 table 11. programming options overview ................................ ................................ ................................ ................................ ........................ 22 table 12. maximum output data rate ................................ ................................ ................................ ................................ .............................. 23 table 13. resolution at different rotation speeds ................................ ................................ ................................ ................................ ........... 24 table 14. linearity correction points ................................ ................................ ................................ ................................ ................................ 24 table 15. examples of resolution differences depending on product ................................ ................................ ................................ ............. 26
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 5 april 28, 2017 1. pin assignments the ZMID5201/ - 02/ - 03 ics are available in a 14 - tssop rohs package. figure 1 . pin assignments for 14 - tssop package C top view 2. pin descriptions table 1 . pin desc riptions number name type description 1 test _d i nput/ o utput factory test pin; must be left unconnected . 2 test_ena input/ o utput factory test pin . connect to the vss e pin . 3 vddd supply internal regulated digital supply voltage . c onnect capacitor c vd = 100nf from the vddd pin to the vsse pin , no other load . 4 sout analog o utput : ZMID5201 only analog output (also referred to as aout for the ZMID5201 ) . refer to section 9 , figure 5 , and figure 6 for external connections. pwm d igital o utput : zmid5202 only pwm digital output (also referred to as pwm out for the zmid5202 ) . refer to section 10 and figure 11 for external connections. sent d igital o utput : zmid5203 only sent ou tput (also referred to as sent out for the zmid5203 ) . refer to section 11 , figure 12 , figure 13 , and figure 14 for external connections. digital i nput/ o utput : p rogramming only digital one - wire interface (owi) used during programming . 5 vdda supply internal regulated analog supply voltage. connect c va = 100nf from the vdda pin to the vsse pin ; no other load. 6 vsse ground common ground connection. 7 vdde supply external supply voltage. c onnect the vdde pin to c ve = 100nf capacitor in parallel with a 1pf to 10pf capacitor connected to the vsse pin . 8 en analog o utput connect the transmitter coil between ep and en. resonant frequency is adjusted with a parallel capacitor c t between ep and en (see application diagram on page 1) or capa - citors c t1 from en to vsse and c t2 from ep to vsse (see block diagram on page 2). 9 ep z m i d 5 2 0 1 / - 0 2 / - 0 3 1 2 1 4 1 3 1 2 1 1 1 0 9 8 3 4 5 6 7 r 1 p r 1 n r 2 p r 2 n v d d t e p e n t e s t _ d t e s t _ e n a v d d d s o u t v d d a v s s e v d d e
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 6 april 28, 2017 number name type description 10 vddt supply internal supply voltage for transmitter amplifier. connect to c vt = 100nf to vsse. 11 r2n analog i nput connect r eceiver coil 2 between the r2n and r2p pins . 12 r2p 13 r1n analog i nput connect receiver coil 1 between the r1n and r1p pins . 14 r1p 3. absolute maximum ratings the absolute maximum ratings are stress ratings only. stresses greater than those listed below can cause permanent damage to the device. functional operation of the ZMID5201/ - 02/ - 03 at absolute maximum ratings is not implied. exposure to absolute maximum r ating conditions could affect device reliability. table 2 . absolute maximum ratings symbol parameter conditions minimum maximum units v vdde external supply voltage - 18 18 v v out_ana ZMID5201 analog output voltage on the aout pi n [a] for negative voltage, external current must be limited to 10ma - 14 14 v without external current limitation - 0.3 14 v v out_pwm zmid5202 pwm output voltage on the pwm out pi n [a] for negative voltage, external current must be limited to 10ma - 14 18 v without external current limitation - 0.3 18 v v out_sent zmid5203 sent output voltage on the sent out pi n [a] for negative voltage, external current must be limited to 10ma - 14 18 v without external current limitation - 0.3 18 v v osc_coil oscillator coil pins: ep, en - 0.3 5.5 v v r1p receiver coil pin: r1p - 0.3 3.6 v v r1n receiver coil pin: r1n v r2p receiver coil pin: r2p v r2n receiver coil pin: r2n v test_ena test pin: test_ena - 0.3 5.5 v v test_d test pin: test_d - 0.3 3.6 v v vdda regulated supply voltage pin: vdda - 0.3 3.6 v v vddd regulated supply voltage pin: vddd v vddt regulated supply voltage pin: vddt [a] the sout pin is referred to as the aout pin for the ZMID5201; pwm out for the zmid5202; and sent out for the zmid5203.
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 7 april 28, 2017 4. operating conditions conditions: vdde = 5v 10%, t a = - 40c to +150c . table 3 . operating conditions symbol parameter conditions minimum typical maximum units t a ambient temperature - 40 150 oc t j junction temperature - 40 175 oc t stor storage temperature - 50 150 oc r thja thermal resistance junction to ambient 140 oc/w v vdde supply voltage 4.5 5 5.5 v esd electrostatic discharge, hbm 100p f/ 1.5k? pins vss, vcc 4 kv pin sou t [ a ] 3 kv all other pins 2 kv [a] the sout pin is referred to as the aout pin for the ZMID5201; pwm out for the zmid5202; and sent out for the zmid5203. 5. electrical characteristics the following electrical specifications are valid for the operating conditions as specified in table 3 : (t a = - 40c to 150c). table 4 . ZMID5201/ - 02/ - 03 electrical characteristics symbol parameter conditions minimum typical maximum units v vdde_th_h vdde switch on threshold the device is activated when vdde increases above this threshold 4.4 v v vdde_th_l vdde switch off threshold the device is deactivated when vdde decreases below this threshold 4 v v vdde_ hyst vdde hysteresis 0.1 v v v dde _ ov h over - voltage detection high the device is deactivated after vdde increases above this voltage 7 v v v dde_ ov l over - voltage detection low the device is activated after vdde decreases below this voltage 5.6 v v vddt regulated coil driver supply output voltage internally regulated, programmable 2.4 3 . 6 v i cc current consumption without coils. no load 5 9 ma with coils, no load; depending on programmable tx coil current 12 20 ma
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 8 april 28, 2017 symbol parameter conditions minimum typical maximum units angle calculation t sample data acquisition time 45 50 55 s t refresh output update rate analog output 10 khz res cordic cordic resolution internal; over 360 el ectrical 16 bits performance inl accuracy [a] see note . [a] 0.2 % fs [a] the achievable accuracy depends on pro per coil and target design. non linearity errors in the calculated position m ight be further improved by 9 - point linearization. table 5 . coil specifications symbol parameter conditions minimum typical maximum units l excitation coil inductance for tx coil as shown in block diagram in figure 3 1 . 5 30 h q quality factor for tx coil as shown in block diagram in figure 3 q = l/r, f = 2.2mhz 10 f osc excitation frequency lc oscillator 2.2 3.5 5.6 mhz v tx_p excitation coil amplitude peak voltage, pins ep vs. en 7200 m v p p v rx receive coil amplitude input signal full range 50 360 mv pp
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 9 april 28, 2017 6. circuit description 6.1 overview the ZMID5201/ - 02/ - 03 ics are inductive position sensor s for use in automotive, industrial, medical and consumer applications. they operate on the principle of induction in a wire loop and eddy currents. the sensing element is a set of coils that are directly connected to the ic. the coils consist of one transm it coil and two receive coils. the t ransmit coil and a capacitor f orm a n lc oscillator that is directly driven by the ic. it generates a magnetic field within the transmit coil area that is picked up by the receiver coils. the voltage generated by the rec eiver coils depends on the position of the target in the sense that areas shielded by the target generate a weaker secondary voltage compared to areas that are not shaded by the target. the two receive coils are arranged so that the secondary voltages are relatively phase shifted by electrical 90, thereby generating a response curve ( r eceive coil output voltage s versus position) that resembles a sine an d cosine waveform over the range of target travel. by having a sine and cosine shaped response, a ratiome tric measurement is possible, which greatly improves the robustness of the system because the output signal will remain stable, even if the gap betw een coils and target is varied . figure 2 shows an example of a linear motion sensor with one transmit coil (tx loop) and two receive coil s (sin loop and cos loop). the arrows in the receive coils indicate the di rection of the induced current relative to each other . the direction of the current either clockwise ( cw ) or counterclockwise ( ccw) determines the polarity of the voltage generated in each loop (rxcos, rxsin) . figure 2 . coil design for a linear motion sensor m etallic t arget rxcos rxsin tx sin loop 2 ( ccw ) sin loop 3 ( cw ) sin loop 1 ( cw ) cos loop 1 ( cw ) cos loop 2 ( ccw ) tx loop
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 10 april 28, 2017 6.2 block diagram figure 3 shows the block diagram of the ZMID5201/ - 02/ - 03. figure 3 . block diagram t he main building blocks include the following: ? power management: p ower - on - reset (por) circuit, low drop - out (ldo) regulators for internal supplies ? oscillator : generati on of the transmit coil signal ? analog front - end: d emodulator and gain control for the receive signals ? analog - to - digital converter (adc): conversion into digital domain ? digital signal processing: offset correction, conversion of sine and cosine signals into angle and magnitude, angle range adj ustment, linea rization, etc. ? eeprom: nonvolatile storage of factory and user - programmable settings ? one - wire interface (owi) : programming of the chip through the output pin ? interface options: analog output for ZMID5201 pwm output for zmid5202 sent output for zmid5203 ? protection: overvoltage, reverse polarity , short circuit protection ? test control: factory testing ; connect test_d and test_ena pins as indicated in table 1 . z m i d 5 2 0 x f a m i l y p r o t e c t i o n p o w e r m a n a g e m e n t d i g i t a l s i g n a l p r o c e s s i n g o s c i l l a t o r r x c o s i n e r x s i n e e e p r o m d i a g n o s i s o n e - w i r e i n t e r f a c e ( o w i ) t e s t c o n t r o l t x z m i d 5 2 0 1 a n a l o g i n t e r f a c e v d d e v s s e r 1 p r 1 n r 2 p r 2 n e p e n t e s t _ e n a t e s t _ d s o u t v d d a v d d d v d d t z m i d 5 2 0 2 p w m i n t e r f a c e z m i d 5 2 0 3 s e n t i n t e r f a c e c t c t 1 ( o p t . ) c t 2 ( o p t . ) a d c a n a l o g f r o n t - e n d n o t e : i f c t 1 a n d c t 2 a r e u s e d , c t i s n o t u s e d .
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 11 april 28, 2017 7. redundant c onnection in applications requiring extended safety, a redundant set - up is required. the ZMID5201/ - 02/ - 03 ics also support this requirement by either having two identical but physically separated sensors or by interleaving the 2 ? 2 receiving coils and using one shared transmitter coil. in figure 4 , two sensors share on e common transmitter coil (tx). both sensors must share the same g round connection (gnd) but could have separate positive supply connection s (vdd 1 , vdd 2 ). this setup is particularly useful for designs having limited coil space. in normal operation, both ch ips drive the transmitter coil (tx) and calculate the targets position through the receiving coil signals. if one chip fails to drive the transmitter coil, for example due to loss of supply, the host system can detect the failed part (loss of s ignal) whil e the second chip continues to drive the coil and maintains correct operation. figure 4 . application diagram, dual redundant sensor with shared transmit coil . s e n s o r 1 s e n s o r 2 t x z m i d 5 2 0 1 / - 0 2 / - 0 3 r 1 p e p e n r 1 n v d d t r 2 p r 2 n t e s t _ d v d d d s o u t v d d a v s s e v d d e o u t 2 + 5 v 7 4 6 1 t e s t _ e n a 2 1 0 9 8 1 4 1 3 1 2 1 1 r x 3 ( c o s ) r x 4 ( s i n ) 3 5 c v e c v a c v d c v t c t 1 c t 2 z m i d 5 2 0 1 / - 0 2 / - 0 3 r 1 p e p e n r 1 n v d d t r 2 p r 2 n t e s t _ d v d d d s o u t v d d a v s s e v d d e o u t 1 + 5 v 7 4 6 1 t e s t _ e n a 2 1 0 9 8 1 4 1 3 1 2 1 1 r x 1 ( c o s ) r x 2 ( s i n ) 3 5 c v e c v a c v d c v t v d d 1 v d d 2 g n d
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 12 april 28, 2017 8. protection and diagnostics 8.1 i/o protection in order to meet the automotive requirements for overvoltage and reverse - polarity protection on both the output and power supply pins, the ZMID5201/ - 02/ - 03 ics include several protection and diagnosis features: 1. detection of b rok en pow er line, interrupted o utput signal , and broken ground connection on the receiving side 2. protection against s hort circuit of output pin to vsse, output pin to vdde , and supply vdde to vsse 3. overvoltage protection on supply pin vdde 4. overvoltage protection on output pin 5. reverse - pola rity protection on supply pin vdde to vsse 6. reverse - po larity protection on output pin to vsse 7. reverse - po larity protection on output pin to vdde 8.2 diagnostics the ZMID5201/ - 02/ - 03 monitors a number of features to accommodate iso26262 diagnostic requirements. the monitored diagnostic features include the following : 1. supply voltage too low or too high 2. rx sine coil: open, short, short to g round, or short to rx cosine coil 3. rx sine coil: amplitude error or offset error 4. rx cosine coil: open, short, short to g round, or short to rx sine coil 5. rx cosine coil: amplitude error or offset error 6. tx coil: amplitude too low or open 7. tx coil: frequency out of range 8. lc oscillator failure 9. cordic magnitud e too high or too low 10. missing target 11. internal eeprom failure 12. adc signal processing overflow 8.3 automotive safety integrity level (asil) the ZMID5201 / - 02/ - 03 products are safety - related , intermediate hardware parts supporting up to asil - b in regard to random f ailures, and, as such, they have been qualified according to iso 26262:2012 part 8, c lause 13 ( t able 6). integration of ZMID5201/ - 02/ - 03 products into s afety - related application s requires a safety analysis performed by customers.
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 13 april 28, 2017 9. ZMID5201 inductive sensor with analog output typical interface circuits for the ZMID5201 are shown in figure 5 and figure 6 . note: the pull - up or pull - down resistors are not mandatory for normal op eration. however they are recommended for proper detection of broken ground or broken supply wires at the receiving side. note: r f , c f = optional low pass filter. values depend on users application. figure 5 . external components for ZMID5201 a nalog interface with pull - down resistor figure 6 . external components for ZMID5201 a nalog interface with pull - up resistor table 6 . ZMID5201 analog output buffer characteristics note: refer to the vdde pin description in table 1 for the value of c ve . symbol parameter conditions minimum typical maximum units out_err analog output error offset and nonlinearity error - 6 6 mv step_large output response, large step step=4.5v, c ana =10nf, r pd,a =5k, 10% to 90% 160 s c ana output capacitor for analog 0.47 27 nf res ana analog output resolution 10 bits r pu,a output pull - up resistor 3 4 . 7 10 k r pd,a output pull down resistor 3 4 . 7 10 k z m i d 5 2 0 1 a o u t v s s e v d d e o u t + 5 v g n d 7 4 6 c v e m c u i n + 5 v g n d w i r i n g c a n a c f r f r p d , a z m i d 5 2 0 1 : s e n s o r w i t h a n a l o g i n t e r f a c e a n a l o g s i g n a l r e c e i v e r 5 v s u p p l y z m i d 5 2 0 1 a o u t v s s e v d d e o u t + 5 v g n d 7 4 6 c v e m c u i n + 5 v g n d w i r i n g c a n a c f r f r p u , a z m i d 5 2 0 1 : s e n s o r w i t h a n a l o g i n t e r f a c e a n a l o g s i g n a l r e c e i v e r 5 v s u p p l y
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 14 april 28, 2017 symbol parameter conditions minimum typical maximum units normal operating range limits are programmable 5 95 %vdde diag_high_ana diagnostic high for analog 96 %vdde diag_low_ana diagnostic low for analog 4 %vdde v cl_ l clamping level , low [a] programmable in 1% steps 5 68 %vdde v cl_h clamping level, high [a] programmable in 1% steps 32 95 %vdde current_limit output node short current short to vdde or vsse 50 ma [a] low c lamping level must be programmed lower than the v cl_h high clamping level . for the ZMID5201, t he 100% position range is mapped to a voltage range from 250mv to 4750mv. the stepping rate o f the clamping parameters is 1% so that the analog v oltage stepping rate is 47.5 m v/ %. the diagnostic low level is 200mv and the diagnostic hi gh level is 4800mv. note that the minimum and maximum output positions can be mapped to the mechanical range of the application by programming the zero angle offset, slope programming (linear vs. sawtooth) , and clamp ing level register settings ( refer to section 12 and figure 7 ) . for example, for a pedal sensor with ratiometric analog output (ZMID5201), having 20 mechanical degrees of movement range and clamping levels of 5% and 95%, the output value 0.25v (5% of vdde) represents 0 mechanical degrees and the output value 4 . 75v (95% of vdde) repre sents 20 mechanical degrees. note that the slope can be programmed to either rising (as shown in figure 7 ) or falling with increasing electrical angl e. figure 7 . example of ZMID5201 analog output transfer function and programming options note: the following figure illustrates an example of 5% and 95% clamping levels and a rising slope setting. 9 5 % 3 6 0 v c l a m p , l o w = 5 + ( 0 t o 6 3 ) % 1 0 0 % d a c v a l u e 1 0 2 4 z e r o a n g l e 3 2 % 6 8 % 5 % 0 1 0 2 3 d e c 0 m o v e m e n t r a n g e ( p r o g r a m m a b l e 9 0 t o 3 6 0 e l e c t r i c a l ) p o s i t i o n o u t p u t v o l t a g e ( % v d d e ) s l o p e l i n e a r s e n s o r p r o g r a m m i n g o p t i o n s a w t o o t h p r o g r a m m i n g o p t i o n v c l a m p , h i g h = 9 5 - ( 0 t o 6 3 ) %
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 15 april 28, 2017 10. z mid5202 inductive sensor with pwm output the typical interface circuit for the zmid5202 is shown in figure 8 . note: r f , c f = optional low pass filter. values depend on users application. figure 8 . external components for zmid5202 pwm interface with pull - up re sistor table 7 . zmid5202 pwm output buffer characteristics note: refer to vdde pin in table 1 for the value of c ve . symbol parameter conditions minimum typical maximum units f pwm pwm output frequency user programmable typ ical - 7% 0.125 0.25 0.50 0.75 1.00 1.25 1.50 2.00 typ ical + 7% khz t pwm_fall pwm fall time c pwm = 4.7nf, r pu,pwm =1k, v pullup =5v, 2 correction bits 2.45 4.55 s res pwm pwm resolution 10 bits v pullup pwm output voltage (pull - up) 16 v v ol_pwm pwm output low level v pullup =5v to v pullup =16v 10 %v p ullup v oh_pwm pwm output high level v pullup =5v to v pullup =16v 90 %v pullup r pu,pwm pullup resistor for pwm v pullup =5v 1 10 k v pullup =16v 3 10 c pwm output capacitor for pwm 1 4 . 7 20 nf normal operating range limits are programmable 5 95 % duty cycle z m i d 5 2 0 2 p w m o u t v s s e v d d e o u t + 5 v g n d 7 4 6 c v e m c u i n + 5 v g n d w i r i n g c p w m c f r f r p u , p w m z m i d 5 2 0 2 : s e n s o r w i t h p w m i n t e r f a c e d i g i t a l s i g n a l r e c e i v e r v p u l l u p
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 16 april 28, 2017 symbol parameter conditions minimum typical maximum units diag_high_pwm diagnostic high for pwm 96 97 . 5 % duty cycle diag_low_pwm diagnostic low for pwm 2 . 5 4 % duty cycle d cl_ l clamping level , low [a] programmable in 1% steps 5 68 % duty cycle d cl_h clamping level, high [a] programmable in 1% steps 32 95 % duty cycle [a] low c lamping level must be programmed lower than the d cl_h high c lamping level . the 100% position range is mapped to a duty cycle of 5% to 95%. a clamping step of 1% is mapped to a duty cycle change of 0.9%. the diagnostic low level is mapped to a 2.5% (typical) duty cycle; the diagnostic high level is mapped to a 97.5% (typical) duty cycle. figure 9 . pwm signal range the graph in figure 10 shows examples of different pwm signals with 5%, 50% , and 95% duty cycle, representing the minimum, 50% , and maximum output values. note that the minimum and maximum output positions can be mapped to the mechanical range of the application by programming the zero angle offset, slope programming (linear or sawtooth) , and clamp ing level (minimum/maximum duty cycle) register settings (see section 12 and figure 11 ) . for example, for a pedal sensor with pwm output (zmid5202) , having 20 mechanical degrees of movement range and clamping levels of 5% and 95% , the output value 0 represents 0 mechanical degrees and the output value 1 023 dec represents 20 mechanical degrees. note that the slope can be programmed to either rising (as shown in figure 11 ) or falling with increasing electrical angle. n o r m a l o p e r a t i n g r a n g e 1 4 3 2 5 9 5 9 6 6 8 9 9 p w m d u t y c y c l e [ % ] d i a g n o s t i c l o w d i a g n o s t i c h i g h p o s i t i o n 0 0 0 0 p o s i t i o n 1 0 2 3 c l a m p i n g l e v e l , l o w c l a m p i n g l e v e l , h i g h
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 17 april 28, 2017 figure 10 . example of pwm output signal figure 11 . example of zmi d 5202 pwm output transfer function and programming options note: the following figure illustrates an example of 5% and 95% clamping levels and a rising slope setting . 0 3 8 5 1 6 2 6 7 3 2 1 7 3 5 4 1 9 8 6 7 2 8 5 9 9 4 0 4 0 v o h _ p w m v o u t v o l _ p w m t i m e 5 % d u t y c y c l e = 0 0 0 0 d e c 9 5 % d u t y c y c l e = 1 0 2 3 d e c 5 0 % d u t y c y c l e = 5 1 2 d e c 0 t p w m t p w m t p w m 9 5 % 3 6 0 v c l a m p , l o w = 5 + ( 0 t o 6 3 ) % 1 0 0 % p w m o u t p u t v a l u e ( d i g i t a l ) 1 0 2 4 z e r o a n g l e 3 2 % 6 8 % 5 % 0 1 0 2 3 d e c 0 m e c h a n i c a l m o v e m e n t r a n g e p o s i t i o n s l o p e l i n e a r s e n s o r p r o g r a m m i n g o p t i o n s a w t o o t h p r o g r a m m i n g o p t i o n v c l a m p , h i g h = 9 5 - ( 0 t o 6 3 ) % p w m d u t y c y c l e ( % )
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 18 april 28, 2017 11. zmid5203 inductive sensor with sent output three options for the typical interface circuit for the zmid5203 are shown in figure 12 , figure 13 , and figure 14 . note: r f , c f and r p = optional low pass filter for the sent interface . values depend on users application. figure 12 . external components for zmid5203 sent interface, option a figure 13 . external components for zmid5203 sent in terface, option b figure 14 . external components for zmid5203 sent interface, op tion c z m i d 5 2 0 3 s e n t o u t v s s e v d d e + 5 v g n d 7 4 6 c v e m c u i n + 5 v g n d w i r i n g c s e n t 2 . 2 n f c f r f r p u , s e n t 5 1 k ? z m i d 5 2 0 3 : s e n s o r w i t h s e n t i n t e r f a c e d i g i t a l s i g n a l r e c e i v e r 5 v s u p p l y c 1 1 c 1 2 r 0 1 r s , s e n t 5 6 0 ? o u t r p + 5 v g n d 7 4 6 c v e m c u i n + 5 v g n d w i r i n g c f r f r p u , s e n t 1 0 k ? t o 5 1 k ? z m i d 5 2 0 3 : s e n s o r w i t h s e n t i n t e r f a c e d i g i t a l s i g n a l r e c e i v e r 5 v s u p p l y c 1 1 c 1 2 r 0 1 r s , s e n t 5 6 0 ? o u t r p z m i d 5 2 0 3 s e n t o u t v s s e v d d e c s e n t 2 . 2 n f + 5 v g n d 7 4 6 c v e m c u i n + 5 v g n d w i r i n g c f r f z m i d 5 2 0 3 : s e n s o r w i t h s e n t i n t e r f a c e d i g i t a l s i g n a l r e c e i v e r 5 v s u p p l y c 1 1 c 1 2 r 0 1 o u t r p z m i d 5 2 0 3 s e n t o u t v s s e v d d e r p u , s e n t 1 0 k ? c s e n t 1 0 0 p f
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 19 april 28, 2017 table 8 . zmid520 3 sent output buffer characteristics note: refer to vdde pin in table 1 for the value of c ve . symbol parameter conditions minimum typical maximum units res sent sent output resolution 12 bits t stable_high sent high stabilization time high level at 3.8v 6 s v ol output low level 0.5 v v oh output high level 4.1 v r 01 sent output pi ( ) filter resistor for application circuits options a,b, and c 120 c 11 sent output pi () filter first capacitor for application circuits options a , b, and c 2.2 nf t tick clock tick time 3.0 3.36 3.67 s c 12 sent output pi () filter, second capacitor for application circuit option c 3.9 nf for application circuits options a and b 2.2 nf 11.1 sent protocol the sent (single edge nibble transmission) protocol conforms to sae j2716, revision 2. in addition, sent pause and crc can be programmed according to sae j2716, rev ision 3. f or transmitting a nibble with the 0 value, 12 clock ticks are required : a fixed low period of 5 ticks followed by a high period of 7 ticks. one tick equals t tick = 3.0 s to 3.67 s (see table 8 ) . table 9 . s ent nibble output for value = 0 dec for t ransmitting a nibble with the value 15 dec (1111 bin , f hex ), 27 clock ticks are required: a fixed low period of 5 ticks followed by a high period of 22 ticks. the total time for one nibble can be calculated as with the following equation: t nibble = t tick ? ( 12 + x ) w here x = the nibble decimal value = 0 to 15 . 0 1 3 2 8 1 5 1 6 2 1 6 1 7 3 2 2 1 1 7 2 3 2 5 4 2 1 2 9 8 2 6 2 7 1 2 1 8 5 9 1 9 1 4 1 0 2 4 2 0 v o h v o u t v o l t ( t i c k s ) 5 5 7
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 20 april 28, 2017 table 10 . sent tick length decimal 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 hex adecimal 0 1 2 3 4 5 6 7 8 9 a b c d e f number of ticks 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 figure 15 . sent nibble output for value = 15 dec figure 16 . sent frame the sent protocol f rame consists of a fixed - lengt h synch pulse ( low period of 5 ticks followed by a high period of 51 ticks) , followed by a status nibble, 6 data nibbles , and a crc nibble. an optional pause pulse can be programmed to adjust the sent frame to a fixed length of 270 ticks. note that the status nibble has a maximum length of only 5 + 10 = 15 ticks since bits 2 and 3 are always zero: status nibble: 0000 bin = n ormal operation 0011 bin = d iagnostic state the sent output frame format can be programmed in one of two options: 1. 12 - bit position data + 8 - bit rolling coun ter (ctr in figure 16 ) + inverted copy of data 1 msn (nibble # 1 in figure 16 ) + cyclic redundancy check (crc). i n this option, the sent frame length is between 152 and 260 ticks with a variable frame length and 2 70 ticks with a fixed frame length . 2. 12 - bit position data + 000 d ata + crc . i n this option, if the pause pulse is disabled, the sent frame has the shortest possible length : less than 220 ticks. 0 1 3 2 8 1 5 1 6 2 1 6 1 7 3 2 2 1 1 7 2 3 2 5 4 2 1 2 9 8 2 6 2 7 1 2 1 8 5 9 1 9 1 4 1 0 2 4 2 0 v o h v o u t v o l t ( t i c k s ) 5 5 2 2 5 v o h v o u t v o l t i c k s 5 1 7 t o 1 0 5 7 t o 2 2 5 7 t o 2 2 5 7 t o 2 2 5 7 t o 2 2 5 7 t o 2 2 5 7 t o 2 2 5 7 t o 2 2 5 v a r s y n c s t a t u s 4 - b i t ( # 0 ) d a t a 1 m s n 4 - b i t ( # 1 ) d a t a 1 m i d n 4 - b i t ( # 2 ) d a t a 1 l s n 4 - b i t ( # 3 ) d a t a 2 m s n , c t r 4 - b i t ( # 4 ) d a t a 2 l s n , c t r 4 - b i t ( # 5 ) d a t a 2 i n v m s n 4 - b i t ( # 6 ) c r c 4 - b i t ( # 7 ) p a u s e ( o p t i o n a l ) 1 5 2 t o 2 6 0 2 7 0 5
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 21 april 28, 2017 note that the minimum and maximum output positions can be mapped to the mechanical range of the application by programming the zero angle offset and slope register settings (see section 12 and figure 17 ) . for example for a pedal sensor with sent output (zmid5203) with 20 mechanical degrees of movement range, the output value 0 represents 0 mechanical d egrees and the output value 4095 dec represents 20 mechanical degrees. note that the slope can be programmed to either rising (as shown in figure 17 ) or falling with increasing electrical angle. figure 17 . example of zmid5203 output transfer function and programming options note: the following figure illustrates a n example using the rising slope setting . 3 6 0 s e n t o u t p u t v a l u e ( d i g i t a l ) 4 0 9 6 z e r o a n g l e 0 4 0 9 5 d e c 0 m e c h a n i c a l m o v e m e n t r a n g e p o s i t i o n s l o p e l i n e a r s e n s o r p r o g r a m m i n g o p t i o n s a w t o o t h p r o g r a m m i n g o p t i o n
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 22 april 28, 2017 12. programming options the zmid520x family offers a variety of programming options. the ic is programmed through the output pin via a proprietary bi - directional one - wire interface (owi) . for programming, no additional wires or programming voltage is required, so the ic can be fully programmed in the field. note: a full description of the idt one - wire interface protocol and a detailed memory map are available on request. the main program - ming functions are described in table 11 . table 11 . programming options overview function products programming o ption note s coil input all reverse coil polarity (increasing or decreasing output relative to target movement) invert coils to change the direction of the output values input amplifier all offset of sine and cosine channels offset correction before c ordic angle calculation slope of t ransfer function all steepness of slope , rising/falling adjustment of angle range zero position all zero angle to match mechanical zero position with electrical zero position linearization all 9 - point linearization to increase accuracy and compensate for imperfections in coil design transmit coil all coil driver current and amplitude to optimize tx oscillator output mode all linear or sawtooth single or multiple ramps clamp low, clamp high ZMID5201 minimum, maximu m output voltage define normal operating range zmid5202 minimum, maximum pwm duty cycle define normal operating range diagnostic levels ZMID5201 output voltage in diagnostic mode to indicate diagnostic alarm zmid5202 pwm duty cycle in diagnostic mode to indicate diagnostic alarm pwm fall time zmid5202 pwm output signal slew rate to optimize emc performance pwm base frequency zmid5202 pwm frequency base frequency of pwm signal sent crc zmid5203 crc according to sae j2716, rev.2 or rev.3 implementation of crc calculation sent pause zmid5203 optional p ause setting according to sae j2716, rev ision 2 or rev ision 3 r evision 2: n o pause pulse rev ision 3: f ixed frame length + pause sent frame zmid5203 type of data transmitted in sent frame 12 - bit position data + 8 - bit rolling counter + inverted copy of first data nibble + crc (see figure 16 ) 12 - bit position data + 000 data + crc diagn ostics all c ordic magnitude upper and lower levels to trigger alarm if c ordic magnitude is out of range transmit coil frequency alarm detect s out of range tx frequency automatic gain control (agc) detect s agc out of range eeprom double error ; s hadow register parity error internal memory errors r1 or r2 coil open or short detect defective receiver coils signal processing overflow internal processing errors
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 23 april 28, 2017 13. operation at high rotation speeds the zmid520x ics are primarily designed for low - speed or static operati on due to their inherent interface types ( a nalog ramp, pwm, sent). t here is no upper speed limit for using the zmid520x in high speed applications ; h owever, due to the maximum data rate at the various outputs, the resolution ( on a ro tary application: number of measurements per revolution ) will be reduced with increasing speed. the maximum output data rat es for the various versions are given in table 12 . table 12 . maximum output data rate product type of output maximum output rate , updates per second n ote s ZMID5201 analog ramp 10 000 linear analog ramp zmid5202 pwm 2 000 programmable from 125 hz to 2000 hz zmid5203 sent 1 235 270 ticks @ 3s with th ese maximum output data rate s , the resolution versus rotation speed relation ship is shown in the graph in figure 18 . figure 18 . relationship between resolution and rotational speed
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 24 april 28, 2017 for example, the number of readings per revol ution at 10rpm and 1000 rpm are given in table 13 . table 13 . resolution at different rotation speeds product type of output readings per r evolution at 10rpm readings per revolution at 1000rpm ZMID5201 analog ramp 1024 (10 - bit) 600 (9.2 - bit) zmid5202 pwm 1024 (10 - bit) 120 (6 . 9 - bit) zmid5203 sent 4096 (12 - bit) 74 (6 . 2 - bit) 14. interpolation, linearity error correction a post - cordic linearity correct ion is available to correct non linearities and to further increase the overall accuracy of the system. the correction factors are applied by line ar interpolation between 9 equi distant points over one phase (0 to 360) with one of two options : ? option 1: s tarting at 0 with intervals of 45 ? option 2: same as option1 shifted by 22.5 , starting at 22.5 with inte rvals of 45 table 14 . linearity correction po ints point 1 2 3 4 5 6 7 8 9 option 1 0 45 90 135 180 225 270 315 360 option 2 22. 5 67. 5 112. 5 157. 5 202. 5 247. 5 292. 5 337. 5 382.5 (22. 5) note that in a rotating application, correction po int 1 (0) and point 9 (360) coincide at the same angle. therefore in such cases , it is useful to use the same correction va lues for both point 1 and point 9 . in general, the correction po ints are applicable as follows: c orrection point 1 is used f or angles 0 < 45 and optionally for 22. 5 < 67. 5 . () correction p oint 9 is used f or angles 315 < ( 360 = 0) and optionally for 337. 5 < 22. 5 . for each point , an offset can be applied. angle values between two points are corrected by linear interpolation between the two linearization points.
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 25 april 28, 2017 15. application examples t ypical coil and target arrangements are shown in figure 19 t o figure 24 : linear motion ; arc motion ; and on - axis (end of shaft) and off - axis (side shaft) rotary. many other arrangements are also possible. in the figures , blue indicates the target and the dashed li nes indicate range of travel . see table 15 for resolution values. note: the coils are shown in a simplified form. detailed guidelines on coil design a nd programming options are available on request from idt application support. note that within each base configuration, the movement range can be further fine - trimmed by user programming. examples: ? an angle sensor for 0 to 270 angle range would use a 360 base configuration (360/1) and could then be trimmed to a maximum angle of 270 by user programming. ? an angle sensor for 0 to 110 angle range would use a 120 configuration (360/3) and could then be trimmed to a maximum angl e of 110 by user programmin g. figure 19 . example setup : linear motion figure 20 . example setup: arc motion figure 21 . example setup: end - of - shaft rotation, on - axis, 1 360 ? figure 22 . example setup: side - shaft rotation, off - axis, 1 360 ?
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 26 april 28, 2017 figure 23 . example setup: side - shaft rotation, off - axis, 2 180 ? figure 24 . example setup: side - shaft rotation, off - axis, 6 60 ? the different coil and target arrangements provide different ranges for the degrees measurement, which affects the measurement resolution (degrees per step). this varies depending on the zmid520x product. table 15 gives examples of resolution for various ranges of motion for each product. table 15 . examples of resolution differen ces depending on product range of travel for example application resolution of measurement zmid520 1/ zmid5202 ( 1 024 steps per phase ) zmid5203 (4096 steps per phase ) linear position sensing range of travel = coil length minus target length (see the example in figure 19 ) (range of travel)/1024 (range of travel)/4096 arc position sensing range of travel = coil arc angle minus target angle (width of target) (see the example in figure 20 ) (range of travel)/1024 (range of travel)/4096 1 ? 360 ? (see the examples in figure 21 and figure 22 ) 0. 35 ? /step 0.088 ? /step 2 ? 180 ? (see the example in figure 23 ) 0. 18 ? /step 0.044 ? /step 6 ? 60 ? (see the example in figure 24 ) 0.059 ? /step 0.015 ? /step
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 27 april 28, 2017 16. package drawing 14 - tssop figure 25 . 14 - tssop package outline drawing
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 28 april 28, 2017 17. recommended land pattern figure 26 . 14 - tssop recommended pcb land pattern
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 29 april 28, 2017 18. marking diagram line 1: first four characters of part code ( zmid ) line 2: next four characters of the part code ( 5201, 5202, or 5203 ) followed by a = design r evision e = operation temperature range, extended automotive line 3 : xxxxxx = lot number line 4 : y y ww = manufacturing date : yy = last two digits of manufacturing year ww = manufacturing week 19. ordering information orderable part number description and package msl rating shipping packaging temperature ZMID5201ae1r ZMID5201; analog output; 14 - tssop 1 tape and reel - 40 to +150c ZMID5201ae1t ZMID5201; analog output; 14 - tssop 1 tube - 40 to +150c zmid5202ae1r zmid5202; pwm output; 14 - tssop 1 tape and reel - 40 to +150c zmid5202ae1t zmid5202; pwm output; 14 - tssop 1 tube - 40 to +150c zmid5203ae1r zmid5203; sent output; 14 - tssop 1 tape and reel - 40 to +150c zmid5203ae1t zmid5203; sent output; 14 - tssop 1 tube - 40 to +150c ZMID5201 - evk ZMID5201 evaluation kit: zmid communication board, ZMID5201 demo board with printed sensor coil, micro - usb cable zmid5202 - evk zmid5202 evaluation kit: zmid communication board, zmid5202 demo board with printed sensor coil, micro - usb cable zmid5203 - evk zmid5203 evaluation kit: zmid communication board, zmid5203 demo board with printed sensor coil, micro - usb cable z m i d 5 2 0 x a e x x x x x x y y w w
ZMID5201/ - 02/ - 03 datasheet ? 2017 integrated device technology, inc . 30 april 28, 2017 20. revision history revision date description of change april 2 8 , 2017 ? correction for sine and cosine labels in the following figures: application circuit on page 1, the block diagram on page 2 , figure 3 , and figure 4 . ? minor edits. march 28, 2017 ? correction for table 15 for step values . ? addition of new images for figure 19 to figure 24 . ? correction of name of zmid520x reference board to zmid520x demo board in kit contents given in part order table. march 2 3 , 2017 initial release. corporate headquarters 6024 silver creek valley road san jose, ca 95138 www.idt.com sales 1 - 800 - 345 - 7015 or 408 - 284 - 8200 fax: 408 - 284 - 2775 www.idt.com/go/sales tech support www.idt.com/go/support disclaimer integrated device technology, inc. (idt) and its affiliated companies (herein referred to as idt) reserve the right to modify the products and/or specifications described herein at any time, without notice, at idt's sole discretion. performance specifications and operating parameters of the described products are d etermined in an independent sta te and are not guaranteed to perform the same way when installed in customer products. the information contained herein is provided without representation or warranty of a ny kind, whether express or implied, including, but not limited to, the suitability o f idt's products for any particular purpose, an implied warranty of merchantability, or non - infringement of the intellectual property rights of others. this document is presented only as a guide and does not convey any license under intellectual property r ights of idt or any third parties. idt's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an idt product can be reasonably expect ed to significantly affect the health or safety of users. anyone using an idt product in such a manner does so at their own r isk, absent an express, written agreement by idt. integrated device technology, idt and the idt logo are trademarks or registered trademarks of idt and its subsidiaries in the united states and other countries. other trademarks used herein are the property of idt or their respective third party owners. fo r datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary . all contents of this document are copyright of integrated device technology, inc. all rights reserved.


▲Up To Search▲   

 
Price & Availability of ZMID5201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X