Part Number Hot Search : 
89LPC9 C4010 BR20H1 CKF2632 P8039AHL AD7574BQ T1621 BD00HC0
Product Description
Full Text Search
 

To Download XZFMYK14A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  oct 13,2016 xdsa9102 v7-x layout: maggie l. p. 1/4 part number: XZFMYK14A surface mount display features 0.56 inch digit height robust package low power consumption standard configuration: gray face w/ white segments standard package: 400pcs/ reel msl (moisture sensitivity level): 2a rohs compliant absolute maximum ratings (t a =25c) yellow (algainp) unit reverse voltage v r 5 v forward current i f 30 ma forward current (peak) 1/10 duty cycle 0.1ms pulse width i fs 175 ma power dissipation p d 75 mw operating temperature t a -40 ~ +85 c storage temperature tstg -40 ~ +85 package schematics notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. specifications are subjec t to change without notice. 3.the gap between the reflector an d pcb shall not exceed 0.25mm. yellow (algainp) unit forward voltage (typ.) (i f =10ma) v f 1.95 v forward voltage (max.) (i f =10ma) v f 2.5 v reverse current (max.) (v r =5v) i r 10 ua wavelength of peak emission cie127-2007* (typ.) (i f =10ma) p 590* nm wavelength of dominant emission cie127-2007* (typ.) (i f =10ma) d 590* nm spectral line full width at half-maximum (typ.) (i f =10ma) 20 nm capacitance (typ.) (v f =0v, f=1mhz) c 20 pf operating characteristics (t a =25c) part number emitting color emitting material wavelength cie127-2007* nm p description min. typ. XZFMYK14A yellow algainp 31000 14000* 75990 28990* 590* common anode,rt. hand decimal. luminous intensity cie127-2007* (i f =10ma) ucd *luminous intensity value and wavelength ar e in accordance with cie127-2007 standards. a relative humidity between 40% and 60% is recommended in esd-protected work areas to reduce static build up during assembly process (reference jedec/jesd625-a and jedec/j-std-033) attention observe precautions for handling electrostatic discharge sensitive devices
oct 13,2016 xdsa9102 v7-x layout: maggie l. p. 2/4 part number: XZFMYK14A surface mount display ? yellow led is recommended for reflow soldering and soldering profile is shown below. yellow
oct 13,2016 xdsa9102 v7-x layout: maggie l. p. 3/4 part number: XZFMYK14A surface mount display ? recommended soldering pattern (units : mm; tolerance: 0.15) ? tape specification (units : mm) ? reel dimension remarks: if special sorting is required (e.g. binning based on forward vo ltage, luminous intensity / luminous flux, or wavelength), the typical accuracy of the sort ing process is as follows: 1. wavelength: +/-1nm 2. luminous intensity / luminous flux: +/-15% 3. forward voltage: +/-0.1v note: accuracy may depend on the sorting parameters.
oct 13,2016 xdsa9102 v7-x layout: maggie l. p. 4/4 part number: XZFMYK14A surface mount display terms of use 1. data presented in this document reflect statistical figures and should be treated as technical reference only. 2. contents within this document are subject to improvement and enhancement changes without notice. 3. the product(s) in this document are designed to be operated within the electrical and environmental specifications indicated on the datasheet. user accepts full risk and responsibility when operating the product(s) beyond their intended specifications. 4. the product(s) described in this document are intended for electronic applications in which a person?s life is not reliant u pon the led. please consult with a sunled representative for special applications where the led may have a direct impact on a person?s life. 5. the contents within this document may not be altered without prior consent by sunled. 6. additional technical notes are available at http://www.sunledusa.co m/technicalnotes.asp ? packing & label specifications


▲Up To Search▲   

 
Price & Availability of XZFMYK14A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X