part number: XZFMYK14A2 surface mount display oct 13,2016 xdsa9118 v8-x layout: maggie l. p. 1/4 features 0.56 inch digit height robust package low power consumption standard configuration: gray face w/ white segments standard package: 200pcs/ reel msl (moisture sensitivity level): 2a rohs compliant absolute maximum ratings (t a =25c) yellow (algainp) unit reverse voltage v r 5 v forward current i f 30 ma forward current (peak) 1/10 duty cycle 0.1ms pulse width i fs 175 ma power dissipation p d 75 mw operating temperature t a -40 ~ +85 c storage temperature tstg -40 ~ +85 package schematics notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. specifications are subjec t to change without notice. 3.the gap between the reflector an d pcb shall not exceed 0.25mm. yellow (algainp) unit forward voltage (typ.) (i f =10ma) v f 1.95 v forward voltage (max.) (i f =10ma) v f 2.5 v reverse current (max.) (v r =5v) i r 10 ua wavelength of peak emission cie127-2007* (typ.) (i f =10ma) p 590* nm wavelength of dominant emission cie127-2007* (typ.) (i f =10ma) d 590* nm spectral line full width at half-maximum (typ.) (i f =10ma) 20 nm capacitance (typ.) (v f =0v, f=1mhz) c 20 pf operating characteristics (t a =25c) part number emitting color emitting material wavelength cie127-2007* nm p description min. typ. XZFMYK14A2 yellow algainp 31000 14000* 75990 28990* 590* common anode, rt.hand decimal. luminous intensity cie127-2007* (i f =10ma) ucd *luminous intensity value and wavelength ar e in accordance with cie127-2007 standards. attention observe precautions for handling electrostatic discharge sensitive devices a relative humidity between 40% and 60% is recommended in esd-protected work areas to reduce static build up during assembly process (reference jedec/jesd625-a and jedec/j-std-033)
part number: XZFMYK14A2 surface mount display oct 13,2016 xdsa9118 v8-x layout: maggie l. p. 2/4 ? yellow led is recommended for reflow soldering and soldering profile is shown below. yellow
part number: XZFMYK14A2 surface mount display oct 13,2016 xdsa9118 v8-x layout: maggie l. p. 3/4 ? recommended soldering pattern (units : mm; tolerance: 0.15) ? tape specification (units : mm) ? reel dimension remarks: if special sorting is required (e.g. binning based on forward vo ltage, luminous intensity / luminous flux, or wavelength), the typical accuracy of the sort ing process is as follows: 1. wavelength: +/-1nm 2. luminous intensity / luminous flux: +/-15% 3. forward voltage: +/-0.1v note: accuracy may depend on the sorting parameters.
part number: XZFMYK14A2 surface mount display oct 13,2016 xdsa9118 v8-x layout: maggie l. p. 4/4 packing & label specifications terms of use 1. data presented in this document reflect statistical figures and should be treated as technical reference only. 2. contents within this document are subject to improvement and enhancement changes without notice. 3. the product(s) in this document are designed to be operated within the electrical and environmental specifications indicated on the datasheet. user accepts full risk and responsibility when operating the product(s) beyond their intended specifications. 4. the product(s) described in this document are intended for electronic applications in which a person?s life is not reliant u pon the led. please consult with a sunled representative for special applications where the led may have a direct impact on a person?s life. 5. the contents within this document may not be altered without prior consent by sunled. 6. additional technical notes are available at http://www.sunledusa.co m/technicalnotes.asp ?
|