Part Number Hot Search : 
SXX10DS2 BD786 HEF4067B DS1707 6KE12 M132507 TN3018 99000
Product Description
Full Text Search
 

To Download W0603HT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  high temperature tanfilm ? chip resistors pfc ht series available in industry standard 0603, 0805 and 1206 chip sizes gold and 100% tn (pb-free) terminatons available self-passivatng tanfilm? element absolute tcr to 25ppm/c ir c adv anced film division general note irc reserves the right to make changes in product specication without notice or liability . all information is subject to irc ?s own data and is considered accurate at time of going to print. a subsidiary of t t electronics plc ? corpus christi t exas 78411 usa ? irc ad v anced film division t elephone: 361 992 7900 ? f acsimile: 361 992 3377 ? email: afdsales@irctt.com ? w ebsite: www .irctt.com pfc hi t emp series issue may 2005 wr ap around ter mination ultr a stab le t antalum nitr ide resistor ? lm system resistor ? lm system high t emper ature t anfilm ? chip resistors ? ? pfc ht series ? a v ailab le in industr y standard 0603, 0805 and 1206 chip siz es ? gold and 100% tin (pb-free) ter minations a v ailab le ? self-passiv ating t anfilm ? element ? ? ? absolute tcr to 25ppm/c ph ysical data l a w h b t o p side b ott om l w h a b w0603 w0805 w1206 electr ical data model ohmic range absolute tcr rated p o w er rated v oltage (not to e xceed r ated po w er) t emper ature range t er mination substr ate W0603HT 10 to 10k 100ppm/c 0.0625w 33.3v -55c to 200c gold and 100% tin (pb-free) 99.5% alumina 25 to 10k 50ppm/c 50 to 10k 25ppm/c w0805ht 10 to 20k 100ppm/c 0.100w 50v 25 to 20k 50ppm/c 50 to 20k 25ppm/c w1206ht 5 to 85k 100ppm/c 0.125w 100v 25 to 85k 50ppm/c 50 to 85k 25ppm/c 0.063 0.004 (1.6 0.1) 0.081 0.005 (2.06 0.13) 0.126 0.006 (3.2 0.15) 0.031 0.004 (0.79 0.1) 0.05 0.005 (1.27 0.13) 0.063 0.005 (1.6 0.13) 0.02 0.004 (0.51 0.1) 0.02 0.006 (0.51 0.15) 0.024 0.004 (0.61 0.1 0.012 0.005 (0.3 0.13) 0.015 0.008 (0.38 0.2) 0.025 0.01 (0.64 0.25) 0.015 0.005 (0.38 0.13) 0.016 0.008 (0.41 0.2) 0.025 0.01 (0.64 0.25) resistors ma ke p ossibl e 07.14 general note tt electronics reserves the right to make changes in product specifcation without notice or liability. all information is subject to tt electronics own data and is considered accurate at time of going to print. ? tt electronics plc www.ttelectronicsresistors.com all pb-free parts comply with eu directve 2011/65/eu (rohs2)
high temperature tanfilm ? chip resistors pfc ht series pfc hi temp series issue may 2005 irc advanced film division ? corpus christi texas 78411 usa ? irc advanced film division telephone: 361 992 7900 ? facsimile: 361 992 3377 ? email: afdsales@irctt.com ? website: www.irctt.com high temperature tanfilm ? chip resistors ? chip resistors ? rated power vs temperature data 100 50 50 100 150 200 t emperature in c % rated po we r performance data environmental test mil-prf-55342 performance typical maximum thermal shock 0.02% 0.10% short time overload 0.02% 0.05% high temperature exposure 0.03% 0.10% effects of solder 0.01% 0.10% moisture resistance 0.03% 0.10% life (1000 hours, 200c, no load ) 0.8% 1.0% life (1000 hours, 150c, rated power ) 0.2% 0.5% pre? x pfc - w1206 ht - 01 - 1001 - f chip size w1206; w0805; w0603 termination ht = high temperature chip resistor with gold plated terminations htlf = high temperature chip resistor with 100% tin (pb-free) terminations tcr code 01 = 100ppm/c; 02 = 50ppm/c; 03 = 25ppm/c resistance code 4-digit resistance code. ex: 1002 = 10k ? ; 50r0 = 50 ? tolerance code j = 5%; g = 2%; f = 1% order ing data p h y s i cal da t a o r d e r ing pr o cedur e t h i s p ro d u c t h a s t w o v a lid p a rt num bers : e u r opean ( w e lw y n ) p a r t nu m b e r: w 1 2 0 6 ht - 0 1 - 1 k 0 f ( 1 2 0 6, 1 00p p m / c, 1 k ilohm 1 % , a u te r m i nati ons ) w 1 2 0 6 h t - 0 1 - 1 k 0 f 1 2 3 4 5 6 us a ( irc) p a r t nu m b e r : p f c- w 1206 ht - 0 1 - 1001 - f ( 1206, 1 0 0ppm / c, 1 k ilohm 1 % , a u t e r m i nati ons ) p f c - w 1 2 0 6 h t - 0 1 - 1 0 0 1 - f 1 2 3 4 5 6 d imen s io n s in in ch e s ( mm) mod e l l w h a b w 0603 0.063 0.004 ( 1.6 0. 1 ) 0.031 0.004 ( 0.79 0.1 ) 0.02 0. 004 ( 0.51 0.1 ) 0.012 0.005 ( 0.3 0. 13 ) 0.015 0.005 ( 0.38 0.13 ) w 0805 0.081 0.005 ( 2.06 0.13 ) 0.05 0. 005 ( 1.27 0.13 ) 0.02 0. 006 ( 0.51 0.15 ) 0.015 0.008 ( 0.38 0.2 ) 0.016 0.008 ( 0.41 0.2 ) w 1206 0.126 0.006 ( 3.2 0. 15 ) 0.063 0.005 ( 1.6 0. 13 ) 0.024 0.004 ( 0.61 0.1 ) 0.025 0.01 ( 0.64 0.25 ) 0.025 0.01 ( 0.64 0.25 ) 1 2 3 4 5 6 t y p e si z e t e r m ina ti o n t c r va lue tole r a n c e packi n g w = p f c 0603 h t = h i gh t e m p . w i t h au t e rm i nat i o n s 03 = 2 5 p p m / c e24 = 3 / 4 c hara c t e r s e96 = 3 / 4 c hara c t e r s r = ohm s k = k i l o h m s f = 1 % all s i z e s 1 000/ r eel 0805 02 = 5 0 p p m / c g = 2 % 1206 h t l f = h i gh t e m p . w i t h 100% sn t e rm i nat i ons 01 = 1 0 0pp m / c j = 5 % 1 2 3 4 5 6 f ami l y m ode l t e r m ina ti o n t c r va lue tole r a n c e packing pf c w 060 3 h t = h i gh t e m p . w i t h au t e rm i nat i o n s 03 = 2 5 p p m / c 3 d i g i t s + m u l t i p l i e r f = 1 % all s i z e s 1 000/ r eel w 080 5 02 = 5 0 p p m / c r = ohm s f o r v a l ues <100 o h m s g = 2 % w 120 6 h t l f = h i gh t e m p . w i t h 100% sn t e rm i nat i ons 01 = 1 0 0pp m / c j = 5 % ma ke p ossibl e 07.14 general note 77(ohfwurqlfvuhvhuyhvwkhuljkwwrpdnhfkdqjhvlqsurgxfwvshflfdwlrqzlwkrxwqrwlfhruoldelolw\ $oolqirupdwlrqlvvxemhfwwr77(ohfwurqlfvarzqgdwddqglvfrqvlghuhgdffxudwhdwwlphrijrlqjwrsulqw ? tt electronics plc zzzwwhohfwurqlfvuhvlvwruvfrp


▲Up To Search▲   

 
Price & Availability of W0603HT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X