Part Number Hot Search : 
230D1 1595MNR2 230D1 RF205 MBRS130 R2001 MMG3007 M65AF
Product Description
Full Text Search
 

To Download TPE1205S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tp e 5v & 12v s erie s www.gztoppower.com tel:0086-20-82019000 email :sales2@gztoppower.com page 1 / 3 description the tpe series are miniature, isolated 1w dc/dc con verters in a sip and dip package. they offer the ideal solution in many space critical applicati ons for board level power distribution. the interna l smd construction makes it possible to offer a produ ct with high performance at low cost. the series offers smaller size, improved efficiency, lower out put ripple noise and 1kvd c~3kvdc isolation. 1w isolated single output dc/dc converters isolation characteristics parameter conditions min. typ. max. units isolation test voltage/sip tested for 1 second 1000 vdc isolation test voltage/dip tested for 1 second 3000 vdc resistance viso= 1000vdc 1 g0 features rohs compliant single isolated output 1kvdc isolation /sip; 3kvdc/ dip efficiency up to 81% operating temperature :-40c to 85c power density 1.53w/cm 3 ul 94v-0 package material footprint from 0.69cm 2 industry standard pinout input voltage: 5v, 12v ,24v output voltage: 5v, 9v, 12v ,15v,24v / selection guide part number nominal input voltage output voltage output current efficiency package style v v ma % tpe0505d 5 5 200/20.0 68 dip tpe0509d 5 9 110/11.0 78 dip tpe0512d 5 12 83/8.3 77 dip tpe0515d 5 15 66/6.6 81 dip tpe0524d 5 24 42/4.2 80 dip tpe0505s 5 5 200/20.0 70 sip tpe0509s 5 9 110/11.0 78 sip tpe0512s 5 12 83/8.3 78 sip tpe0515s 5 15 66/6.6 80 sip tpe0524s 5 24 42/4.2 79 sip tpe1205d 12 5 200/20.0 69 dip tpe1209d 12 9 110/11.0 74 dip tpe1212d 12 12 83/8.3 76 dip tpe1215d 12 15 66/6.6 75 dip TPE1205S 12 5 200/20.0 71 sip tpe1209s 12 9 110/11.0 73 sip tpe1212s 12 12 83/8.3 76 sip tpe1215s 12 15 66/6.6 74 sip tpe1218s 12 18 55/5.5 74 sip tpe2405s 24 5 200/20.0 71 sip input characteristics parameter conditions min. typ. max. units voltage range 5v input 4.5 5.0 5.5 v voltage range 12v input 10.8 12.0 13.2 v voltage range 24v input 21.6 24 26.4 v reflected ripple current 26 48 ma p-p
tp e 5v & 12v s erie s www.gztoppower.com tel:0086-20-82019000 email :sales2@gztoppower.com page 2 / 3 output characteristics parameter conditions min. typ. max. units rated power ta= - 40c to 85c 1.0 w voltage set point accuracy see tolerance envelope line regulation high vin to low vin 1.0 1.2 %/% load regulation 10%load to rated load 5v output 14 15 % load regulation 10%load to rated load 9v output 9 10 % load regulation 10%load to rated load 12v output 7.5 9.5 % load regulation 10%load to rated load 15v output 7.0 8.5 % load regulation 10%load to rated load 24v output 5.5 7.5 % all specifications typical at ta=25c, nominal inpu t voltage and rated output current unless otherwise specified. general characteristics parameter conditions min. typ. max. units switching frequency 5v input 110 khz switching frequency 12v input 145 khz switching frequency 24v input 100 khz temperature characteristics parameter conditions min. typ. max. units specification all output -40 85 storage -55 150 case temperature above ambient 5v output 41 case temperature above ambient all other output 32 cooling free air convection temperature derating graphs tolerance envelopes soldering information this series is compatible with rohs soldering syste ms with a peak wave solder temperature of 300c for 10 seconds. both types in this series are backward compatible with sn/pb soldering systems. output voltage t y p i c a l l o a d l i n e 10 25 50 75 100 -7.5% + 2.5% -2.5% nom v + 5% + 10% output load current(% ) safe operating area 85 c ambient temperature( c) output power(w) 150 100 50 0 -40 0 0.5 1.0 1.5 1 2 0 c
tp e 5v & 12v s erie s www.gztoppower.com tel:0086-20-82019000 email :sales2@gztoppower.com page 3 / 3 2.54 2.54 1.15 1.00 4 4 hole s all dimensions in mm 0.25mm. all pins on a 2.54 mm pitch and within 0.25mm of true position weight: 1.30g (sip) 1.48g (dip) mechanical dimensions pin connections-8 pin dip pin function 1 -vin 4 +vin 5 +vout 7 -vout pin connections-4 pin sip pin function 1 -vin 2 +vin 3 -vout 4 +vout recommended footprint details tube outline dimensions 8pin dip package 4pin sip package 8pin dip tube 4pin sip tube unless otherwise stated all dimensions in mm 0.5mm . tube length (8 pin dip) : 520mm 2mm. tube length (4 pin sip) : 520mm 2mm. tub e quantity : 35 5.07 0.65 5.10 14.50 12.00 9.30 12.43 0.50 5.00 18.00 dip package sip package 1.15 1.00 4 2.54 2.54 4 hole s 11.48 tpe0505s yyww 2.54 4 5 7 1 yyww tpe0505d 11.50 7.62 5.08 9.80 6.80 4.60 3.60 6.00 10.00 0.55 0.45 4.60 3.60 1 2 3 4 1.94 1.25 0.30 0.20 7.63 1.09 0.30 0.20 1.94 0.55 0.45 7.62 2.54 0.55 0.45 bottom view bottom view toppower toppower


▲Up To Search▲   

 
Price & Availability of TPE1205S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X