Part Number Hot Search : 
SG6846G 25100 ZMM5235B BCR141W LT1056 SMBJ30A X3101 VQRT645C
Product Description
Full Text Search
 

To Download TPE1203S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tpe 3.3v, 5v & 12 v series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 1 of 3 description the tpe series are miniature, isolated 1w dc/dc converters in a sip and dip package. they offe r the ideal solution in many space critical applications for board level power distribution. the internal smd construction makes it possible to offer a product with high performance at low cost. the series offers smaller size, improved efficiency, lower output ripple noise. 1w 1.5kvdc and 2kvdc isolated single output dc/dc converters isolation characteristics parameter conditions min. typ. max. units isolation test voltage sip package tested for 1 second 1500 vdc isolation test voltage dip package tested for 1 second 2000 vdc resistance viso= 1000vdc 1 g ? features rohs compliant single isolated output sip:1.5kvdc isolation dip: 2kvdc isolation efficiency up to 81% operating temperature :-40 to 105 power density 1.53w/cm 3 ul 94v-0 package material footprint from 0.69cm 2 industry standard pinout input voltage: 3.3v, 5v, 12v output voltage:3.3v,5v, 9v, 12v, 15v & 24v ce certification selection guide part number nominal in p ut volta g e out p ut volta g e out p ut current ( max./min ) efficienc y package style v v m a % tpe0303d 3.3 3.3 303/30.3 72 dip tpe0305d 3.3 5 200/20 74 dip tpe0303s 3.3 3.3 303/30.3 72 sip tpe0305s 3.3 5 200/20 74 sip tpe0503d 5 3.3 303/30.3 72 dip tpe0505d 5 5 200/20 68 dip tpe0509d 5 9 110/11 78 dip tpe0512d 5 12 83/8.3 77 dip tpe0515d 5 15 66 / 6.6 81 dip tpe0524d 5 24 42/4.2 80 dip tpe0503s 5 3.3 303/30.3 72 sip tpe0505s 5 5 200/20 70 sip tpe0509s 5 9 110/11 78 sip tpe0512s 5 12 83/8.3 78 sip tpe0515s 5 15 66/6.6 80 sip tpe0524s 5 24 42/4.2 79 sip tpe1203d 12 3.3 303/30.3 72 dip tpe1205d 12 5 200/20 69 dip tpe1209d 12 9 110/11 74 dip tpe1212d 12 12 83/8.3 76 dip tpe1215d 12 15 66/6.6 75 dip TPE1203S 12 3.3 303/30.3 72 sip tpe1205s 12 5 200/20 71 sip tpe1209s 12 9 110/11 73 sip tpe1212s 12 12 83/8.3 76 sip tpe1215s 12 15 66/6.6 74 sip add suffix ?p? for continuous short circuit protection, for example tpe0505sp. input characteristics parameter conditions min. typ. max. units voltage range 3.3v input 2.9 3.3 3.6 v voltage range 5v input 4.5 5.0 5.5 v voltage range 12v input 10.8 12.0 13.2 v reflected ripple current 26 48 ma p-p toppower
tpe 3.3v, 5v & 12 v series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 2 of 3 output characteristics parameter conditions min. typ. max. units rated power ta= - 40c to 85c 1.0 w voltage set point accuracy see tolerance envelope line regulation high vin to low vin 1.0 1.2 %/% load regulation 10%load to rated load 3.3v output 14 15 % load regulation 10%load to rated load 5v output 14 15 % load regulation 10%load to rated load 9v output 9 10 % load regulation 10%load to rated load 12v output 7.5 9.5 % load regulation 10%load to rated load 15v output 7.0 8.5 % load regulation 10%load to rated load 24v output 5.5 7.5 % all specifications typical at ta=25c, nominal input voltage and rated output current unless otherwise specified. general characteristics parameter conditions min. typ. max. units switching frequency 3.3v input 95 khz switching frequency 5v input 110 khz switching frequency 12v input 145 khz temperature characteristics parameter conditions min. typ. max. units specification derating if the temperature 85c -40 105 storage -55 150 case temperature above ambient 5v output 41 case temperature above ambient all other output 32 cooling free air convection temperature derating graphs tolerance envelopes soldering information this series is compatible with rohs soldering systems with a peak wave solder temperature of 300c for 10 seconds. both types i n this series are backward compatible with sn/pb soldering systems. output voltage t y p i c a l l o a d l i n e 10 25 50 75 100 -7.5% +2.5% -2.5% nom v +5% +10% output load current(%) 1.5 1.0 0.5 0 -40 0 50 100 150 output power(w) ambient temperature(c) 85c safe operating area 105 toppower
tpe 3.3v, 5v & 12 v series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 3 of 3 2.54 2.54 1.15 1.00 4 4 holes all dimensions in mm 0.25mm. all pins on a 2.54 mm pitch and within 0.25mm of true position weight: 1.30g (sip) 1.48g (dip) mechanical dimensions pin connections 8 pin dip pin function 1 -vin 4 +vin 5 +vout 7 -vout 4 pin sip pin function 1 -vin 2 +vin 3 -vout 4 +vout recommended footprint details tube outline dimensions 8pin dip package 4pin sip package 8pin dip tube 4pin sip tube unless otherwise stated all dimensions in mm 0.5mm. tube length (8 pin dip) : 520mm 2mm. tube length (4 pin sip) : 520mm 2mm. tube quantity : 35pcs 5.07 0.65 5.10 14.50 12.00 9.30 12.43 0.50 5.00 18.00 dip package sip package 1.15 1.00 4 2.54 2.54 4 holes 11.48 tpe0505s yyww 2.54 4 5 7 1 yyww tpe0505d 11.50 7.62 5.08 9.80 6.80 4.60 3.60 6.00 10.00 0.55 0.45 4.60 3.60 1 2 3 4 1.94 1.25 0.30 0.20 7.63 1.09 0.30 0.20 1.94 0.55 0.45 7.62 2.54 0.55 0.45 bottom view bottom view toppower toppower toppower


▲Up To Search▲   

 
Price & Availability of TPE1203S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X