specifcations highlights ? tough plastic case ? low dcl ? low esr and impedance ? low cost ? temperature stable ? ul94vo fammability rating ? resistant to shock and vibration capacitance range: voltage range: tolerance: operating temperature range: dc leakage: capacitance change maximum: reverse voltage (non-continuous): reel packaging: 0.10 f to 330 f 6 wvdc to 50 wvdc at 85 oc 10%, 20% C55 oc to +125 oc (with proper derating) +25 oc - see ratings limit +85 oc - 10 x ratings limit +125 oc - 12.5 x ratings limit C10% @ C55 oc +10% @ +85 oc +12% @ +125 oc 15% of rated voltage @ 25 oc 5% of rated voltage @ 85 oc 1% of rated voltage @ 125 oc as a low cost alternative to molded solid tantalum ca - pacitors, the type tdc, constructed in a tough, radial dipped fame retardant plastic case, assures the user that it is a top performer with such attributes as low dcl, low esr, low impedance and a great value with low in-place cost. the type tdc is high shock and vibration resistant and is available in bulk or on radial case quantity code per reel e 1,000 f 1,000 g 1,000 dipped, radial leaded, solid tantalum capacitors complies with the eu directive 2002/95/ec requirement restricting the use of lead (pb), mercury (hg), cadmium (cd), hexavalent chromium (cr(vi)), polybrominated biphenyls (pbb) and polybrominated diphenyl ethers (pbde). type tdc solid tantalum capacitors cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 ? www.cde.com
capacitor outline drawing ratings * indicates capacitance tolerance: k = 10%, m = 20%, (j = 5%, special order) cde reserves the right to substitute a tighter tolerance, higher voltage capacitor within the same case size. dimensions - inches (millimeters) case leads code d (max.) h (max.) s code e .175 (4.45) .350 (8.89) .125 (3.17) (standard) n .250 (6.35) (special) w f .250 (6.35) .500 (12.7) .125 (3.17) (standard) n .250 (6.35) (special) w g .350 (8.89) .650 (16.51) .250 (6.35) (special) w .250 .025 (6.35 .64 d max h max h max d max . 187 .032 (4.75 .81) . 187 .032 (4.75 .81) s s .020 (.51) m m 106 10 + + 107 10 .020 (.51) e and f case codes: lead spacing = .125 .025 (3.17 .64) g case code: lead spacing = .250 .025 (6.34 .64) max. max. df max. max. df catalog case lead dcl @ +25 oc catalog case lead dcl @ +25 oc cap part number code spacing @ +25 oc 120 hz cap part number code spacing @ +25 oc 120 hz (f) (s) (a) (%) (f) (s) (a) (%) 6 wvdc; 8 vdc surge @ 85 oc 10 wvdc; 13 vdc surge @ 85 oc 4 wvdc; 5 vdc surge @ 125 oc 7 wvdc; 9 vdc surge @ 125 oc 3.3 tdc335*006nse-f e 0.125 0.5 5 2.2 tdc225*010nse-f e 0.125 0.5 5 3.9 tdc395*006nse-f e 0.125 0.5 5 2.7 tdc275*010nse-f e 0.125 0.5 5 4.7 tdc475*006nse-f e 0.125 0.5 5 3.3 tdc335*010nse-f e 0.125 0.5 5 5.6 tdc565*006nse-f e 0.125 0.5 5 3.9 tdc395*010nse-f e 0.125 0.5 5 6.8 tdc685*006nse-f e 0.125 0.5 5 4.7 tdc475*010nse-f e 0.125 0.5 5 8.2 tdc825*006nse-f e 0.125 0.5 6 5.6 tdc565*010nse-f e 0.125 0.5 5 10 tdc106*006nse-f e 0.125 0.5 6 6.8 tdc685*010nse-f e 0.125 0.5 5 12 tdc126*006nse-f e 0.125 0.6 6 8.2 tdc825*010nse-f e 0.125 0.7 6 15 tdc156*006nsf-f f 0.125 0.7 6 10 tdc106*010nsf-f f 0.125 0.8 6 18 tdc186*006nsf-f f 0.125 0.9 6 12 tdc126*010nsf-f f 0.125 1.0 6 22 tdc226*006nsf-f f 0.125 1.1 6 15 tdc156*010nsf-f f 0.125 1.2 6 27 tdc276*006nsf-f f 0.125 1.3 6 18 tdc186*010nsf-f f 0.125 1.4 6 33 tdc336*006nsf-f f 0.125 1.6 6 22 tdc226*010nsf-f f 0.125 1.8 6 39 tdc396*006nsf-f f 0.125 1.9 6 27 tdc276*010nsf-f f 0.125 2.2 6 47 tdc476*006nsf-f f 0.125 2.3 6 33 tdc336*010nsf-f f 0.125 2.6 6 56 tdc566*006nsf-f f 0.125 2.7 6 39 tdc396*010nsf-f f 0.125 3.1 6 68 tdc686*006nsf-f f 0.125 3.3 6 47 tdc476*010nsf-f f 0.125 3.8 6 82 tdc826*006nsf-f f 0.125 3.9 8 56 tdc566*010nsf-f f 0.125 4.5 6 100 tdc107*006nsf-f f 0.125 4.8 8 68 tdc686*010nsf-f f 0.125 5.4 6 120 tdc127*006wsg-f g 0.25 5.8 8 82 tdc826*010wsg-f g 0.25 6.6 8 150 tdc157*006wsg-f g 0.25 7.2 8 100 tdc107*010wsg-f g 0.25 8.0 8 180 tdc187*006wsg-f g 0.25 8.6 8 120 tdc127*010wsg-f g 0.25 9.6 8 220 tdc227*006wsg-f g 0.25 10 8 150 tdc157*010wsg-f g 0.25 10.0 8 270 tdc277*006wsg-f g 0.25 10 8 180 tdc187*010wsg-f g 0.25 10.0 8 330 tdc337*006wsg-f g 0.25 10 8 220 tdc227*010wsg-f g 0.25 10.0 8 cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 ? www.cde.com type tdc solid tantalum capacitors
* indicates capacitance tolerance: k = 10%, m = 20%, (j = 5%, special order) cde reserves the right to substitute a tighter tolerance, higher voltage capacitor within the same case size. dimensions - inches (millimeters) case leads code d (max.) h (max.) s code e .175 (4.45) .350 (8.89) .125 (3.17) (standard) n .250 (6.35) (special) w f .250 (6.35) .500 (12.7) .125 (3.17) (standard) n .250 (6.35) (special) w g .350 (8.89) .650 (16.51) .250 (6.35) (special) w max. max. df max. max. df catalog case lead dcl @ +25 oc catalog case lead dcl @ +25 oc cap part number code spacing @ +25 oc 120 hz cap part number code spacing @ +25 oc 120 hz (f) (s) (a) (%) (f) (s) (a) (%) 16 wvdc; 20 vdc surge @ 85 oc 20 wvdc; 26 vdc surge @ 85 oc 10 wvdc; 12 vdc surge @ 125 oc 13 wvdc; 16 vdc surge @ 125 oc 1.5 tdc155*016nse-f e 0.125 0.5 5 8.2 tdc825*020nsf-f f 0.125 1.3 6 1.8 tdc185*016nse-f e 0.125 0.5 5 10 tdc106*020nsf-f f 0.125 1.6 6 2.2 tdc225*016nse-f e 0.125 0.5 5 12 tdc126*020nsf-f f 0.125 1.9 6 2.7 tdc275*016nse-f e 0.125 0.5 5 15 tdc156*020nsf-f f 0.125 2.4 6 3.3 tdc335*016nse-f e 0.125 0.5 5 18 tdc186*020nsf-f f 0.125 2.9 6 3.9 tdc395*016nse-f e 0.125 0.5 5 22 tdc226*020nsf-f f 0.125 3.5 6 4.7 tdc475*016nse-f e 0.125 0.6 5 33 tdc336*020wsg-f g 0.25 5.3 6 5.6 tdc565*016nse-f e 0.125 0.7 5 39 tdc396*020wsg-f g 0.25 6.2 6 6.8 tdc685*016nse-f e 0.125 0.9 5 47 tdc476*020wsg-f g 0.25 7.5 6 8.2 tdc825*016nse-f e 0.125 1.0 6 56 tdc566*020wsg-f g 0.25 9.0 6 10 tdc106*016nsf-f f 0.125 1.3 6 68 tdc686*020wsg-f g 0.25 10.0 6 12 tdc126*016nsf-f f 0.125 1.5 6 82 tdc826*020wsg-f g 0.25 10.0 8 15 tdc156*016nsf-f f 0.125 1.8 6 100 tdc107*020wsg-f g 0.25 10.0 8 18 tdc186*016nsf-f f 0.125 2.2 6 25 wvdc; 32 vdc surge @ 85 oc 22 tdc226*016nsf-f f 0.125 2.6 6 17 wvdc; 22 vdc surge @ 125 oc 27 tdc276*016nsf-f f 0.125 3.2 6 1.0 tdc105*025nse-f e 0.125 0.50 3 33 tdc336*016nsf-f f 0.125 4.0 6 1.2 tdc125*025nse-f e 0.125 0.50 5 39 tdc396*016wsg-f g 0.25 4.7 6 1.5 tdc155*025nse-f e 0.125 0.50 5 47 tdc476*016wsg-f g 0.25 5.6 6 1.8 tdc185*025nse-f e 0.125 0.50 5 56 tdc566*016wsg-f g 0.25 6.8 6 2.2 tdc225*025nse-f e 0.125 0.50 5 68 tdc686*016wsg-f g 0.25 8.2 6 2.7 tdc275*025nse-f e 0.125 0.50 5 82 tdc826*016wsg-f g 0.25 9.8 8 3.3 tdc335*025nse-f e 0.125 0.70 5 100 tdc107*016wsg-f g 0.25 10.0 8 3.9 tdc395*025nse-f e 0.125 0.80 5 120 tdc127*016wsg-f g 0.25 10.0 8 4.7 tdc475*025nsf-f f 0.125 0.90 5 150 tdc157*016wsg-f g 0.25 10.0 8 5.6 tdc565*025nsf-f f 0.125 1.10 5 20 wvdc; 26 vdc surge @ 85 oc 6.8 tdc685*025nsf-f f 0.125 1.40 5 13 wvdc; 16 vdc surge @ 125 oc 8.2 tdc825*025nsf-f f 0.125 1.60 6 1.0 tdc105*020nse-f e 0.125 0.5 3 10 tdc106*025nsf--f f 0.125 2.0 6 1.2 tdc125*020nse-f e 0.125 0.5 5 12 tdc126*025nsf-f f 0.125 2.4 6 1.5 tdc155*020nse-f e 0.125 0.5 5 15 tdc156*025nsf-f f 0.125 3.0 6 1.8 tdc185*020nse-f e 0.125 0.5 5 18 tdc186*025nsf-f f 0.125 3.6 6 2.2 tdc225*020nse-f e 0.125 0.5 5 22 tdc226*025nsf-f f 0.125 4.4 6 2.7 tdc275*020nse-f e 0.125 0.5 5 27 tdc276*025wsg-f g 0.250 5.4 6 3.3 tdc335*020nse-f e 0.125 0.5 5 33 tdc336*025wsg-f g 0.250 6.6 6 3.9 tdc395*020nse-f e 0.125 0.6 5 39 tdc396*025wsg-f g 0.250 7.8 6 4.7 tdc475*020nse-f e 0.125 0.8 5 47 tdc476*025wsg-f g 0.250 9.4 6 5.6 tdc565*020nsf-f f 0.125 0.9 5 56 tdc566*025wsg-f g 0.250 10.0 6 6.8 tdc685*020nsf-f f 0.125 1.1 5 68 tdc686*025wsg-f g 0.250 10.0 6 ratings type tdc solid tantalum capacitors cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 ? www.cde.com
* indicates capacitance tolerance: k = 10%, m = 20%, (j = 5%, special order) cde reserves the right to substitute a tighter tolerance, higher voltage capacitor within the same case size. ratings max. max. df max. max. df catalog case lead dcl @ +25 oc catalog case lead dcl @ +25 oc cap part number code spacing @ +25 oc 120 hz cap part number code spacing @ +25 oc 120 hz (f) (s) (a) (%) (f) (s) (a) (%) 35 wvdc; 46 vdc surge @ 85 oc 50 wvdc; 65 vdc surge @ 85 oc 23 wvdc; 28 vdc surge @ 125 oc 33 wvdc; 40 vdc surge @ 125 oc 0.10 tdc104*035nse-f e 0.125 0.5 3 .10 tdc104*050nse-f e 0.125 0.5 3 0.12 tdc124*035nse-f e 0.125 0.5 3 .12 tdc124*050nse-f e 0.125 0.5 3 0.15 tdc154*035nse-f e 0.125 0.5 3 .15 tdc154*050nse-f e 0.125 0.5 3 0.18 tdc184*035nse-f e 0.125 0.5 3 .18 tdc184*050nse-f e 0.125 0.5 3 0.22 tdc224*035nse-f e 0.125 0.5 3 .22 tdc224*050nse-f e 0.125 0.5 3 0.27 tdc274*035nse-f e 0.125 0.5 3 .27 tdc274*050nse-f e 0.125 0.5 3 0.33 tdc334*035nse-f e 0.125 0.5 3 .33 tdc334*050nse-f e 0.125 0.5 3 0.39 tdc394*035nse-f e 0.125 0.5 3 .39 tdc394*050nse-f e 0.125 0.5 3 0.47 tdc474*035nse-f e 0.125 0.5 3 .47 tdc474*050nse-f e 0.125 0.5 3 0.56 tdc564*035nse-f e 0.125 0.5 3 .56 tdc564*050nse-f e 0.125 0.5 3 0.68 tdc684*035nse-f e 0.125 0.5 3 .68 tdc684*050nse-f e 0.125 0.5 3 0.82 tdc824*035nse-f e 0.125 0.5 3 .82 tdc824*050nse-f e 0.125 0.5 3 1.0 tdc105*035nse-f e 0.125 0.5 3 1.0 tdc105*050nse-f e 0.125 0.5 3 1.2 tdc125*035nse-f e 0.125 0.5 5 1.2 tdc125*050nse-f e 0.125 0.5 5 1.5 tdc155*035nse-f e 0.125 0.5 5 1.5 tdc155*050nse-f e 0.125 0.6 5 1.8 tdc185*035nse--f e 0.125 0.5 5 1.8 tdc185*050nsf-f f 0.125 0.7 5 2.2 tdc225*035nse-f e 0.125 0.6 5 2.2 tdc225*050nsf-f f 0.125 0.9 5 2.7 tdc275*035nsf-f f 0.125 0.7 5 2.7 tdc275*050nsf-f f 0.125 1.1 5 3.3 tdc335*035nsf-f f 0.125 0.9 5 3.3 tdc335*050nsf-f f 0.125 1.3 5 3.9 tdc339*035nsf-f f 0.125 1.0 5 3.9 tdc395*050nsf-f f 0.125 1.6 5 4.7 tdc475*035nsf-f f 0.125 1.3 5 4.7 tdc475*050nsf-f f 0.125 1.9 5 5.6 tdc565*035nsf-f f 0.125 1.6 5 5.6 tdc565*050nsf-f f 0.125 2.2 5 6.8 tdc685*035nsf-f f 0.125 1.9 5 6.8 tdc685*050wsg-f g 0.25 2.7 5 8.2 tdc825*035nsf-f f 0.125 2.3 6 8.2 tdc825*050wsg-f g 0.25 3.3 6 10 tdc106*035nsf-f f 0.125 2.8 6 10 tdc106*050wsg-f g 0.25 4.0 6 12 tdc126*035wsg-f g 0.25 3.4 6 12 tdc126*050wsg-f g 0.25 4.8 6 15 tdc156*035wsg-f g 0.25 4.2 6 15 tdc156*050wsg-f g 0.25 6.0 6 18 tdc186*035wsg-f g 0.25 5.0 6 18 tdc186*050wsg-f g 0.25 7.2 6 22 tdc226*035wsg-f g 0.25 6.2 6 22 tdc226*050wsg-f g 0.25 8.8 6 27 tdc276*035wsg-f g 0.25 7.6 6 33 tdc336*035wsg-f g 0.25 9.2 6 39 tdc396*035wsg-f g 0.25 10 6 47 tdc476*035wsg-f g 0.25 10 6 cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 ? www.cde.com type tdc solid tantalum capacitors
part numbering system tdc 107 k 016 w s g Cf lead lead case rohs series capacitance tolerance voltage spacing length code compliant tdc 394 = 0.39 f j = 5% 006 = 6 vdc n = .125 s = .187 e Cf = compliant 105 = 1.0 f k = 10% 010 = 10 vdc w = .250 t = tape & reel f blank = not 225 = 2.2 f m = 20% 016 = 16 vdc g compliant 186 = 18 f 020 = 20 vdc 107 = 100 f 025 = 25 vdc 035 = 35 vdc 050 = 50 vdc notice and disclaimer: all product drawings, descriptions, specifcations, statements, information and data (collectively, the information) in this datasheet or other publication are subject to change. the customer is responsible for checking, confrming and verifying the extent to which the information contained in this datasheet or other publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without any guarantee, warranty, representation or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on the knowledge that the cornell dubilier company providing such statements (cornell dubilier) has of operating conditions that such cornell dubilier company regards as typical for such applications, but are not intended to constitute any guarantee, warranty or representation regarding any such matter C and cornell dubilier specifcally and expressly disclaims any guarantee, warranty or representation concerning the suitability for a specifc customer application, use, storage, transportation, or operating environment. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by cornell dubilier with reference to the use of any cornell dubilier products is given gratis (unless otherwise specifed by cornell dubilier), and cornell dubilier assumes no obligation or liability for the advice given or results obtained. although cornell dubilier strives to apply the most stringent quality and safety standards regarding the design and manufacturing of its products, in light of the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies or other appropriate protective measures) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all product-related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicated in such warnings, cautions and notes, or that other safety measures may not be required. type tdc solid tantalum capacitors cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 ? www.cde.com
|