Part Number Hot Search : 
CD471260 N4615 SB2045 50RIA10 30CPF10 SMBJ15 P4KE6 RKV650KL
Product Description
Full Text Search
 

To Download SR2402A-DO-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 . 0 a m p s c h o tt ky b a rr i e r r e c t i f i e r s m a x i m u m r atings and electrical characteristics rating 25 c ambient temperature uniess otherwies specified. s ingle phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. type number m aximum recurrent peak reverse voltage m aximum rms voltage m aximum dc blocking voltage m aximum average forward rectified current s ee fig. 1 features m e chanical data p eak forward surge current, 8.3 ms single half sine-wave s uperimposed on rated load (jedec method) m aximum instantaneous forward voltage at 2.0a m aximum dc reverse current ta=25 c at rated dc blocking voltage ta=100 c typical junction capacitance (note1) a a v m a m a pf notes: 1. measured at 1mhz and applied reverse voltage of 4.0v d.c. 2. thermal resistance junction to ambient vertical pc board mounting 0.5"(12.7mm) lead length. * low forward voltage drop * high current capability * high reliability * high surge current capability * epitaxial construction * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: axial leads, solderable per mil-std-202, method 208 guranteed * polarity: color band denotes cathode end * mounting position: any * weight: 0.34 grams s r 2 2 0 s r 2 2 0 0 thru v oltage range 20 to 2 00 v olts current 2.0 ampere typical thermal resistance r j a (note 2) q 2.0 50 0. 5 20 35 - 65 +150 - 65 +150 0.55 0.70 170 s r 220 s r 240 s r 260 s r 280 s r 210 0 sr 21 5 0 sr 22 00 units 20 40 60 80 100 1 5 0 2 00 v 20 40 60 80 100 1 5 0 2 00 v 14 28 42 56 70 1 0 5 1 4 0 v v 0.85 operating s torage temperature range t s tg t emperature range t j c c c /w 26 *bothnormalandpbfre e productareavailable: *normal:80~95%sn,5~20%pb *pbfree:99snabovecanmeetrohsenviromentsubstance directiverequest dimensions in inches and (millimeters) do-15 1.0(25.4) min. 1.0(25.4) min. .300(7.6) .230(5.8) .03 1 (. 8 ) .02 4 (. 6 ) dia. .140(3.6) .104(2.6) dia. - 65 +1 2 5
0.1 1.0 .01 10 50 r a ting a nd characteristic cu r ves (s r 220 thru s r 2 2 00) fig.1-typical forward current derating curve average forward current,(a) fig.4-typical junction capacitance reverse voltage,(v) j unction capacitance,(pf) instantaneous forward current,(a) forward voltage,(v) p ulse width 300us 1% duty cycle 0.4 0.8 1.2 1.6 2.0 2.4 700 600 500 400 300 200 100 0 .01 .05 .1 .5 1 5 10 50 100 .1 .3 .5 .7 .9 1.1 1.3 1.5 3.0 .1 1.0 10 100 fig.5 - typical reverse characteristics reverse leakage current, (ma) 0 20 40 60 80 100 120 140 .01 tj=75 c s r 2 2 0 ~ s r 2 4 0 s r 2 6 0 ~ s r 2 2 0 0 s r 2 6 0 s r 2 8 0 ~ s r 2 2 0 0 s r 2 2 0 ~ s r 2 4 0 tj=25 c tj=25 c a m bient temperature,( c) 0 0 20 40 60 80 100 120 140 160 180 200 fig.2-typical forward characteristics p e rcent of rated peak reverse voltage,(%) fig.3-maximum non-repetitive forward s urge current 0 20 10 30 50 40 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half s ine wave j edec method p e a k forward surge current,(a) 27


▲Up To Search▲   

 
Price & Availability of SR2402A-DO-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X