Part Number Hot Search : 
AD202 C4003 53629290 GI122 BUK7Y MRF15 M66260FP 2SC23
Product Description
Full Text Search
 

To Download SMLJ64A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features n rohs compliant* n surface mount smc package n standoff voltage: 5.0 to 170 volts n power dissipation: 3000 watts applications n iec 61000-4-2 esd (min. level 4) n iec 61000-4-4 eft n iec 61000-4-5 surge electrical characteristics (@ t a = 25 c unless otherwise noted) smlj transient voltage suppressor diode series *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. specifcations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their specifc applications. parameter symbol value unit minimum peak pulse power dissipation (t p = 1 ms) (note 1,2) p pk 3000 watts peak forward surge current 8.3 ms single half sine wave superimposed on rated load (jedec method) (note 3) i fsm 300 amps steady state power dissipation @ tl = 75 c p m(av) 5.0 watts maximum instantaneous forward voltage @ i pp = 100 a (for unidirectional units only) smlj5.0a ~ smlj90a smlj100a ~ smlj170a v f 3.5 5.0 volts operating temperature range t j -55 to +150 c storage temperature range t stg -55 to +150 c 1. non-repetitive current pulse, per pulse waveform graph and derated above t a = 25 c per pulse derating curve. 2. thermal resistance junction to lead. 3. 8.3 ms single sine wave duty cycle = 4 pulses maximum per minute (unidirectional units only). general information the markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly smaller electronic components. bourns offers transient voltage suppressor diodes for surge and esd protection applications, in compact chip package do-214ab (smc) size format. the transient voltage suppressor series offers a choice of working peak reverse voltage from 5 v up to 170 v and breakdown voltage up to 200 v. typical fast response times are less than 1.0 ps for unidirectional devices and less than 5.0 ps for bidirectional devices from 0 v to minimum breakdown voltage. bourns ? chip diodes conform to jedec standards, are easy to handle with standard pick and place equipment and the fat confguration minimizes roll away. *rohs compliant lead free *rohs compliant versions available lead free versions are rohs compliant* asia-pacifc: tel: +886-2 2562-4117 email: asiacus@bourns.com europe: tel: +36 88 520 390 email: eurocus@bourns.com the americas: tel: +1-951 781-5500 email: americus@bourns.com www.bourns.com how to order smlj 5.0 ca - h package smlj = smc/do-214ab working peak reverse voltage 5.0 = 5.0 v rwm (volts) suffx a = 5 % tolerance unidirectional device ca = 5 % tolerance bidirectional device reel (blank) = 13 inch reel -h = 7 inch reel
specifcations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their specifc applications. smlj transient voltage suppressor diode series electrical characteristics (@ t a = 25 c unless otherwise noted) notes: 1. suffx a denotes a 5 % tolerance unidirectional device. 2. suffx ca denotes a 5 % tolerance bidirectional device. 3. for bidirectional devices with a v r of 10 volts or less, the i r limit is double. unidirectional device bidirectional device breakdown voltage v br (volts) working peak reverse voltage maximum reverse leakage @ v rwm maximum reverse voltage @ i rsm maximum reverse surge current part number part marking part number part marking min. max. @ i t (ma) v rwm (volts) i r (a) v rsm (volts) i rsm (amps) smlj5.0a hde smlj5.0ca ide 6.40 7.00 10 5 1000 9.2 326.00 smlj6.0a hdg smlj6.0ca idg 6.67 7.37 10 6 1000 10.3 291.30 smlj6.5a hdk smlj6.5ca idk 7.22 7.98 10 6.5 500 11.2 267.90 smlj7.0a hdm smlj7.0ca idm 7.78 8.60 10 7 200 12 250.00 smlj7.5a hdp smlj7.5ca idp 8.33 9.21 1 7.5 100 12.9 232.60 smlj8.0a hdr smlj8.0ca idr 8.89 9.83 1 8 50 13.6 220.60 smlj8.5a hdt smlj8.5ca idt 9.44 10.4 1 8.5 25 14.4 208.40 smlj9.0a hdv smlj9.0ca idv 10.0 11.1 1 9 10 15.4 194.80 smlj10a hdx smlj10ca idx 11.1 12.3 1 10 5 17 176.40 smlj11a hdz smlj11ca idz 12.2 13.5 1 11 5 18.2 164.80 smlj12a hee smlj12ca iee 13.3 14.7 1 12 2 19.9 150.60 smlj13a heg smlj13ca ieg 14.4 15.9 1 13 2 21.5 139.40 smlj14a hek smlj14ca iek 15.6 17.2 1 14 2 23.2 129.40 smlj15a hem smlj15ca iem 16.7 18.5 1 15 2 24.4 123.00 smlj16a hep smlj16ca iep 17.8 19.7 1 16 2 26 115.40 smlj17a her smlj17ca ier 18.9 20.9 1 17 2 27.6 106.60 smlj18a het smlj18ca iet 20.0 22.1 1 18 2 29.2 102.80 smlj20a hev smlj20ca iev 22.2 24.5 1 20 2 32.4 92.60 smlj22a hex smlj22ca iex 24.4 26.9 1 22 2 35.5 84.40 smlj24a hez smlj24ca iez 26.7 29.5 1 24 2 38.9 77.20 smlj26a hfe smlj26ca ife 28.9 31.9 1 26 2 42.1 71.20 smlj28a hfg smlj28ca ifg 31.1 34.4 1 28 2 45.4 66.00 smlj30a hfk smlj30ca ifk 33.3 36.8 1 30 2 48.4 62.00 smlj33a hfm smlj33ca ifm 36.7 40.6 1 33 2 53.3 56.20 smlj36a hfp smlj36ca ifp 40 44.2 1 36 2 58.1 51.60 smlj40a hfr smlj40ca ifr 44.4 49.1 1 40 2 64.5 46.40 smlj43a hft smlj43ca ift 47.8 52.8 1 43 2 69.4 43.20 smlj45a hfv smlj45ca ifv 50 55.3 1 45 2 72.7 41.20 smlj48a hfx smlj48ca ifx 53.3 58.9 1 48 2 77.4 38.80 smlj51a hfz smlj51ca ifz 56.7 62.7 1 51 2 82.4 36.40 smlj54a hge smlj54ca ige 60 66.3 1 54 2 87.1 34.40 smlj58a hgg smlj58ca igg 64.4 71.2 1 58 2 93.6 32.00 smlj60a hgk smlj60ca igk 66.7 73.7 1 60 2 96.8 31.00 SMLJ64A hgm smlj64ca igm 71.1 78.6 1 64 2 103 29.20 smlj70a hgp smlj70ca igp 77.8 86.0 1 70 2 113 26.60 smlj75a hgr smlj75ca igr 83.3 92.1 1 75 2 121 24.80 smlj78a hgt smlj78ca igt 86.7 95.8 1 78 2 126 22.80 smlj85a hgv smlj85ca igv 94.4 104 1 85 2 137 20.80 smlj90a hgx smlj90ca igx 100 111 1 90 2 146 20.60 smlj100a hgz smlj100ca igz 111 123 1 100 2 162 18.60 smlj110a hhe smlj110ca ihe 122 135 1 110 2 177 16.80 smlj120a hhg smlj120ca ihg 133 147 1 120 2 193 15.60 smlj130a hhh smlj130ca ihh 144 159 1 130 2 209 14.40 smlj150a hhm smlj150ca ihm 167 185 1 150 2 243 12.40 smlj160a hhp smlj160ca ihp 178 197 1 160 2 259 11.60 smlj170a hhr smlj170ca ihr 189 209 1 170 2 275 11.00
product dimensions specifcations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their specifc applications. smlj transient voltage suppressor diode series recommended footprint physical specifcations case ........................................... molded plastic per ul class 94v-0 polarity....................... cathode band indicates unidirectional device no cathode band indicates bidirectional device dimensions: mm (inches) a c b g f d c b mm (inches) dimensions: h e a a a c c f e b b d mm (inches) dimensions: dimension smc (do-214ab) a 6.60 - 7.11 (0.260 - 0.280) b 5.59 - 6.22 (0.220 - 0.245) c 2.90 - 3.20 (0.114 - 0.126) d 0.15 - 0.31 (0.006 - 0.112) e 7.75 - 8.13 (0.305 - 0.320) f 0.05 - 0.20 (0.002 - 0.008) g 2.00 - 2.62 (0.079 - 0.103) h 0.76 - 1.52 (0.030 - 0.060) dimensions: mm (inches) dimension smc (do-214ab) a (max.) 4.69 (0.185) b (min.) 3.07 (0.121) c (min.) 1.52 (0.060)
100 50 0 0 1.0 2.0 3.0 4.0 t, time (ms) i p , peak pulse current (%) ta=25 c tp tr=10 s half value= irsm 2 peak value (irsm) pulse width (tp) is defined as that point where the peak current decays to 50 % of ipsm. 10 x 1000 waveform as defined by r.e.a. 100 1.0 10 0.1 0.1 s 1.0 s 10 s 100 s 1.0 ms 10 ms tp, pulse width p p , peak power (kw) ta = 25 c non-repetitive pulse waveform shown in pulse waveform graph 8.0 mm lead areas 100 75 50 25 0 05 0 25 75 100 150 125 175 200 junction temperature ( peak pulse derating in percent of peak power or current c ) 10 x 1000 waveform as defined by r.e.a. peak forward surge current (amps) 250 200 150 100 50 300 0 1 25 10 20 50 100 number of cycles at 60 hz pulse width 8.3 ms single half sine-wave (jedec method) 5.0 3.0 4.0 2.0 1.0 0.0 05 0 25 75 100 150 125 175 200 tl, lead temperature (c) rm(av) steady state power dissipation (w) 60 hz resistive or inductive load c j - junction capacitance (pf) 100000 10000 100 10 1 1 10 100 1000 v br - reverse breakdown voltage (v) 1000 unidirectional bidirectional t a = 25 c smlj transient voltage suppressor diode series rating & characteristic curves pulse derating curve maximum non-repetitive surge current pulse waveform typical junction capacitance pulse rating curve steady state power derating curve specifcations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their specifc applications.
....... ....... ....... ....... ....... ....... ....... ....... pa f e t 120 d 2 d d 1 w 1 c index hole p 0 p 1 w b 10 pitches (min.) direction of feed 10 pitches (min.) end trailer device leader start d cddfn5-0504n - tvs/steering diode array packaging information the product will be dispensed in tape and reel format (see diagram below). devices are packed in accordance with eia standard rs-481-a and specifcations shown here. dimensions: mm (inches) rev. 06/16 smlj transient voltage suppressor diode series specifcations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their specifc applications. item symbol smc (do-214ab) 7 inch reel 13 inch reel carrier width a 6.0 2.0 (0.236 - 0.079) carrier length b 8.3 0.20 (0.327 0.008) carrier depth c 2.5 0.20 (0.098 0.008) sprocket hole d 1.50 0.10 (0.059 0.004) reel outside diameter d 178 (7.008) 330 (12.992) reel inner diameter d 1 50.0 (1.969) min. feed hole diameter d 2 13.0 +0.50/-0.20 (0.512 +0.020/-0.008) sprocket hole position e 1.75 0.10 (0.069 0.004) punch hole position f 7.50 0.10 (0.295 0.004) punch hole pitch p 8.00 0.10 (0.315 0.004) sprocket hole pitch p 0 4.00 0.10 (0.157 0.004) embossment center p 1 2.00 0.10 (0.079 0.004) overall tape thickness t 0.30 0.10 (0.012 0.004) tape width w 16.00 0.30 (0.630 0.012) reel width w 1 22.4 (0.882) max. quantity per reel -- 500 3,000


▲Up To Search▲   

 
Price & Availability of SMLJ64A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X