Part Number Hot Search : 
1N6483 D882SS09 MAX20 11411 5C180 KRA104M S9269 NV80R2
Product Description
Full Text Search
 

To Download SFB1610CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  16. 0a glass passivated super fast rectifier high surge current capability low forward voltage drop glass passivated die construction feat ures ! ! s up e r-fast switching ! ! low reverse leakage current ! ! plastic material has ul flammability classification 94v-o  m ech anical data m aximum rat ings and electrical characteristics @t a =2 5c unl ess otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. not e: 1. m easured with if = 0.5a, ir = 1.0a, irr = 0.25a. 2. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. 1 of 2 z ibo seno electronic engineering co., ltd. www.senocn.com -55 to +150 symbol v rrm v rms v dc if (av) i fsm v f i r trr c j t j , t stg 16.0 10.0 1.0 250 unit v v v v a a ua ua o c pf o cw ns maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified peak forward surge current, 8.3ms single maximum instantaneous forward voltage maximum dc reverse current @t j =25 o c typical junction capacitance (note 2) operating junction and storage current t c =100 o c half sine-wave superimposed on rated load (jedec method) @ 8.0 a at rated dc blocking voltage @t j =125 o c maximum reverse recovery time (note 1) typical thermal resistance (note 3) r jc temperature range characterisic 1610ct 1620ct 1630ct 1640ct 1650ct 1660ct 70 140 100 200 300 210 300 500 350 100 200 500 600 420 600 400 280 400 3.5 90 1.3 1.7 35 170 130 sf1610ct-sf1660ct sf1610ct-sf1660ct to-263 (d pak) 2 cas mo unting position: any polarity: see diagram terminals: plated leads solderable per lead free: for rohs / lead free version ! ! mil-std-202, method 208 ! ! ! e: to-263(d pak), molded plastic 2 sfb sfb sfb sfb sfb sfb
 2 of 2 z ibo seno electronic engineering co., ltd. www.senocn.com sf1610ct ? sf1660ct sf1610ct ? sf1660ct 30 60 90 0 120 150 180 1 10 100 i , peak forward surge current (a) fsm number of cycles at 60hz fig. 3 max non-repetitive surge current 8.3 ms single half-sine-wave jedec method 10 100 400 0.1 1.0 10 100 v , reverse vol tage (v) fig. 4 typical junction capacitance r 1630 - 1660 161 0 -1620 c , cap acitance (pf) j 0.1 1.0 10 100 0.2 0.6 1.0 1.4 i , inst antaneous forward current (a) f v , inst antaneous forward voltage (v) fig. 2 typical forward characteristics f pulse width = 300 s 2% duty cycle m 1660 163 0 - 1640 1610 - 1620 0 4 8 12 16 20 0 50 100 150 i , a verage forward current (a) (av) t , case temperature ( c) fig. 1 forward current derating curve c


▲Up To Search▲   

 
Price & Availability of SFB1610CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X