Part Number Hot Search : 
PC2508 2N6274 39530 24L40 D2560 BOARD 2T200BA NJW4141
Product Description
Full Text Search
 

To Download SFB1020CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10. 0a glass passivated superfast rectifier high surge current capability low forward voltage drop glass passivated die construction feat ures ! ! s up e r-fast switching ! ! low reverse leakage current ! ! plastic material has ul flammability classification 94v-o  m ech anical data m aximum rat ings and electrical characteristics @t a =2 5c unl ess otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. not e: 1. m easured with if = 0.5a, ir = 1.0a, irr = 0.25a. 2. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. 1 of 2 z ibo seno electronic engineering co., ltd. www.senocn.com -55 to +150 symbol v rrm v rms v dc if (av) i fsm v f i r trr c j t j , t stg 10.0 10.0 1.0 250 unit v v v v a a ua ua o c pf o cw ns maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified peak forward surge current, 8.3ms single maximum instantaneous forward voltage maximum dc reverse current @t j =25 o c typical junction capacitance (note 2) operating junction and storage current t c =100 o c half sine-wave superimposed on rated load (jedec method) @ 5.0 a at rated dc blocking voltage @t j =125 o c maximum reverse recovery time (note 1) typical thermal resistance (note 3) r jc temperature range characterisic to-263 (d pak) 1010ct 1020ct 1030ct 1040ct 1050ct 1060ct 70 140 100 200 300 210 300 500 350 100 200 500 600 420 600 400 280 400 3.5 90 1.3 1.7 35 170 130 sfb1010ct-sfb1060ct sfb1010ct-sfb1060ct sfb sfb sfb sfb sfb sfb 2 cas mo unting position: any polarity: see diagram terminals: plated leads solderable per lead free: for rohs / lead free version ! ! mil-std-202, method 208 ! ! ! e: to-263(d pak), molded plastic 2
 2 of 2 z ibo seno electronic engineering co., ltd. www.senocn.com sfb1010ct-sfb1060ct sfb1010ct-sfb1060ct 30 60 90 0 120 150 180 1 10 100 i , peak forward surge current (a) fsm number of cycles at 60hz fig. 3 max non-repetitive surge current 8.3 ms single half-sine-wave jedec method 10 100 400 0.1 1.0 10 100 v , reverse voltage (v) fig. 4 typical junction capacitance r 1030 - 1060 101 0 -1020 c , cap acit ance (pf) j 0.1 1.0 10 100 0.2 0.6 1.0 1.4 i , inst antaneous forward current (a) f v , instantaneous forward voltage (v) fig. 2 typical forward characteristics f pulse width = 300 s 2% duty cycle m 1060 103 0 - 1040 1010 - 1020 0 2 4 6 8 10 0 50 100 150 i , a verage forward current (a) (a v) t , case temperature ( c) fig. 1 forward current derating curve c


▲Up To Search▲   

 
Price & Availability of SFB1020CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X