Part Number Hot Search : 
MSS40 P6KE250 SWL52X 50WQ06FN P100K BA9741 P100K 07523
Product Description
Full Text Search
 

To Download SCRK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  agency listings features ? w eatherproof nema 4x, ip56 rated ? listed to ul 1638 (str obe) and ul 464 (horn) ? compatible with system sensor synchr onization protocol and legacy spectralert products ? field-selectable candela settings: 15, 15/75, 30, 75, 95, 110, 115, 135, 150, 177, and 185 ? automatic selection of 12- or 24-volt operation at 15 and 15/75 candela ? rotar y switch for horn tone and three volume selections ? hor n rated at 88+ dba at 16 volts ? rated fr om C40f to 151f ? universal mounting plate with an onboar d shorting spring that tests wiring continuity before devices are installed ? plug-in design with minimal intrusion into the back box ? t amper-resistant construction ? listed for ceiling or wall mounting spectraler t advance offers the broadest line of outdoor horns, strobes, and horn strobes in the industry. with white or red plastic housings, wall or ceiling mounting options, and plain or fire-printed devices, spectralert advance can meet virtually any application requirement, including indoor, outdoor, wet, and dry applications in temperatures from ?40f to 151f. like the entire spectralert advance line, outdoor strobes and horn strobes for ceiling applications include a variety of features that increase application fexibility and simplify installation. first, feld- selectable settings, including candela, automatic selection of 12- or 24-volt operation, horn tones, and three volume options enable installers to easily adapt devices to meet requirements. next, spectralert advance devices use a universal mounting plate for both wall and ceiling applications. this mounting plate includes an onboard shorting spring that ensures wiring continuity before devices are installed, so installers can verify proper wiring without mounting the devices and exposing them to potential construction damage. once the plates are mounted, all spectralert advance devices utilize a plug-in design with a single captured screw to speed installation and virtually eliminate costly ground faults. outdoor devices ship with weatherproof plastic back boxes (metal back boxes are available separately) that accommodate in-and- out wiring for daisy chaining devices. plastic back boxes feature removable side fanges and improved resistance to saltwater corrosion. plastic and metal weatherproof back boxes come with ? - inch top and bottom conduit entries and ? - inch knock-outs at the back. three screw-in npt plugs with o-ring gaskets for a watertight seal is included with each back box. outdoor selectable- output strobes and horn strobes for ceiling applications spectralert ? advance outdoor audible visible products are rich with features that cut installation times and maximize profts. mea452-05-e 3023572 7300-1653:187 (outdoor strobes) 7125-1653:188 (hor n strobes, chime strobes) 7135-1653:189 (horns, chimes) s4011 (chimes, horn strobes, horns) s3593 (outdoor and alert strobes)
avds11401 spectralert advance outdoor strobe, and horn strobe specifications architect/engineer specifcations general spectralert advance outdoor horns, strobes, and horn strobes shall mount to a weatherproof back box. a universal mounting plate shall be used for mounting ceiling and wall products. the notifcation appliance circuit wiring shall terminate at the universal mounting plate. also, spectralert advance products, when used with the sync?circuit ? module accessory, shall be powered from a non-coded notifcation appliance circuit output and shall operate on a nominal 12 or 24 volts. when used with the sync?circuit module, 12-volt-rated notifcation appliance circuit outputs shall operate between 8.5 and 17.5 volts; 24-volt-rated notifcation appliance circuit outputs shall operate between 16.5 and 33 volts. outdoor spectralert advance products shall operate between ?40 and 151 degrees fahrenheit from a regulated dc or full- wave rectifed unfltered power supply. strobes and horn strobes shall have feld-selectable candela settings including 15, 15/75, 30, 75, 95, 110, 115, 135, 150, 177, and 185. strobe the strobe shall be a system sensor spectralert advance model _______ listed to ul 1638 and shall be approved for fre protective service. the strobe shall be wired as a primary-signaling notifcation appliance and comply with the americans with disabilities act requirements for visible signaling appliances, fashing at 1 hz over the strobes entire operating voltage range. the strobe light shall consist of a xenon fash tube and associated lens/refector system. the strobe must be installed with its weatherproof back box in order to remain outdoor approved per ul. the strobe shall be suitable for use in wet environments. horn strobe combination the horn strobe shall be a system sensor spectralert advance model _______ listed to ul 1638 and ul 464 and shall be approved for fre protective service. the horn strobe shall be wired as a primary-signaling notifcation appliance and comply with the americans with disabilities act requirements for visible signaling appliances, fashing at 1 hz over the strobes entire operating voltage range. the strobe light shall consist of a xenon fash tube and associated lens/refector system. the horn shall have three audibility options and an option to switch between a temporal three pattern and a non-temporal (continuous) pattern. these options shall be set by a multiple position switch. on four- wire products, the strobe shall be powered independently of the sounder. the horn strobe on a 2-wire model shall work on a non-coded power supply. the horn on 4-wire horn strobe models shall operate on a coded or non-coded power supply. the horn strobe must be installed with its weatherproof back box in order to remain outdoor listed per ul. the horn strobe shall be suitable for use in wet environments. physical/electrical specifcations operating temperature C40f to 151f (C40c to 66c) strobe flash rate 1 fash per second nominal voltage regulated 12 dc/fwr or regulated 24 dc/fwr 1 operating voltage range 2 8 to 17.5 v (12 v nominal) or 16 to 33 v (24 v nominal) operating voltage range with mdl3 sync module 8.5 to 17.5v (12 v nominal) or 16.5 to 33v (24 v nominal) input terminal wire gauge 12 to 18 awg ceiling-mount dimensions (including lens) 6.8? diameter 2.5? high (173 mm diameter 64 mm high) strobe / horn strobe dimensions 5.6? l 4.7? w 1.3? d (142 mm l 119 mm w 33 mm d) strobe / horn strobe dimensions with back box 5.6? l 4.7? w 1.3? d (142 mm l 119 mm w 33 mm d) ceiling-mount weatherproof back box dimensions 7.1? diameter 2.0? high (180 mm diameter 51 mm high) notes: 1. full w ave rectifed (fwr) voltage is a non-regulated, time-varying power source that is used on some power supply and panel outputs. 2. products will operate at 12 v nominal only for 15 and 15/75 cd.
avds11401 horn strobe output (dba) switch position sound pattern db 8C17.5 volts 16C33 volts 24-volt nominal reverberant anechoic dc fwr dc fwr dc fwr dc fwr 1 temporal high 78 78 84 84 88 88 99 98 2 temporal medium 74 74 80 80 86 86 96 96 3 temporal low 71 73 76 76 83 80 94 89 4 non- temporal high 82 82 88 88 93 92 100 100 5 non- temporal medium 78 78 85 85 90 90 98 98 6 non- temporal low 75 75 81 81 88 84 96 92 7 ? coded high 82 82 88 88 93 92 101 101 8 ? coded medium 78 78 85 85 90 90 97 98 9 ? coded low 75 75 81 81 88 85 96 92 ? settings 7, 8, and 9 are not available on 2-wire horn strobe. ul max. strobe current draw (ma rms) candela 8C17.5 volts 16C33 volts dc fwr dc fwr standard candela range 15 123 128 66 71 15/75 142 148 77 81 30 na na 94 96 75 na na 158 153 95 na na 181 176 110 na na 202 195 115 na na 210 205 high candela range 135 na na 228 207 150 na na 246 220 177 na na 281 251 185 na na 286 258 ul max. current draw (ma rms ), 2-wire horn strobe, standard candela range (15C115 cd) dc input 8C17.5 volts 16C33 volts 15 15/75 15 15/75 30 75 95 110 115 temporal high 137 147 79 90 107 176 194 212 218 temporal medium 132 144 69 80 97 157 182 201 210 temporal low 132 143 66 77 93 154 179 198 207 non-temporal high 141 152 91 100 116 176 201 221 229 non-temporal medium 133 145 75 85 102 163 187 207 216 non-temporal low 131 144 68 79 96 156 182 201 210 fwr input temporal high 136 155 88 97 112 168 190 210 218 temporal medium 129 152 78 88 103 160 184 202 206 temporal low 129 151 76 86 101 160 184 194 201 non-temporal high 142 161 103 112 126 181 203 221 229 non-temporal medium 134 155 85 95 110 166 189 208 216 non-temporal low 132 154 80 90 105 161 184 202 211 ul max. current draw (ma rms ), 2-wire horn strobe, high candela range (135C185 cd) dc input 16C33 volts fwr input 16C33 volts 135 150 177 185 135 150 177 185 temporal high 245 259 290 297 temporal high 215 231 258 265 temporal medium 235 253 288 297 temporal medium 209 224 250 258 temporal low 232 251 282 292 temporal low 207 221 248 256 non-temporal high 255 270 303 309 non-temporal high 233 248 275 281 non-temporal medium 242 259 293 299 non-temporal medium 219 232 262 267 non-temporal low 238 254 291 295 non-temporal low 214 229 256 262 ul max. horn current draw for 4-wire horn strobes (ma rms) sound pattern db 8C17.5 volts 16C33 volts dc fwr dc fwr temporal high 57 55 69 75 temporal medium 44 49 58 69 temporal low 38 44 44 48 non-temporal high 57 56 69 75 non-temporal medium 42 50 60 69 non-temporal low 41 44 50 50 coded high 57 55 69 75 coded medium 44 51 56 69 coded low 40 46 52 50 ul current draw data horn tones and sound output data candela derating for k series products used at low temperatures, listed candela ratings must be reduced in accordance with this table. strobe output (cd) listed candela candela rating at C40f 15 do not use below 32f 15/75 30 75 44 95 70 110 110 115 115 135 135 150 150 177 177 185 185
3825 ohio avenue ? st. charles, il 60174 phone: 800-sensor2 ? fax: 630-377-6495 ?2015 system sensor. product specifcations subject to change without notice. visit systemsensor.com for current product information, including the latest version of this data sheet. avds11402 ? 02/15 spectralert advance diagrams model description ceiling horn strobes pc2rk 2-wire horn strobe, standard cd, red, outdoor (includes plastic weatherproof back box) pc2rhk 2-wire horn strobe, high cd, red, outdoor (includes plastic weatherproof back box) pc2wk 2-wire, horn strobe, standard cd, white, outdoor (includes plastic weatherproof back box) pc2whk 2-wire, horn strobe, high cd, white, outdoor (includes plastic weatherproof back box) ceiling strobes SCRK strobe, standard cd, red, outdoor (includes plastic weatherproof back box) scrhk strobe, high cd, red, outdoor (includes plastic weatherproof back box) scwk strobe, standard cd, white, outdoor (includes plastic weatherproof back box) scwhk strobe, high cd, white, outdoor (includes plastic weatherproof back box) accessories sa-wbbc red, metal weatherproof back box sa-wbbcw white, metal weatherproof back box mp120k spectralert advance ordering information notes: standard cd refers to strobes that include 15, 15/75, 30, 75, 95, 110, and 115 candela settings. high cd refers to strobes that include 135, 150, 177, and 185 candela settings. when replacing outdoor units, both the device and back box must be replaced. 4.7? 5.6? 6.8? dia. 2.5? 2.5? ceiling-mount horn strobes ceiling-mount horn strobe with plastic weatherproof back box ceiling plastic weatherproof back box


▲Up To Search▲   

 
Price & Availability of SCRK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X