Part Number Hot Search : 
SF802 ER108G 0ZA1T BC856 2SC35 KS624540 30FH432 C114T
Product Description
Full Text Search
 

To Download RDS-P3000-LV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  * all specifications are subject to change without notice. designed for rugged excellence intr oduction features ? designed for power substation / railway application and fully compliant with the requirement of iec 61850 - 3 and ieee 1613 ? modular serial port design makes planning easy ? 19 inches rack mountable design ? operating modes: virtual com , serial tunnel, tcp ser ver, tcp client, udp , modbus gateway ? support rs - 232/422/485 - db9 or rj48 connectors ? supports application base d qos management ? support modbus gateway : modbus tcp, modbus rtu, modbus scii . ? security: ssl data encryption; secured m anagement by https and ssh ? supports snmp v1/v2 ? event warning by syslog, email and snmp trap ? configurable by web - based and windows utility (ds - tool) ? various windows o.s. supported: ? windows nt/2000/ xp/ 2003/vista (32/64bit)/ windows 7(32/64bit) r d s - p3000 is modular serial device server with 4 serial slots and 1 ethernet slot . the device server is designed for power substation application and rolling stock application, fully compliant with the requirement of iec 61850 - 3 and ieee 1613. rds - p3000 is with modular design which can support up to 16 serial ports and 6 lan ports with standard features of device server, such like tcp/ip interface and v ersatile operation m odes : virtual com, serial tunnel, tcp server, tcp client, udp and modbus gate way . with modular design, rds - p3000 is able to communicate with many types of serial devices via diffe rent communication methods (rj48 or db9). i n addition, the windows untility, ds - tool , could configure multiple devices and set u p the mappings of virtual com. further , rds - p3000 features https, ssh, and ssl encryption to assure the security of critical data transmission. rds - p3000 , whi ch is compliant with the iec 61850 - 3 standard, supports wide operating temperature, - 40~ 70 o c , rds - p3000 series could operat e in the harsh industrial environment. therefore, rds - p3000 is the best solution to the high demand of secure serial to ethernet critical data communication. r ds - p 3 000 industrial iec 61850 - 3 m odular rack mount device server with 4 serial sl ots and 1 ethernet slot
* all specifications are subject to change without notice. designed for rugged excellence pin definition pin # rs - 232 rs - 422 rs - 485 ( 4 wire ) rs - 485 ( 2 wire ) 1 nc nc nc nc 2 dcd t xd - t xd - data - 3 rxd txd + txd + data+ 4 txd rxd + r x d + 5 dtr rxd - rxd - 6 gnd gnd gnd 7 dsr 8 rts 9 cts 10 ri pin # rs - 232 rs - 422 rs - 485 ( 4 wire ) rs - 485 ( 2 wire ) 1 dcd tx d - tx d - 2 rxd tx d + tx d + 3 txd rx d + rx d + data+ 4 dtr rx d - rx d - data - 5 gnd gnd gnd gnd 6 dsr 7 rts 8 cts 9 ri 10 - pin rj48 connector db9 connector
* all specifications are subject to change without notice. designed for rugged excellence dimensio n
* all specifications are subject to change without notice. designed for rugged excellence specifications oring device server model rds - p3000 - lv rds - p3000 - hv physical ports 10/100/1000 base - t(x) in rj45 4 10 0/1000base - x sfp 2 serial ports connector (10 - pin rj48) 16 ports in db9 or 10 - pin rj48 ( 4 slots, 4 db9 or rj48 ports in one slot ) operation mode rs - 232 /422/485 serial baud rate 50 bp s to 921.6 kbps data bits 7, 8 parity odd, even, none, mark, space stop bits 1, 1.5, 2 rs - 232 txd, rxd, rts, cts, dtr, dsr, dcd, ri, gnd flow control xon/xoff, rts/cts, dtr/dsr protocol network protocol icmp, ip, tcp, udp, dhcp, bootp, ssh , dns, snmp v1/v2c, http s , smtp , modbus tcp serial protocol modbus rtu led indicators power indicator pwr / ready: green on: power is on green blinking: located by administrator. fault i ndicator (fault) amber : indicate unexpected event occurred 10/100/1000base - t(x) lan indicator green for port link/act serial tx / rx leds: amber : serial port is receiving data green: serial port is transmitting data power power input dual 24/ 48vdc (24 ~72 v d c ) power inputs at terminal block dual 100~240 v a c / 100~370vdc power inputs at terminal block power consumption (typ.) 15.6 w overlo ad current protection present physical characteristic dimension (w x d x h) 360(w) x 440(d) x 43(h) mm weight (g) 6436 g environmental storage temperature - 40 to 85 o c ( - 40 to 185 o f ) operating temperature - 4 0 to 70 o c ( - 40 to 1 58 o f ) operating humidi ty 5% to 95% non - condensing regulatory approvals power automation iec 61850 - 3, ieee 1613 emi fcc part 15, cispr (en55022) class a ems en61000 - 4 - 2 (esd) en61000 - 4 - 3 (rs), en61000 - 4 - 4 (eft), en61000 - 4 - 5 (surge), en61000 - 4 - 6 (cs), en61000 - 4 - 8, en61 000 - 4 - 11 warranty 5 years
* all specifications are subject to change without notice. designed for rugged excellence ordering information available model model name description rds - p3000 - hv_us industrial i ec 61850 - 3 modular rack mount serial device server with 4 serial slots , 1 ethernet slot, low - voltage power input, us power cord rds - p3000 - hv_eu industrial i ec 61850 - 3 modular rack mount serial device server with 4 serial slots , 1 ethernet slot, low - voltage power input, eu power cord rds - p3000 - hv_au industrial i ec 61850 - 3 modular rack mount serial device server with 4 serial slo ts , 1 ethernet slot , low - voltage power input, a u power cord rds - p3000 - hv_uk industrial i ec 61850 - 3 modular rack mount serial device server with 4 serial slots , 1 ethernet slot, low - voltage power input, uk power cord rds - p3000 - lv industrial i ec 61850 - 3 modular rack mount serial device server with 4 serial slots , 1 ethernet slot, low - voltage power input packing list o ? r ds - p 3 000 x 1 ? rack - mount kit x 2 ? cd x 1 ? power cable ? quick installation guide x 1


▲Up To Search▲   

 
Price & Availability of RDS-P3000-LV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X