Part Number Hot Search : 
KTC39 HYB18 PM450 333AS01 GP10T LL101C SLK2511B 46225
Product Description
Full Text Search
 

To Download N4230A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  keysight u4431a mipi m-phy protocol analyzer deep insight to help you win the race to m-phy data sheet
02 | keysight | u4431a mipi m-phy protocol analyzer - data sheet 12 11 10 9 8 7 1 1 6 5 4 3 2 accelerate m-phy products with deep insight across your entire design
03 | keysight | u4431a mipi m-phy protocol analyzer - data sheet 1. link multiple windows together or track correlated events with markers 2. any number of flters and views can be applied. organize them easily in the overview gui 3. peel-off tabs let you isolate packet details 4. lanes 5. headers 6. payload 7. get the big picture with the overview tab 8. raw mode lets you see the why behind your protocol. integrate with any infniium oscilloscope 9. quickly customize simple drag-and-drop trigger macros 10. use advanced if-then-else triggers to branch in any direction to up to eight different conditions. add counters, timers, and fags for even more control 11. transaction decode shows what packets mean at the application layer. track bus events from waveforms to bytes to packets to transactions 12. performance overview gives you insight into trending system behavior like bandwidth, credit values, and link utilization accelerate m-phy products with deep insight across your entire design (continued) broad and deep insight into your mobile computing designs. time correlate multiple busses and views. up to 5 modules (m-phy, d-phy sm , pci, ddr, and high-speed logic,) can be integrated in one mainframe, and multiple frames can be connected for even greater flexibility. modules and protocols can be correlated and cross-triggered. this makes it easy to see how different parts of your design interact. link multiple windows together (6) or track correlated events with up over 1,000 user- defined markers. customize your display in seconds. isolate any packets header (5), or data as a packet payload (6) or individual lanes (4) with peel off tabs. adjust data columns just like you would in a spreadsheet C drag and drop columns, double click dividers to resize, right-click to add/delete content. raw mode (8) lets you see the why behind your protocol. raw 8b/10b data that is acquired by the analyzer can be displayed as a time-correlated waveform view. look even deeper by adding time-correlated traces from your infiniium oscilloscope. get the big picture with analysis tools. the overview tab (7) generates a count of the various types of traffic in any period of time, including errors; then step through each occurrence with embedded navigation tools. use global markers to make time and occurrence measurements across all display views. the transaction decoder converts mipi ? packets into the high-level application traffic they transport. this makes it easier to understand traffic flow in context. the performance overview tab (12) lets you see the long-term trends of key performance parameters like flow control and up/down data rates and bus utilization. both tabs are fully integrated with other views with markers and window lock stepping. want to try out the ui? download a copy of the interface at www.keysight.com/find/la-sw-download , and load the built-in demo files. key features: C track multiple m-phy ? busses from the phy to the application layer C up to hs gear 3 data rates C up to 16 gb trace depth C up to 4 data lanes C raw mode 8 b/10 b data views C n-way trigger branching C performance analysis view for optimizing designs C transaction level decode view for insight from signals to the application layer C packet generation option for conformance and compliance testing of unipro sm and ufs target users: designers and validators of C m-phy C ip C application processors C memory/chipsets C mobile devices C mobile embedded systems
04 | keysight | u4431a mipi m-phy protocol analyzer - data sheet accelerate m-phy products with deep insight across your entire design (continued) isolate events with protocol- aware triggers. simple drag-and-drop trigger macros can be quickly customized by clicking on the blue hyperlink. or choose advanced if-then-else triggers to branch in any direction to up to 8 different conditions, and add a variety of qualifying conditions. trigger on packet types, phy and stack errors, payload data (up to 32 bytes), flags, counters, and time delays. you can also specify speed, transmission type, and link state. probing that leverages keysights high-speed oscilloscope and high-speed logic analysis technologies. the u4433a high-z mipi m-phy differential probe connects to keysights 12 ghz zif tips to ensure a flexible, yet non-intrusive connection. u4433a is the recommended probe for most applications. the u4432a is an impedance-matched sma probe for use with the packet generator option (613). it is not intended for mid-bus probing. however, the N4230A breakout board can be used to give u4432a the impedance characteristics of the u4433a flying probe. as a result, you can connect your host and device boards with sma cables, and they do not require a solder-in connection. please refer to the u4431a hardware and probing guide (publication number u4431-97001) for proper use and topography. N4230A sma breakout board for u4432a u4433a differential probe u4432a sma probe
05 | keysight | u4431a mipi m-phy protocol analyzer - data sheet packet generator (option 613) and conformance testing for ufs/unipro the u4431a mipi m-phy analyzer also offers an optional packet generator (option 613). this option allows the analyzer to emulate host system behavior while interacting with a ufs/unipro device. the packet generator can bring up the ufs link, configure the device, and make read/write requests to the device. this makes it possible to test ufs conformance under a variety of conditions. the analyzer can also capture the traffic sent to the target system, as well as all responses from the device C and can trigger on these responses. in this manner, option 613 allows the analyzer to act as either a bi-directional mid-bus analyzer (option 612) or as a packet generator + 1? direction analyzer (packets-only capture in tx direction + full analyzer features in rx direction). the packet generator is controlled at the command line and includes a library of functions and test scripts that can be customized by the user. this packet generator is compatible with protocol insights ufs20comp test executive? for ufs and uni16comp test executive? for unipro. these software packages automate hundreds of test specification cases and can be expanded and customized for user-specific requirements. you can learn more at www.protocolinsight.com .
06 | keysight | u4431a mipi m-phy protocol analyzer - data sheet electrical minimum vdiff 100 mv input impedance (dc) C u4433a probe + n5246a zif tips 700 ?, typical C u4432a sma harness 128 ?, typical topological lane width up to 4 with option 414. analyze 1, 2, 3, or 4-lane systems clocking architecture type i analysis direction processor-peripheral or peripheral-processor (both directions with option 612) lane remapping user-selectable lane polarity user-selectable multiple blade support up to 5 time-correlated blades in one frame (confgured as up to 3 separate busses), multiple frames can be correlated performance hs modes supported g1 to g3 pwm modes supported g0 to g7 (subject to limitations of individual protocol) rate series supported (hs and pwm) a and b symbol lock time (subject to protocol spec limit) C hs-g1 1 symbol, typical C hs-g2, hs-g3 < 128 symbols auto speed detection and tracking supported (with no rse-po-tx support) memory user allocated (shared among analyzer and raw mode) standard 1 gb option m04 4 gb option m16 16 gb data views protocol version support C unipro unifed protocol (unipro) 1.60 C ufs universal flash storage (ufs) 2.0 (jesd220b) C physical layer m-phy 3.0 C csi-3 camera serial interface 3, 1.1 C ssic super speed inter-chip(inter-chip supplement to the usb revision 3.0 specifcation) C m-pcie ecr to pcie ? specifcation 3.0, may 2013 C protocol views packets, header, lanes, payload, and traffc overview C packet hierarchy views data, link, network, transport, protocol C protocol details speed, crc, direction, errors wavefom view yes, raw 8 b and 10 b data listing data view yes correlation markers > 1,000 user-defned marker measurements yes, user-defned time and count measurements window correlation lock yes, user-defned triggering trigger on protocol commands yes, with > 50 macros simple trigger drag and drop advanced trigger C sequence levels up to 8 C logical branching n-way C advanced trigger events timer, counter with timeout, fags, and/or protocol triggers C trigger on protocol patterns yes C protocol pattern customization yes, with bit-level editing C payload pattern matcher up to 8 4-byte patterns C transmission type (hs/pwm) yes C specifc transmission speed yes C link state yes u4431a C performance characteristics
07 | keysight | u4431a mipi m-phy protocol analyzer - data sheet triggering (continued) real-time error detection C 8 b/10 b yes C disparity yes C crc crc32,16,5 C flow control yes analysis led indicators sub-link state and lane width traffc overview packet count with occurrence navigation filters user-defned packet and error flters search user-defned packet and error search command line packet generator protocol version support C unipro unifed protocol (unipro) 1.60 C ufs universal flash storage (ufs) 2.0 (jesd220b) C physical layer m-phy 3.0 hs modes supported g1 to g3 pwm data rates (series a and b), mbps C g0 0.9, 1.1 C g1 5.2, 6.1 C g2 10.4, 12.1 C g3 20.8, 24.3 C g4 41.6, 48.6 C g5 83.2, 97.2 C g6 166, 194 C g7 499, 583 symbol lock time C hs-g1 1 symbol, typical C hs-g2, hs-g3 < 128 symbols link width 1, 2, 3, or 4 links per sub-link link mapping manual width, static mapping traffc class tc0 preemption support not supported cport support 1 automatic fow control not supported endpoint support host only timing control fixed prepare, sync, and sleep/stall idle time. user-defned idle between packets voltage control la/ha only error insertion C m-phy 8b/10b, disparity C unipro crc, incorrect reserved bits C ufs user-defned payload via tcl script user interface user-defned tcl scripts with function library environmental specifcations radiated emissions (re) cispr 11/en55001 group 1 class a radiated immunity (ri) en/iec 61000-4-3 frequency range at v/m 80 mhz to 2 ghz at 3 v/m; 2 to 2.7 ghz at1 v/m electrostatic discharge (en/iec 61000-4-2)+ discharge air/contact (kv) 8/4 operating temperature operating range: min-max (c) +5 to +40 storage temperature storage range: non-operating min-max (c) C40 to +70 operating humidity max % rh at temperature c 80 at 40 storage humidity max % rh at temperature c 90 at 65 random vibration, operating 5 to 500 hz random, grms 0.21 random vibration, survival 5 to 500 hz random, grms 2.09 half sine shock 2 ms half sine delta velocity m/sec (in/sec) 1.6 (60) trapezoidal shock 24 ms trapezoidal delta velocity m/sec (in/sec) 8.00 (315) operating altitude kilo feet/kilo meters 10/3.1 storage altitude non-operating (kilo feet/kilo meters) 15/4.6 operating magnetic feld immunity a/m rms 30 safety iec 61010-1 (3rd edition) single fault condition u4431a C performance characteristics (continued)
08 | keysight | u4431a mipi m-phy protocol analyzer - data sheet module confguration chassis and probing confguration chassis options m9502a 2-slots m9505a 5-slots m9502a-020 usb 2.0 host connection for either chassis m9505a-020 lower-speed alternative to pc control options, not recommended for > 1 gb memory pc control options m9536a embedded pc module (no cables or adapters needed) connecting via pcie to a desktop pc m9048a pcie desktop adapter y1202a pcie cable (x8 to x8) connecting via pcie to a laptop pc m9045a expresscard adapter y1200b pcie cable (x4 to x8) analyzer probes u4432a sma cable, mipi, m-phy (one probe for each sub-link (analyzer)) u4433a 1 probe, zif fying leads, mipi m-phy (one probe for each sub-link (analyzer)) n5426a zif tip for u4433a, 12 ghz infniimax C kit of 10 N4230A sma breakout board for u4432a 1. recommended probe for most cases. 1-lane (default) 2-lanes (412) 4-lanes (414) lane options speed options increase to gear 2 (512) increase to gear 3 (514) select memory 4 gb (m04) 1 gb (default) 16 gb (m16) unipro (711) ufs + unipro (712) ssic (714) csi-3 + unipro (713) select protocols analysis options single direction ? analyze upstream or downstream sub-link (default) bi-directional ? analyze both sub-links (612) packet generation + bi-directional analysis (613) ? includes option 612 u4431a/u protocol analyzer m-pcie (715)
09 | keysight | u4431a mipi m-phy protocol analyzer - data sheet www.axiestandard.org advancedtca ? extensions for instrumentation and test (axie) is an open standard that extends the advancedtca for general purpose and semiconductor test. the business that became keysight was a founding member of the axie consortium. atca ? , advancedtca ? , and the atca logo are registered us trademarks of the pci industrial computer manufacturers group. www.lxistandard.org lan extensions for instruments puts the power of ethernet and the web inside your test systems. the business that became keysight was a founding member of the lxi consortium. www.pxisa.org pci extensions for instrumentation (pxi) modular instrumentation delivers a rugged, pc-based high-performance measurement and automation system.
this information is subject to change without notice. ? keysight technologies, 2014 - 2016 published in usa, august 24, 2016 5991-2544en www.keysight.com 10 | keysight | u4431a mipi m-phy protocol analyzer - data sheet for more information on keysight technologies products, applications or services, please contact your local keysight office. the complete list is available at: www.keysight.com/find/contactus americas canada (877) 894 4414 brazil 55 11 3351 7010 mexico 001 800 254 2440 united states (800) 829 4444 asia pacifc australia 1 800 629 485 china 800 810 0189 hong kong 800 938 693 india 1 800 11 2626 japan 0120 (421) 345 korea 080 769 0800 malaysia 1 800 888 848 singapore 1 800 375 8100 taiwan 0800 047 866 other ap countries (65) 6375 8100 europe & middle east austria 0800 001122 belgium 0800 58580 finland 0800 523252 france 0805 980333 germany 0800 6270999 ireland 1800 832700 israel 1 809 343051 italy 800 599100 luxembourg +32 800 58580 netherlands 0800 0233200 russia 8800 5009286 spain 800 000154 sweden 0200 882255 switzerland 0800 805353 opt. 1 (de) opt. 2 (fr) opt. 3 (it) united kingdom 0800 0260637 for other unlisted countries: www.keysight.com/find/contactus (bp-06-08-16) dekra certified iso9001 quality management system www.keysight.com/go/quality keysight technologies, inc. dekra certified iso 9001:2015 quality management system mykeysight www.keysight.com/find/mykeysight a personalized view into the information most relevant to you. keysight infoline www.keysight.com/find/infoline keysights insight to best in class information management. free access to your keysight equipment company reports and e-library. keysight services keysight services www.keysight.com/find/service our deep offering in design, test, and measurement services deploys an industry-leading array of people, processes, and tools. the result? we help you implement new technologies and engineer improved processes that lower costs. three-year warranty www.keysight.com/find/threeyearwarranty keysights committed to superior product quality and lower total cost of ownership. keysight is the only test and measurement company with three-year warranty standard on all instruments, worldwide. and, we provide a one-year warranty on many accessories, calibration devices, systems and custom products. keysight assurance plans www.keysight.com/find/assuranceplans up to ten years of protection and no budgetary surprises to ensure your instruments are operating to specification, so you can rely on accurate measurements. keysight channel partners www.keysight.com/find/channelpartners get the best of both worlds: keysights measurement expertise and product breadth, combined with channel partner convenience. mipi ? service marks and logo marks are owned by mipi alliance, inc. and any use of such marks by keysight technologies is under license. other service marks and trade names are those of their respective owners. pci-sig ? , pcie ? and the pci express ? are us registered trademarks and/or service marks of pci-sig. www.keysight.com/find/mphy_analyzer evolving our unique combination of hardware, software, support, and people can help you reach your next breakthrough. we are unlocking the future of technology. from hewlett-packard to agilent to keysight


▲Up To Search▲   

 
Price & Availability of N4230A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X