Part Number Hot Search : 
MCM63 1N4948G USC33000 EFEPBF FDKCORP 99FKR3 122414 AA3528
Product Description
Full Text Search
 

To Download MURF1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MURF1010 ? murf1060 10.0a v v 1.0 70 140 210 280 350 420 v 100 200 300 400 500 600 v 105 0 1010 gla ss passivated die construction low forward voltage drop high surge current capability 10. 0a glass passivated superfast rectifier features ! ! s up e r-fa st switching ! ! low reverse leakage current ! ! plastic material has ul flammability classification 94v-o  me c hanical data maximum r a tings and electrical characteristics @t a =2 5 c unl ess ot herw ise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol unit p eak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r rm s reverse voltage v r(rm s) a v erage rec t i fied output current @t c = 100 c i o 10.0 a non-repet itive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 90 a forward v ol tage @i f = fm pe a k reverse current @t a = 25 c a t rated dc blocking voltage @t a = 100 c i rm 10 400 a revers e rec overy time (note 1) t rr 35 ns typical junction capacitance (note 2) c j 200 pf operat i ng and storage temperature range t j , t stg -55 to +150 c note: 1. measured with if = 0.5a, ir = 1.0a, irr = 0.25a. 2. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. 1 of 2 z ibo seno electronic engineering co., ltd. www.senocn.com m o unting position: any polarity: see diagram minals: plated leads solderable per case: ito-220ac, molded plastic ! ! ter mil-std-202, method 208 ! ! weight: 2.24 grams (approx.) ! ! lead free: for rohs / lead free version 1030 1020 1040 1060 1. 3 1. 7 MURF1010 ? murf1060 murf murf murf murf murf murf ito-220ac a pi n 1 3 d f e j k i t o-220ac di m min max a 14. 50 15.50 b 9. 50 10. 50 c 2.55 2. 90 d 3. 30 4. 30 e 13. 00 14. 00 f 0. 30 0. 90 g 3. 00 ? 3.80 ? h 6. 30 7. 30 i 4. 20 4. 80 j 2. 50 2. 90 k 0.47 0. 75 l 2. 50 3. 10 p 4. 88 5. 28 a l l dimensions in mm c b g p i l h pi n 1 + + p i n 3 - case alldatasheet
 30 60 90 0 120 150 180 1 10 100 i , peak forward surge current (a) fsm number of cycles at 60hz fig. 3 max non-repetitive surge current 8.3 ms single half-sine-wave jedec method 10 100 400 0.1 1.0 10 100 v , reverse vol t age (v) fig. 4 typical junction capacitance r c , cap acitance (pf) j 0.1 1.0 10 100 0.2 0.6 1.0 1.4 i , inst antaneous forward current (a) f v , inst antaneous forward voltage (v) fig. 2 typical forward characteristics f pulse width = 300 s 2% duty cycle m 1050-1060 1030-1040 1010-1020 2 of 2 z ibo seno electronic engineering co., ltd. www.senocn.com 0 2 4 6 8 10 0 50 100 150 i , a verage forward current (a) (av) t , case temperature ( c) fig. 1 forward current derating curve c MURF1010 ? murf1060 MURF1010 ? murf1060 1010-1020 1030-1060 alldatasheet


▲Up To Search▲   

 
Price & Availability of MURF1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X