Part Number Hot Search : 
DTMPU63 254121 SP5301 39F1G WT203 SMA20 RM214C SR6150
Product Description
Full Text Search
 

To Download KBU6005-KBU610 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099 1 kbu6005 thru kbu610 single phase 6.0 amps. glass passivated bridge rectifiers voltage range 50 to 1000 volts current 6.0 amperes features ideal for printed circuit board reliable low cost construction technique results in inexpensive product high temperature soldering guaranteed: 260 / 10 seconds / 0.375? ( 9.5mm ) lead length at 5 lbs., ( 2.3 kg ) tension ul recognized file number: e347214 mechanical data case: molded plastic lead: solder plated polarity: as marked maximum ratings and electrical characteristics rating at 25 ambient temperature unle ss otherwise specified. single phase, half wave, 60hz, resistive or inducti ve load.for capacitive load, derate current by 20% symbols kbu 6005 kbu 601 kbu 602 kbu 604 kbu 606 kbu 608 kbu 610 units maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current at t a =65 i (av) 6.0 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (jedec method ) i fsm 175 a maximum instantaneous forward voltage at 6.0a v f 1.0 v maximum dc reverse current @ t a =25 rated dc blocking voltage per leg t a =125 i r 5.0 500 a typical thermal resistance (note1) (note2) r ja r jc 8.6 3.1 /w operating temperature range t j -55 to +150 storage temperature range t stg -55 to +150 note: 1. thermal resistance from junction to ambient with units in free air, p.c.b. mounted on 0.5 0.5?(1212mm) copper pads,0.375 (9.5mm)lead length. 2. thermal resistance from junction to case with units mounted on 2.6 1.4 0.06 thick(6.5 3.5 0.15cm)al.plate.
website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099 2 kbu6005 thru kbu610 rating and characteristic curves kbu6005 thru kbu610 note: specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of KBU6005-KBU610

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X