Part Number Hot Search : 
SM53163 MDPC2A IR3506 MC56F B1422J MDLS16 1055182 STB7002T
Product Description
Full Text Search
 

To Download JCS10N60C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r JCS10N60C 201510c 1/10 JCS10N60C order codes ? marking ? package halogen free ? packaging device weight jcs10n60fc-o-f-n-b jcs10n60f to-220mf no tube 2.20 g(typ) jcs10n60fc-o-f2-n-b jcs10n60f to-220mf-k2 no tube 2.00 g(typ) ? package ? main characteristics i d 10 a v dss 600 v rdson-max @vgs=10v 0.85 ? qg-typ 51.5 nc ? z ??? z z led ? applications z high efficiency switch mode power supplies z electronic lamp ballasts based on half bridge z led power supplies ? z ? z c rss ( ? 16.9pf) z ?? z ??? z ? dv/dt z rohs ? features z low gate charge z low c rss (typical 16.9pf ) z fast switching z 100% avalanche tested z improved dv/dt capability z rohs product ? order message
r JCS10N60C 201510c 2/10 ?? absolute ratings (tc=25 ) * ?? *drain current limited by maximum junction temperature ? parameter symbol ? value unit jcs10n60fc ???? drain-source voltage v dss 600 v ? drain current -continuous i d t=25 t=100 10* a 6.0* a ? ? 1 drain current ? pulse note 1 i dm 40* a ??? gate-source voltage v gss 30 v ? ? 2 single pulsed avalanche energy note 2 e as 1050 mj ? ? 1 avalanche current note 1 i ar 10 a ?? ? 1 repetitive avalanche current note 1 e ar 15.6 mj ??? ? 3 peak diode recovery dv/dt note 3 dv/dt 5.0 v/ns ? power dissipation p d t c =25 -derate above 25 40 w 0.32 w/ ??? operating and storage temperature range t j t stg -55 +150 ?? maximum lead temperature for soldering purposes t l 300
r JCS10N60C 201510c 3/10 electrical characteristics ? parameter symbol tests conditions min typ max units ? off ?characteristics ??? drain-source voltage bv dss i d =250 a, v gs =0v 600 - - v ?? breakdown voltage temperature coefficient bv dss / t j i d =250 a, referenced to 25 - 0.6 - v/ ???? zero gate voltage drain current i dss v ds =600v,v gs =0v, t c =25 - - 10 a v ds =480v, t c =125 - - 100 a ?? gate-body leakage current, forward i gssf v ds =0v, v gs =30v - - 100 na ?? gate-body leakage current, reverse i gssr v ds =0v, v gs =-30v - - -100 na ?? on-characteristics ?? gate threshold voltage v gs(th) v ds = v gs , i d =250 a 2.0 - 4.0 v ?? static drain-source on-resistance r ds(on) v gs =10v , i d =5.0a - 0.65 0.85 ? forward transconductance g fs v ds = 40v, i d =5.0a note 4 - 5.7 - s ? dynamic characteristics input capacitance c iss v ds =25v, v gs =0v, f=1.0mh z - 1435 1800 pf output capacitance c oss - 151.4 200 pf reverse transfer capacitance c rss - 16.9 30 pf
r JCS10N60C 201510c 4/10 electrical characteristics thermal characteristic switching characteristics ?? turn-on delay time t d (on) v dd =300v,i d =10a,r g =25 ? note 4 5 - 31.2 65 ns ? turn-on rise time t r - 57.6 95 ns ?? turn-off delay time t d (off) - 96 135 ns ?? turn-off fall time t f - 52.8 95 ns ? total gate charge q g v ds =480v , i d =10a v gs =10v note 4 5 - 51.5 75 nc ?? gate-source charge q gs - 7.3 - nc ?? gate-drain charge q gd - 18 - nc ????? drain-source diode characteristics and maximum ratings maximum continuous drain -source diode forward current i s - - 10 a maximum pulsed drain-source diode forward current i sm - - 40 a ? drain-source diode forward voltage v sd v gs =0v, i s =10a - - 1.2 v ?? reverse recovery time t rr v gs =0v, i s =10a di f /dt=100a/ s (note 4) - 405 - ns ? reverse recovery charge q rr - 9.0 - c ? parameter symbol max unit jcs10n60fc ??? thermal resistance, junction to case r th(j-c) 3.1 /w ? thermal resistance, junction to ambient r th(j-a) 56 /w ?? 1 ? 2 l=19mh, i as =10a, v dd =50v, r g =25 ? , ? t j =25 3 i sd 10a,di/dt 300a/ s,vdd bv dss , ? t j =25 4 ? 300 s, ?? 2 5 ??? notes: 1 pulse width limited by maximum junction temperature 2 l=19mh, i as =10a, v dd =50v, r g =25 ? ,starting t j =25 3 i sd 10a,di/dt 300a/ s,vdd bv dss , starting t j =25 4 pulse test pulse width 300 s,duty cycle 2 5 essentially independent of operating temperature
1 1 0 i d [a] 0. 0. 0. 0. 0. 0. 0. 1. 1. r ds (on ) [ ? ] d r c r 201510c el 1 1 0 v gs top 15v 10v 9v 8v 7v 6.5v 6v 5.5v bottom 5v 024 65 70 75 80 85 90 95 00 05 on-reg on-resis t r ain curr e c apacita n ectrica l v d s 681 v gs =10v i d [ a ion char a t ance v ar e nt and g a n ce chara c l chara c 10 notes: 1. 250 s puls e 2. t c =25 s [v] 01214 note :t j = 2 v gs =20v a ] a cteristic s iation vs. a te volta g c teristics ciss coss crss c teristi e test i d [ a ] 16 18 2 5 0 1 i dr [a] 0 2 4 6 8 10 12 0 v gs gate source voltage[v] s g e b cs (curv e 2 0.1 1 10 d [] 150 0 .1 1 1 0 0.2 0.3 0.4 150 dr 10 v ds = q tra n b ody dio d vs. sour c gate c e s) 46 25 n sfer cha r d e forwa r c e curren t c harge c h jcs 1 8 notes: 1.250 s p 2.v ds =40 s p u 2. v gs =0v 25 [v] 30 40 8 0v arge [nc] r acteristi c r d voltage t and te m h aracteris t 1 0n60 c 5/10 10 p ulse test v 1 1.2 1.3 u lse tes t 50 c s v ariatio n m perature t ics c n
- 0.8 0.9 1.0 1.1 1.2 bv ds (normalized) b m r 201510c el e - 75 -50 -25 b reakdow n vs. t m aximum fo r ava vs. e ctrical 02550 t j [ ] n voltage v t emperat u safe ope r jcs10n 6 lanche e n tem p era t chara c 75 100 125 notes: 1. v g s =0v 2. i d =250 a v ariation u re rating ar e 6 0fc n ergy t ure c teristi c 150 a - 7 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 r d (on ) (normalized) e a c s (curve s 7 5-50-25 on- r v ma x vs. 25 50 0 2 4 6 8 10 i d drain current [a] s ) 02550 t j [ ] r esistan c v s. temp e x imum dr a case te m 75 t c case temper a jcs 1 75 100 125 notes: 1. v gs =10v 2. i d =4.75a c e variati o e rature a in curre n m peratur e 100 125 a ture [ ] 1 0n60 c 6/10 150 o n n t e 150 c
r JCS10N60C 201510c 7/10 electrical characteristics (curves) transient thermal response curve for jcs10n60fc
r JCS10N60C 201510c 8/10 ? package mechanical data to-220mf unit mm
r JCS10N60C 201510c 9/10 ? package mechanical data to-220mf-k2 unit mm
r JCS10N60C 201510c 10/10 ? 1. ????????? ?????? ???? 2. ????? ?? 3. ????? ?????? 4. ??? note 1. jilin sino-microelec tronics co., ltd sales its product either through direct sales or sales agent , thus, for customers, when ordering , please check with our company. 2. we strongly recommend customers check carefully on the trademark when buying our product, if there is any question, please don?t be hesitate to contact us. 3. please do not exceed the absolute maximum ratings of the device when circuit designing. 4. jilin sino-microelectronics co., ltd reserves the right to make changes in this specification sheet and is subject to change without prior notice. ?? ?????? ???? 99 ?? 132013 ? 86-432-64678411 86-432-64665812 ? www.hwdz.com.cn ? ??? 99 ?? 132013 86-432-64675588 64675688 64678411-3098/3099 : 86-432-64671533 contact jilin sino-microelectronics co., ltd. add: no.99 shenzhen street, jilin city, jilin province, china. post code: 132013 te l 86-432-64678411 fax 86-432-64665812 web site www.hwdz.com.cn market department add: no.99 shenzhen street, jilin city, jilin province, china. post code: 132013 tel: 86-432-64675588 64675688 64678411-3098/3099 fax: 86-432-64671533


▲Up To Search▲   

 
Price & Availability of JCS10N60C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X