Part Number Hot Search : 
K10A60D MLX902 SMB11 RGF10M IL34C86N R12X09 1C333 AON6516
Product Description
Full Text Search
 

To Download IRF3415PBF-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
      
   

 


    
    
  
           ! 
" 
    
 #   $
% $
!  !
 
        
    & ! '() ! *
!
 %    
!
     

  $     
 !       
#   ("++,  *    
             "
    
  !  
          -, ! #     !    
 
  !  *        ("++, 
 $     !   
      
 # s d g  
     

           

                     
  
 !  "#$
 % &   ' (
()
$
 " *  +  ) ", $-+ ".  / 01   , $-     +  2 ,, $-+ ".   01 ,& 3
 2$
,.,&   % &   4 "1 $
  (
56  
 )
"0 2 " )
 "0 7
$
 8%9007
0$:  ;
 "
<9(
; =7> 8%?>0: 
      
 2  1 $
(
(  @@@ %6 2  (
() 3# ')7$ % @@@  & 2  1 $
(
(0=  @@@ 9       .))   .)/
0  ?  .  t o -22 0 ab  
        
 

   !"      &&  #$

   
  
  
  
  

)
$  ;4 )#+.0=
 8a
.
: @@@ @@@ -
 " -   )
$  ", 8a
.
:  @@@ @@@ ( b $

%   
#

 " @@@ @@@ %          2,2$
,. 0 @@@ 9 /      c 2,2$
,. -" @@@ % % d  & &d              s d g  
  
  
  
    (
()
$a3
 
 "  @@@ @@@      d ?    ?   a3
 
 "0%
77 $  @@@ %6 @@@ & 27 $
   0 2   )  $ (
()
$4 (2   $ @@@ @@@ % ?          ' --

 " % @@@ %        d "  #
 $
$  $ / @@@ @@@ )      @@@ @@@  d      @@@ @@@        ' (
()
$#
!3" @@@ @@@     ' (
()
$2,!3" @@@ @@@ (    ( c  
'  -" @@@ @@@     c  ' (
()
$ -" @@@ @@@ 6    c  ' (
( 8e; e: -" @@@ @@@ /f   )# "%9      (4 . 0 @@@  @@@   6 2  0 @@@  @@@       (477. 0 @@@ 6 @@@ 2  % ?  # 0 @@@ 9/ @@@ 2  % ?, )# "%  a   @@@ @@@ 9008% %: 7
0$3"  $ 
7 $
$     $  $ @@@  @@@     4   $  $ @@@ 9 @@@ #     2, 7 $  $ @@@  @@@ g%;hi)# "% h              ! " #   $ % !      $  $ !    )
$ $  $ @@@ @@@ s d g    % 6%    (
()
$!3"   2 , "j  - 0 =.  0k%b $
 0 %8)7 "%:  i sd  &  f&d       6       "   !%0h 2   ?   %8)# ":    - dj .$.$ l%   
   
                    !    10 100 1000 1 10 100 20us pulse width t = 25 c j o top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.5v 4.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 4.5v 10 100 1000 1 10 100 20us pulse width t = 175 c j o top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.5v 4.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 4.5v -60 -40 -20 0 20 40 60 80 100 120 140 160 180 0.0 0.5 1.0 1.5 2.0 2.5 3.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) o v = i = gs d 10v 37a   10 100 1000 4 5 6 7 8 9 10 v = 50v 20s pulse width ds v , gate-to-source voltage (v) i , drain-to-source current (a) gs d t = 25 c j t = 175 c j
  
 " #  $ ! %&     '  % ' 
$
 
 %         
$
 
 %    $
  
 (
) 
 % 1 10 100 0 1000 2000 3000 4000 5000 6000 v , drain-to-source voltage (v) c, capacitance (pf) ds v c c c = = = = 0v, c c c f = 1mhz + c + c c shorted gs iss gs gd , ds rss gd oss ds gd c iss c oss c rss 0 40 80 120 160 200 0 4 8 12 16 20 q , total gate charge (nc) v , gate-to-source voltage (v) g gs for test circuit see figure i = d 13 22a v = 30v ds v = 75v ds v = 120v ds 0.1 1 10 100 1000 0.2 0.6 1.0 1.4 1.8 v ,source-to-drain voltage (v) i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j o t = 175 c j o 1 10 100 1000 1 10 100 1000 operation in this area limited by r ds(on) single pulse t t = 175 c = 25 c j c o o v , drain-to-source voltage (v) i , drain current (a) i , drain current (a) ds d 10us 100us 1ms 10ms
   $) %   v ds 90% 10% v gs t d(on) t r t d(off) t f  $) % * +!
    1   !  0.1 % 2    2  %m%%  + -    " #  ,!!+   -  ./

   " #          25 50 75 100 125 150 175 0 10 20 30 40 50 t , case temperature ( c) i , drain current (a) c d 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response)
  q g q gs q gd v g charge d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - 01   '  %    2 '  %* +!
 " #  &+   , %     3 -+* +!
  3 -+  t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v 25 50 75 100 125 150 175 0 200 400 600 800 1000 1200 1400 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as o i d top bottom 9.0a 16a 22a
  p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - -  (
  4,5(,$ 6   7
!
" $!,, $  
          2    ? ,& $

=.2  ?  ,0 .%m%% ?   $

=. .#$
ee ? %m%%(, $m    $ !.
 
 
 ? !
) . $  $  ? '
    ? !
!3" $  $    7
0  6
  lead assignments 1 - gate 2 - drain 3 - source 4 - drain - b - 1.32 (.052) 1.22 (.048) 3x 0.55 (.022) 0.46 (.018) 2.92 (.115) 2.64 (.104) 4.69 (.185) 4.20 (.165) 3x 0.93 (.037) 0.69 (.027) 4.06 (.160) 3.55 (.140) 1.15 (.045) min 6.47 (.255) 6.10 (.240) 3.78 (.149) 3.54 (.139) - a - 10.54 (.415) 10.29 (.405) 2.87 (.113) 2.62 (.103) 15.24 (.600) 14.84 (.584) 14.09 (.555) 13.47 (.530) 3x 1.40 (.055) 1.15 (.045) 2.54 (.100) 2x 0.36 (.014) m b a m 4 1 2 3 notes: 1 dimensioning & tolerancing per ansi y14.5m, 1982. 3 outline conforms to jedec outline to-220ab. 2 controlling dimension : inch 4 heatsink & lead measurements do n ot include burrs. hexfet 1- gate 2- drain 3- source 4- drain lead assignments igbts, copack 1- gate 2- collector 3- emitter 4- collector 

  dimensions are shown in millimeters (inches) 

  
 example: in the assembly line "c" t his is an ir f1010 lot code 1789 as s e mb le d on ww 19, 1997 part number assembly lot code dat e code ye ar 7 = 1997 line c week 19 logo rectifier int e r nat ional note: "p" in assembly line position indicates "lead-free" data and specifications subject to change without notice. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 01/04
note: for the most current drawings please refer to the ir website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRF3415PBF-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X