Part Number Hot Search : 
CPH3426 SC112 HE83121 A105M 383UGC 88XS23D7 CVCO3 2SD21
Product Description
Full Text Search
 

To Download HDBL151G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  152g 153g 154g 155g unit sym bol 5 0 75 156g 157 g HDBL151G - hdbl157g c ase: , molded plastic hdbl a d free: for rohs / lead free version 151g weight: 0.38 gram s (approx.) HDBL151G ? hdbl157 g 2.15 3. 40 9.30 10.30 6.20 6.50 7.40 7.90 feat ures  glass passivated die construction g  low forward voltage drop  high current capability  high surge current capability - +  designed for surface mount application b ~ ~ a d e  plastic material ? ul recognition flammability classification 94v-o c l h m echan ical data j   terminals: plated leads solderable per mil-std-202, method 208 k  polarity: as marked on case   mounting position: any  marking: type number m aximum ratings an d electrical characteristics @t a =25 c unless o therwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. dbls di m min max a b c 0. 25 ? d 0. 08 0. 33 e g 1. 02 1.53 h 8. 00 8.51 j k 5. 00 5.20 l 0. 90 1. 20 a l l d i m e nsions i n mm 1 of 2 ! le www.senocn.com z ibo seno electronic engineering co., ltd. hdbl hdbl hdbl hdbl hdbl hdbl dbls characteristic -65 to +150 c ns 35 70 140 280 420 560 800 v 50 100 200 400 600 800 1000 v 1.0 1.3 1.7 v p eak repetit ive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rw m v r rm s reverse vo ltage v r( rms) a verage rectified output current @t l = 100c i o 1. 5 a non-repet itiv e peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fs m 50 a forward volt age @i f = 1.5a v fm p eak r everse current @t a = 25c at rat ed dc blocking voltage @t a = 100c i rm 10 500 a revers e recovery ti me (note 1) t rr t ypical junction capacitance (note 2) c j 15 pf t ypical thermal resistance (note 3) r  jl 15 c / w operat ing and storage t emperature range t j, t st g not e: 1. measured w ith i f = 0 .5a, i r = 1.0a , i rr = 0.25a. see figure 5. 2. measured at 1.0 mhz and applied reverse voltage of 4.0 v dc. 3. mounted on p.c. board with 8.0mm 2 l and area. surface mount glass passivated high efficient bridge rectifier 1.5a


▲Up To Search▲   

 
Price & Availability of HDBL151G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X