Part Number Hot Search : 
12NK90Z SKI06073 8F400 GA128 041006KE 15A50 41791 BFU520A
Product Description
Full Text Search
 

To Download G-TPSY-002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sensor solutions ///tpt300v page 1 10 /2015 tpt300v ir pyrometer key features ? contactless temperature measurement ? high accuracy ? wide temperature range ? digital and analogue interface ? industrial usage (ip65) tpt300v is a contactless temperature measuring system - called pyrometer - based on the detection of infrared radiation. tpt300v is equipped with a lens and an infrared sensor (thermopile) in front. it has to be pointed at the target object. the basic working principle is: ? detection of infrared radiation with a thermopile sensor ? further analogue signal processing ? calculation of the objects temperature using a microcontroller ? providing the objects temperature at digital or analogue output the main fields of applications are temperature measuring in industrial applications i.e. at moving or inaccessible parts
tpt300v ir pyrometer sensor solutions /// tpt300v 10 /2015 page 2 features ? 0c C 300c measurement range ? 9v C 24v supply voltage range ? rs232 interface & analogue voltage output ? ip65 protected applications ? contactless temperature measurement ? industrial process control absolute maximum ratings ? absolute maximum ratings are limiting values of permitted operation and should never be exceeded under the worst possible conditions either initially or consequently. if exceede d by even the smallest amount, instantaneous catastrophic failure can occur. and even if the device continues to operate satisfactorily, its life may be considerably shortened. parameter symbol conditions min typ max unit supply voltage vcc measured versus gnd -1 28 v storage temperature tstor - 20 85 c operating conditions parameter symbol conditions min typ max unit supply voltage vcc measured versus gnd 9 24 v supply current i full ambient temp. range, no output load 22 ma thermal emission coefficient of object adjustable via rs232 10 100 % field of view fov 5 digital output rate adjustable 0.1 10 hz digital output settings 9600 baud, 8 bit, no parity, 1 stop bit
tpt300v ir pyrometer sensor solutions /// tpt300v 10 /2015 page 3 operating characteristics parameter symbol conditions min typ max unit object temperature range tobj digital output analog output 0 12 300 288 c ambient temperature range tamb 0 85 c spectral sensitivity s 8 14 m accuracy of target temp. measuring acc 1 tambient = 25c 1% of full scale range resp. 3c c accuracy of target temp. measuring acc 2 full ambient temp. range 1.5% of full scale range resp. 4.5c c resolution digital res 0.3 c analog output characteristics t[c] x 5v/300c v analog output range 0.2 C 4.8 v resolution analog 0.3 c analog output source resistance 40 housing stainless steel protection class ip 65 mechanical dimensions 111,0 mm 17,0 mm 15,5 mm 42,0 mm m18 x 1 sensor side connector side
tpt300v ir pyrometer sensor solutions /// tpt300v 10 /2015 page 4 terminals function rs232 protocol fixed rs232 settings: 9600 baud, 8 bit, no parity, 1 stop bit tpt modes there are two modes implemented in tpt sensors: the free running mode and the on request mode. in the free running mode the sensor cyclically sends measuring results via rs 232. in this mode no further communication (for instance changing sensor parameters) is possible. the only telegram whic h is accepted in this mode is the set on request mode telegram, which stops sensor output. in on request mode the sensor only sends data via rs232 after user has sent any request telegram. only in this mode the changing of sensor parameters is possible. note: updating the analog output is directly correlated with updating the rs232 output. only if output data are sent via rs232 the analog output is updated. two cases are possible: the request result data telegram causes updating serial and analog output and - on the other hand - the cyclic ally sending data in free running mode. 1 2 3 4 5 6 7 1 2 3 4 5 6 7 8 9 gnd +9 .. 24 v dc tx rx supply voltage analog please take care: pin numbers are marked on the binder and on most dsub connectors! binder connector series 712 dsub 9 connector (female) pin symbol description typ 1 +vs supply voltage supply 2 gnd ground potential supply 3 nc 4 nc 5 an analog output (voltage) analog output 6 rx receive data (rs232) digital input/output 7 tx transmit data (rs232) digital input/output
tpt300v ir pyrometer sensor solutions /// tpt300v 10 /2015 page 5 factory settings after delivery following parameters are set: parameter default setting output mode free running output format object and ambient temperature output rate 100ms emissivity 98% commands command to the sensor sensor response explanation request software version and serial number ?v hl - planartechnik tpt v2.2 yywwnnn - 2 manufacturer company, software version, serial number with yy =year, ww = weak of year, nnn = consecutive number, -2 = product code for tpt300v set output mode free running f f free running mode is active set output mode on request f f on request mode is active set output format object and ambient temperature i i format object and ambient temperature is active set output format object temperature i i format object temperature is active set emissivity factor e e emissivity in percentage (10..100), 1 byte binary-format, read emissivity factor e 99 answer emissivity in percentage (10..100); ascii-format request result da ta (while output format object and ambient temperature) r +255:+784 with +255 = sensor temperature in tenth of degree c (1-3 digit with sign) +784 = object temperature in tenth of degree c (1-4 digit with sign); request result data (while output format object temperature) r +784 with +784 = object temperature in tenth of degree c (1-4 digit with sign) software reset q - no echo. it takes about 1 second until software reset is done and sensor acts normal (as afte r power- up) set output data rate for output mode free running o (data rate code) o (data rate code) (note 1), ascii-format = ascii -format, <> = binary-format, = carriage return, = line feed no reset is necessary to activate the new settings. note 1: data rate code output data rate 0 100 ms 1 500 ms 2 1000 ms 3 5000 ms 4 10000 ms
tpt300v ir pyrometer sensor solutions /// tpt300v 10 /2015 page 6 ce conformity the sensor meets the normative requirements for use in industrial environment. the complete compliance with the norm is given under following conditions: ? housing is connected to pe by screws ? meas connecting cable is used ? shield is connected to gnd at user side if the user intends to employ his own connecting cable, it is recommended to equip this cable with a ferrite near the sensor. a suitable type is wrth #74271112. technical contact information ordering information part no. part description G-TPSY-002 tpt300v convenient cable on request te.com/sensorsolutions measurement specialties, inc., a te connectivity company. measurement specialties, te connectivity, te connectivity (logo) and every connection counts are trademarks. all other logos, products and /or company names referred to herein might be trademarks of their respective owners. the information given herein, including drawings, illustrations an d schematics which are intended for illustration purposes only, is believe d to be reliable. however, te connectivity makes no warranties as to its accuracy or completeness and disclaims any liability in connecti on with its use. te connectivitys obligations shall only be as set forth in te connectivitys standard terms and conditions of sale for this product and in no cas e will te connectivity be liable for any incidental, indirect or consequential damages arising out of the sale, resale, use or misuse of the product. users of te connectivity products should make their own eva luation to determine the suitability of each such product for the speci fic application. ? 2015 te connectivity ltd. family of companies all rights reserved. north america measurement specialties, inc., a te connectivity company 910 turnpike road shrewsbury, ma 01545 tel: 1-508- 842 -0516 fax: 1-508-842-0342 sales email: temperature.sales.amer@meas-spec.com europe measurement specialties (europe), ltd., a te connectivity company deutschland gmbh hauert 13 44277 dortmund tel: +49 (0) 231/9740-0 fax: +49 (0) 231/9740- 20 sales email: info.de@meas-spec.com asia measurement specialties (china), ltd., a te connectivity company no. 26 langshan road shenzhen high-tech park (north) nanshan district, shenzhen 518057 china tel: +86 755 3330 5088 fax: +86 755 3330 5099 sales: temperature.sales.asia@meas- spec.com


▲Up To Search▲   

 
Price & Availability of G-TPSY-002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X