Part Number Hot Search : 
C2510 TC90A67F 1A101 0402C TIC225S ATRO420 STA472A TYPETE
Product Description
Full Text Search
 

To Download ERJ8GEYJ100V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev . a 7 5 2 5 e t h el ave n u e nor t h holly w ood, ca 91605 (8 1 8 ) 982-1 2 0 0 www . a d s e m i . c o m s pe c i f i c a t ions are s ubje c t to change without notice.
hvvi semiconductors, inc . iso 9001:2000 certified eg - 01 - po 22 x1 10235 s. 51 st st. suite 100 tel: (866) 429 - hvvi (4884) or visit www.hvvi.com 1 / 5 / 10 phoenix, az. 85044 ?20 10 hvvi semiconductors, inc. all rights reserved. 2 h vv 1 2 1 4 - 1 4 0 ( preliminary datasheet ) l - band pulsed power transistor 1200 - 1400 mhz, 200s pulse, 10% duty cycle for ground based radar applications the i n novative semiconductor company! ! ! ! ! ! ! ! ! ! ! ! ! ! the hvv1 2 1 4 - 1 4 0 device is capable of withstanding an output load mismatch corresponding to a 20:1 vswr at rated output power and nominal operating voltage across the frequency band of operation. ! ! ! ! ! ! notes: 1) rated at t case = 25? 2 ) all parameters measured under pulsed conditions at 1 4 0 w output power measured at the 10% point of the pulse with pulse width = 20 0 sec, duty cycle = 10 % and vdd = 50 v, idq = 100ma in a broadband matched test fixture. 3) amount of gate voltage required to attain nominal quiescent current. 4) guaranteed by design. "#$%&' ! ()*)$+,+* ! -)'.+ ! /01, ! - 2"" ! 2*)10 3 "&.*4+!-&',)5+ ! 67 ! - ! - 8 "" ! 8),+ 3 "&.*4+!-&',)5+ ! 3 9: ;!9: ! - ! < 2" =$)>? ! 2*)10!@.**+0, ! 9a ! b ! ( 2 9 ! (&c+*!21dd1e),1&0 ! fga ! h ! ( 10 ! <0e.,!(&c+* ! f ia ! h ! j " ! ",&*)5+!j+$e+*),.*+ ! 3 a: ! ,& ! k97: ! l@ ! j m ! m.04,1&0!j+$e+*),.*+ ! g:: ! l@ ! !"#$%& ' ()*)#+,+* ' -). ' /01, ' ? m@ g ! jn+*$)'!o+d1d,)04+ ! :i 7a ! l@ph ! "#$%&' ! ()*)$+,+* ! j+d,!@&0q1,1&0 ! r)> ! /01,d ! srj g ! s&)q! r1d$),4n! j&'+*)04+ ! t!u!9 a: :!rvw ! g:x9 ! -"ho ! "#$%&' ! ()*)$+,+* ! @&0q1,1&0d ! r10 ! j#e14)' ! r)> ! /01, ! - yo=2""? ! 2*)10 3 "&.*4+!y*+)zq&c0 ! -8"u:-;<2u 7 $b ! 67 ! 9: g ! 3 ! - ! < 2"" ! 2*)10!s+)z)5+!@.**+0, ! -8"u:-;-2"u 7: - ! 3 ! 7: ! 9:: ! [b ! < 8"" ! 8),+!s+)z)5+!@.**+0, ! -8"u7-;-2"u:- ! 3 ! 9 : ! 9:: ! 0b ! 8 ( g ! (&c+*!8)10 ! tu 9 a:: rvw ! 9 \ ! 96i7 ! 3 ! qy ! ! /01,d ! , * a ! o1d+!j1$+ ! tu 9 a:: rvw ! 3 ! c g7 ! 7: ! 0" ! , _ a ! t)''!j1$+ ! tu9 a:: rvw ! 3 ! c 9 7 ! 7: ! 0" ! (2 a ! (.'d+!2*&&e ! tu9 a:: rvw ! 3 ! :i 77 ! :i \ ! qy ! pulse characteristics electrical characteristics absolute maximum rating (iec 134) thermal/ruggedness performance
hvvi semiconductors, inc . iso 9001:2000 certified eg - 01 - po 22 x1 10235 s. 51 st st. suite 100 tel: (866) 429 - hvvi (4884) or visit www.hvvi.com 1 / 5 / 10 phoenix, az. 85044 ?20 10 hvvi semiconductors, inc. all rights reserved. 3 h vv 1 2 1 4 - 1 4 0 ( preliminary datasheet ) l - band pulsed power transistor 1200 - 1400 mhz, 200s pulse, 10% duty cycle for ground based radar applications the i n novative semiconductor company! typical device performance under class ab mode of operation and rf pulse condi tions of 20 0 s pulse width and 10 % duty cycle with vdd = 50 v and idq = 100m a . the device was measured at 1 400 mhz. !!!!!!!!!!! ! typical device performance under class ab mode of operation and rf pulse conditions of 20 0 s pulse width and 10 % duty cycle with vdd = 50 v and idq = 100m a . the device was measured at 1 400 mhz.
hvvi semiconductors, inc . iso 9001:2000 certified eg - 01 - po 22 x1 10235 s. 51 st st. suite 100 tel: (866) 429 - hvvi (4884) or visit www.hvvi.com 1 / 5 / 10 phoenix, az. 85044 ?20 10 hvvi semiconductors, inc. all rights reserved. 4 h vv 1 2 1 4 - 1 4 0 ( preliminary datasheet ) l - band pulsed power transistor 1200 - 1400 mhz, 200s pulse, 10% duty cycle for ground based radar applications the i n novative semiconductor company! ! ! ! !!!!!! !!!!!! ! typical device performance under class ab mode of operation and rf pulse condi tions of 20 0 s pulse width and 10 % duty cycle with vdd = 50 v and idq = 100m a . the device was measured at 120 w . ! !!!!!! !!!!!! ! typical device performance under class ab mode of operation and rf pulse condi tions of 20 0 s pulse width and 10 % duty cycle with vdd = 50 v and idq = 100m a . the device was measured at 120 w .
hvvi semiconductors, inc . iso 9001:2000 certified eg - 01 - po 22 x1 10235 s. 51 st st. suite 100 tel: (866) 429 - hvvi (4884) or visit www.hvvi.com 1 / 5 / 10 phoenix, az. 85044 ?20 10 hvvi semiconductors, inc. all rights reserved. 5 h vv 1 2 1 4 - 1 4 0 ( preliminary datasheet ) l - band pulsed power transistor 1200 - 1400 mhz, 200s pulse, 10% duty cycle for ground based radar applications the i n novative semiconductor company! typical device performance under class ab mode of operation at 1400mhz and pulse conditions of 200 ? pulse width and 10 % duty cycle with vdd = 50 v and idq = 100ma. the high voltage silicon vertical technology shows less than 1.6db of power degradation over an extreme ca se temperature rise of 125 c . ! hvv1 214 - 1 4 0 performance over temperature
hvvi semiconductors, inc . iso 9001:2000 certified eg - 01 - po 22 x1 10235 s. 51 st st. suite 100 tel: (866) 429 - hvvi (4884) or visit www.hvvi.com 1 / 5 / 10 phoenix, az. 85044 ?20 10 hvvi semiconductors, inc. all rights reserved. 6 h vv 1 2 1 4 - 1 4 0 ( preliminary datasheet ) l - band pulsed power transistor 1200 - 1400 mhz, 200s pulse, 10% duty cycle for ground based radar applications the i n novative semiconductor company! frequency zin* (ohms) zout* (ohms) 1200mhz 1.7 - j4.1 4.5 - j7.6 1250mhz 1.6 - j3.4 4.1 - j6.7 1300mhz 1.5 - j2.9 3.9 - j6.0 1350mhz 1.3 - j2.4 3.6 - j5.2 1400mhz 1.2 - j1.8 3.4 - j4.5 zin* zout* output impedance matching network input impedance matching network test circuit impedances ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! !!!! ! z o = 10  z in * z out * 1030mhz 1030mhz
p art d escri p t i on p ar t n umber m a n u f a c turer c 1, c 2: 1 0 0 pf a t c 1 0 0 b c h i p c a p a c i t or 1 0 0 b 1 0 1j p 5 0 0x a t c c 3: 2.4 p f a t c 1 0 0 b c h i p c a p a c i t or 1 0 0 b 2 r 4j p 5 0 0x a t c c 4: 1.2 p f a t c 1 0 0 b c h i p c a p a c i t or 1 0 0 b 1 r 2j p 5 0 0x a t c c 5: 3.9 p f a t c 1 0 0 b c h i p c a p a c i t or 1 0 0 b 3 r 9j p 5 0 0x a t c c 6: 2.4 p f a t c 1 0 0 b c h i p c a p a c i t or 1 0 0 b 2 r 4j p 5 0 0x a t c c 7: 1 5 p f a t c 1 0 0 b c h i p c a p a c i t or 1 0 0 b 1 5 0j p 5 0 0x a t c c 8,c 9 : 4 7 p f a t c 1 0 0 b c h i p c a p a c i t or 1 0 0 b 4 7 0j p 5 0 0x a t c c 1 0 , c 1 2 : 1 k p f 1 0 0 v c h i p c a p a c i t or ( x 7 r 1 2 0 6 ) c 1 2 0 6 c 1 0 2 k 1 r a c t u k emet c 1 1 , c 1 3 : 1 0 k p f 1 0 0 v c h i p c a p a c i t or ( x 7 r 1 2 0 6 ) c 1 2 0 6 c 1 0 3 k 1 r a c t u k emet c 1 4 : 1 0 u f 6 3 v e l ect f k s m d p c e 3 4 7 9 c t - n d d ig i - k e y c 1 5 , c 1 6 : 1 0 0 uf 6 3 v e l ect f k s m d p c e 3 4 8 3 c t - n d d ig i - k e y r 1: 1 0 o hms c h i p r e s i s t or ( 1 2 0 6 ) e r j8ge y j1 0 0v p a n as o n i c r 2: 1 k o hms c h i p r e s i s t or ( 1 2 0 6 ) e r j8ge y j1 0 2v p a n as o n i c r f c o n n ecto r s t y p e " n " r f conn e c t ors 5 9 1 9 c c - t b - 7 c o a x i com d c d r a i n c o nn c o n n e c t or jac k b a n a n a n y l o n r ed j1 5 1-nd d ig i - k e y d c g r o u n d c o n n. c o n n e c t or jac k b a n a n a n y l o n b l ack j1 5 2-nd d ig i - k e y d c g ate c o n n. c o n n e c t or jac k b a n a n a n y l o n g r e e n j1 5 3-nd d ig i - k e y p c b b o a r d p c b : a r l o n , 3 0 m i l s t h i c k , 2.55 d i e l ect r i c , 2 o z c o p p e r d s e l ect r o n i cs d e v i ce c l amp c o o l i n n o v a ti o n n y lo n cla m p f o o t f x t 0 0 0 1 5 8 c o o l i n n o v ati o n h e a t s i nk co o l i n n o v a ti o n s a lu m in u m h e a t s ink 3-252 5 1 0 r s 3 3 9 4 c o o l i n n o v ati o n s . s . s c r e w s ( 4) 4-40 x 1 /4 s ta i n l e s s s te e l s o c k et he x he a d p 2 4 2 3 93 c o p p e r s t ate b o l t a l l o y s c r e w s ( 4) 4 -4 0 x 1 / 2 a l l o y s o ck e t ca p scr e w h e x h e a d s c a s - 0 4 4 0 - 0 8 c s m a l l p ar t s i nc m eta l w as h er ( 6) # 4 w a s h e r z i n c p l t d s t e e l l o ck z s l w - 0 0 4-m s m a l l p ar t s i nc a l l o y s c r e w s ( 2) 4-40 x 3/4 a l l o y s oc k et c a p s c r e w h e a d s c a s - 0 4 4 0 - 1 2 m s m a l l p ar t s i nc d e m o n st r a t i o n b o a r d o u t l i n e e x a m p l e o f a d e m o n st r a t i o n c i r c u i t h v v 1 12 1 4 - 1 0 0 d e m o n st r a t i o n c i r c u it b o a r d b i l l o f m a t e r i a l s h v v 1 2 1 4 - 1 4 0 ( p relimina r y dat a sheet ) l - ban d pu l s ed p ower t r an s i s tor 1200 - 1 4 00 m h z , 20 0 s pu l s e, 1 0 % duty c y c l e fo r g r o und b a s e d radar a pp li c at i ons the i n nov a ti v e s e m i c ond u c t o r comp a ny!
p a c k a g e d i m e n s i o n s no t e : d r a w i n g i s n o t a c t u a l s i z e . s o u r c e d r a i n g a t e asi p a r t number jd a te c ode inches mm asi s e m i c o n du c t o r , i n c . ( asi ) r e s e r v e s t h e r i g h t t o m a k e c h a n g e s to i n f o r m a t i o n p u bl i s h e d i n t h i s d o c u m e n t a t a n y t i m e a n d w i t h o ut n o t i c e . t h i s do c u m e n t s up e r s e d e s a n d r e p l a c e s a l l i n f o r m a t i o n s up p l i e d p r i o r t o t h e pub l i c a t i o n h e r e o f . i n f o r m a t i o n i n t h i s d o c u m e n t i s b e l i e v e d t o b e a c c u r a t e a n d r e l i a b l e . h o w e v e r , asi d o e s n o t g i v e a n y r e p r e s e n t a t i o n s o r w a r r a n t i e s , e i t h e r e x p r e s s o r i m p l i e d , a s to t h e a c c u r a c y o r c o m p l e t e n e s s o f s u c h i n f o r m a t i o n a n d s h a l l h a v e n o l i a bi l i t y no liability for conse- -quences resulting from the use of such information. no l i c e n s e , e i t h e r e x p r e s s e d o r i m p l i e d , i s c o n v e y e d u n d e r a n y asi i n t e l l e c t u a l p r o p e r t y r i g h t s , i n c l u d i ng a n y p a t e n t r i g h t s .


▲Up To Search▲   

 
Price & Availability of ERJ8GEYJ100V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X