Part Number Hot Search : 
B2060 M5453 MAX85 200AB LM78L TL101 1N523 91100
Product Description
Full Text Search
 

To Download D3SB05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d3sb 4.0a glass passivated bridge rectifier features  case: molded plastic  terminals: plated leads, solderable per mil-std-202, method 208  polarity: molded on body  mounting: through hole for #6 screw  mounting torque: 5.0 in-lbs maximum  approx. weight: 4.6 grams  marking: type number mechanical data  glass passivated die construction  high case dielectric strength of 1500v rms  low reverse leakage current  surge overload rating to 120a peak  ideal for printed circuit board applications  plastic material - ul flammability classification 94v-0  ul listed under recognized component index, file number e94661 single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. maximum ratings and electrical characteristics @ t a = 25c unless otherwise specified _ a b d j k c e g h l m n p r dim min max a 24.80 25.20 b 14.70 15.30 c 4.00 nominal d 17.20 17.80 e 0.90 1.10 g 7.30 7.70 h 3.10  3.40  j 3.30 3.70 k 1.50 1.90 l 9.30 9.70 m 2.50 2.90 n 3.40 3.80 p 4.40 4.80 r 0.60 0.80 all dimensions in mm characteristic symbol 05 10 20 40 60 80 100 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average rectified output current @ t c = 115c i o 4.0 a non-repetitive peak forward surge current, 8.3 ms single half-sine-wave superimposed on rated load (jedec method) i fsm 120 a forward voltage per element @ i f = 2.0a v fm 1.0 v peak reverse current @t c = 25c at rated dc blocking voltage @ t c = 125c i rm 5.0 500 a typical junction capacitance per element (note 1) c j 40 pf typical thermal resistance (note 2) r jc 5.5 c/w operating and storage temperature range t j ,t stg -65 to +150 c notes: 1. measured at 1.0 mhz and applied reverse voltage of 4.0v dc. 2. thermal resistance from junction to case per element. unit mounted on 300 x 300 x 1.6mm aluminum plate heat sink. z ibo seno electronic engineering co., ltd. www.senocn.com 1 of 2 D3SB05 - d3sb100 d3sb d3sb d3sb d3sb d3sb d3sb D3SB05 - d3sb100 3s


▲Up To Search▲   

 
Price & Availability of D3SB05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X