Part Number Hot Search : 
11SRW 77M035A MR851G 24121 060NTR H8S2320 HA456 EL5281
Product Description
Full Text Search
 

To Download D22012B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a24 general specifcations electrical capacity (resistive load) logic level: 0.4va maximum @ 48v ac/dc maximum (applicable range 0.1ma ~ 0.1a @ 20mv ~ 48v) note: find additional explanation of operating range in supplement section. other ratings contact resistance: 50 milliohms maximum insulation resistance: 1,000 megohms minimum @ 500v dc dielectric strength: 1,000v ac minimum between contacts for 1 minute minimum; 1,500v ac minimum between contacts & case for 1 minute minimum mechanical life: 100,000 operations minimum for bat lever models 50,000 operations minimum for locking lever models electrical life: 50,000 operations minimum contact timing: nonshorting (break-before-make) angle of throw: 24 materials & finishes toggle/ lever: brass with chrome plating bushing: brass with nickel plating support bracket: straight pc: phosphor bronze with tin plating; right angle & vertical: brass with tin plating housing: polybutylene terephthalate (pbt) (ul94v-0) base: 1- and 2-pole gfr polyamide (ul94v-0); 4-pole liquid crystal polymer (lcp) (ul94v-0) movable contacts: phosphor bronze with gold plating stationary contacts: brass with gold plating terminals: brass with gold plating environmental data operating temp range: C10c through +70c (+14f through +158f) humidity: 90 ~ 95% humidity for 240 hours @ 40c (104f) vibration: 10 ~ 55hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours shock: 50g (490m/s 2 ) acceleration (tested in 6 right angled directions, with 5 shocks in each direction) pcb processing soldering: wave soldering recommended. see profle a in supplement section. manual soldering: 1- & 2-pole: 3 seconds maximum @ 350c maximum; 4-pole: 4 seconds maximum @ 410c maximum cleaning: hand clean locally using alcohol based solution. see cleaning specifcations in supplement section. standards & certifications flammability standards: ul94v-0 rated housing & base the d2 series toggles have not been tested for ul recognition or csa certifcation. these switches are designed for use in a low-current, logic level circuit. when used as intended in a logic level circuit, the results do not produce hazardous energy. series d2 pcb mount miniature toggles indicators accessories supplement tactiles keylocks rotaries pushbuttons illuminated pb slides programmable rockers touch tilt a toggles www.nkkswitches.com
a25 distinctive characteristics base of heat resistant resin meets ul94v-0 fammability rating. maximized voltage capability of 48v allows use in medium source applications and increases operating life. award-winning stc contact mechanism with benefts unavailable in conventional mechanisms: smoother positive detent actuation, increased contact stability, and unparalleled reliability. (additional stc details under terms and acronyms in the supplement section.) round .031 (0.8mm) diameter pc terminals for easy pcb assembly. terminal spacing conforms to standard .100 (2.54mm) pc board grid spacing. molded-in terminals prevent entry of fux, solvents, and other contaminants. actual size series d2 pcb mount miniature toggles indicators accessories supplement tactiles keylocks rotaries pushbuttons illuminated pb slides programmable a toggles rockers touch tilt www.nkkswitches.com
a26 actuators no code .413 (10.5mm) bat lever l .200 (5.1mm) diameter locking lever typical switch ordering example 1 spdt on-none-on circuit circuits 2 on none on 3 on off on 5 on none (on) 8 (on) off (on) 9 on off (on) ( ) = momentary 2 description for typical ordering example d22012p .413 (10.5mm) bat lever pc terminals p straight * b straight with bracket * h right angle with bracket * v vertical with bracket * bracketed models combine with smooth bushings poles 1 spdt 2 dpdt *4 4pdt * combines with on-none-on circuit only & not available with right angle straight pc terminals p d220 series d2 pcb mount miniature toggles indicators accessories supplement tactiles keylocks rotaries pushbuttons illuminated pb slides programmable rockers touch tilt a toggles www.nkkswitches.com
a27 at444 bat lever conical cap material: polyethylene colors available: a b c e f g at415 bat lever cap material: polyethylene colors available: a b c e f g toggle position ( ) = momentary connected terminals throw & schematics pole model down center up down center up note: terminal numbers are not actually on the switch. sp d22012 d22013 d22015 d22018 d22019 on on on (on) on none off none off off on on (on) (on) (on) 2-3 open 2-1 spdt dp d22022 d22023 d22025 d22028 d22029 on on on (on) on none off none off off on on (on) (on) (on) 2-3 5-6 open 2-1 5-4 dpdt 4p d22042 on none on 2-3 5-6 8-9 11-12 open 2-1 5-4 8-7 11-10 4pdt actuators poles & circuits 2 (com) 1 3 4 6 1 3 25 (com) l optional caps & cap colors material: chrome over brass material: chrome over brass .413 (10.5mm) bat lever no code .413 (5.1mm) diameter locking lever pc terminals 11 10 12 7 9 4 6 1 3 2 58 (com) straight straight with bracket p b right angle with bracket vertical with bracket v h at427 cap supplied with locking lever material: anodized aluminum colors available: a c g (2.8) dia .110 24 (10.5) .413 (5.1) dia .201 24 m6 p0.75 (17.9) .705 (6.1) .240 (19.4) .764 (8.0) .315 (4.6) dia .181 (7.0) .275 (5.1) dia .201 24 (17.9) .705 (19.4) .764 (8.0) .315 (4.6) dia .181 (4.8) dia .189 (13.1) .516 (11.5) .452 24 24 (5.0) dia .197 (13.5) .532 (12.0) .472 a black b white c red e yellow f green g blue colors codes: keyway keyway series d2 pcb mount miniature toggles indicators accessories supplement tactiles keylocks rotaries pushbuttons illuminated pb slides programmable a toggles rockers touch tilt www.nkkswitches.com
a28 d22012p d22012lp actuator in down position d22042p d22042lp actuator in down position straight pc ? double pole straight pc ? four pole d22022p d22022lp actuator in down position straight pc ? single pole keyway (2.8) dia .110 24 m6 p0.75 (0.8) dia ty p .031 (5.08) ty p .200 (3.6) .142 (10.5) .413 (7.2) .283 (13.9) .547 (7.0) .276 (14.4) .567 3 2 1 (0.3) .012 (0.3) .012 keyway (5.1) dia .201 24 m6 p0.75 (0.8) dia ty p .031 (5.08) ty p .200 (3.6) .142 (17.9) .705 (6.1) .240 (13.9) .547 (19.4) .764 keyway (2.8) dia .110 24 m6 p0.75 (0.8) dia ty p .031 (5.08) ty p .200 (3.6) .142 (10.5) .413 (7.2) .283 (13.9) .547 3 2 1 6 5 4 (12.4) .488 (14.4) .567 (0.3) .012 (0.3) .012 (5.08) .200 keyway (5.1) dia .201 24 m6 p0.75 (0.8) dia ty p .031 (5.08) ty p .200 (3.6) .142 (17.9) .705 (6.1) .240 (13.9) .547 (19.4) .764 keyway (0.8) dia ty p .031 (5.08) ty p .200 (3.6) .142 (13.9) .547 (5.1) dia .201 24 m6 p0.75 (17.9) .705 (6.1) .240 (19.4) .764 keyway (2.8) dia .110 24 m6 p0.75 (0.8) dia ty p .031 (5.08) ty p .200 (3.6) .142 (10.5) .413 (7.2) .283 (13.9) .547 (22.6) .890 (14.4) .567 (0.3) .012 (0.3) .012 3 2 1 5 4 (5.08) ty p .200 9 8 7 11 10 6 12 (2.54)t yp .100 (5.08) ty p .200 1 2 (1.0) dia ty p .039 3 (5.08) ty p .200 4 5 (1.0) dia ty p .039 6 1 2 3 (5.08) .200 (5.08) ty p .200 10 11 (1.0) dia ty p .039 12 7 8 9 4 5 6 1 2 3 (5.08) ty p .200 typical switch dimensions series d2 pcb mount miniature toggles indicators accessories supplement tactiles keylocks rotaries pushbuttons illuminated pb slides programmable rockers touch tilt a toggles www.nkkswitches.com
a29 actuator in down position d22022b d22022lb straight pc ? bracket double pole straight pc ? bracket single pole actuator in down position D22012B d22012lb actuator in down position d22042b d22042lb keyway (7.0) .276 (6.2) dia .244 (0.8) dia ty p .031 (5.08) ty p .200 (3.6) .142 (6.8) .268 (14.3) .563 (15.24) .600 (0.4) ty p .016 (2.8) dia .110 24 (10.5) .413 (22.6) .890 (5.08) ty p .200 (14.4) .567 (0.3) .012 (16.44) .647 (0.7) ty p .028 (5.08) .200 (0.3) .012 3 2 1 5 4 9 8 7 11 10 6 12 (2.54)t yp .100 keyway (7.0) .276 (5.1) dia .201 24 (6.2) dia .244 (17.9) .705 (19.4) .764 (0.8) dia ty p .031 (5.08) ty p .200 (3.6) .142 (14.3) .563 (15.24) .600 (0.4) ty p .016 (5.7) .224 keyway (7.0) .276 (6.2) dia .244 (0.8) dia ty p .031 (5.08) ty p .200 (3.6) .142 (6.8) .268 (14.3) .563 (15.24) .600 (0.4) ty p .016 (2.8) dia .110 24 (10.5) .413 3 2 1 6 5 4 (12.4) .488 (14.4) .567 (0.3) .012 (16.44) .647 (0.7) ty p .028 (5.08) .200 (0.3) .012 (5.08) .200 keyway (6.2) dia .244 (0.8) dia ty p .031 (5.08) ty p .200 (3.6) .142 (6.8) .268 (14.3) .563 (15.24) .600 (0.4) ty p .016 (2.8) dia .110 24 (10.5) .413 (7.0) .276 (14.4) .567 (0.3) .012 (16.44) .647 3 2 1 (0.7) ty p .028 (5.08) .200 keyway (5.1) dia .201 24 (6.2) dia .244 (0.8) dia ty p .031 (5.08) ty p .200 (3.6) .142 (17.9) .705 (5.7) .224 (14.3) .563 (19.4) .764 (15.24) .600 (0.4) ty p .016 (5.08) ty p .200 1 2 (1.0) dia ty p .039 3 (2.54) ty p .100 (7.62) ty p .300 (6.2) dia .244 (0.8) dia ty p .031 (5.08) ty p .200 (3.6) .142 (14.3) .563 (15.24) .600 (0.4) ty p .016 (5.1) dia .201 24 (17.9) .705 (5.7) .224 (19.4) .764 keyway (7.0) .276 (5.08) ty p .200 (1.0) dia ty p .039 (2.54) ty p .100 (7.62) ty p .300 4 5 6 1 2 3 (5.08) ty p .200 10 11 12 7 8 9 4 5 6 1 2 3 (5.08) ty p .200 (1.0) dia ty p .039 (2.54) ty p .100 (7.62) ty p .300 straight pc ? bracket four pole typical switch dimensions series d2 pcb mount miniature toggles indicators accessories supplement tactiles keylocks rotaries pushbuttons illuminated pb slides programmable a toggles rockers touch tilt www.nkkswitches.com
a30 (0.8) dia ty p .031 (2.54) .100 (15.24) .600 (0.9) .035 (3.5) .138 (0.5) .020 (6.6) .260 (0.4) .016 (6.2) dia .244 (5.1) dia .201 (6.2) dia .244 (0.8) dia ty p .031 (2.54) .100 (7.7) .303 (15.24) .600 (2.8) dia .110 (10.5) .413 (0.9) .035 (0.4) .016 (3.5) .138 (0.5) .020 (15.24) .600 (0.9) .035 (0.4) .016 (0.8) dia .031 (3.5) .138 (6.6) .260 (6.2) dia .244 (5.1) dia .201 keyway (5.08) .200 (3.5) .138 (0.7) ty p .028 (0.3) .012 right angle pc ? single pole d22012lh actuator in down position right angle pc ? double pole d22022lh actuator in down position d22012h d22022h 12 3 6 5 4 (14.4) .567 (12.4) .488 (0.3) .012 (0.3) .012 (5.08) ty p .200 keyway (5.08) .200 (3.5) .138 (0.7) ty p .028 (0.3) .012 keyway (5.08) .200 (0.7) ty p .028 (0.3) .012 (3.5) .138 (6.2) dia .244 (7.7) .303 (15.24) .600 (2.8) dia .110 (10.5) .413 (0.9) .035 (0.4) .016 (0.8) dia .031 (3.5) .138 (7.0) .276 3 2 1 (0.3) .012 (0.3) .012 (14.4) .567 (5.08) ty p .200 keyway (5.08) .200 (0.7) ty p .028 (0.3) .012 (3.5) .138 (5.08) ty p .200 (1.0) dia ty p .039 1 2 3 (15.24) .600 (2.54) ty p .100 (5.08) ty p .200 (1.0) dia ty p .039 1 2 3 (15.24) .600 (2.54) ty p .100 4 5 6 (2.54) .100 typical switch dimensions series d2 pcb mount miniature toggles indicators accessories supplement tactiles keylocks rotaries pushbuttons illuminated pb slides programmable rockers touch tilt a toggles www.nkkswitches.com
a31 (0.8) dia ty p .031 (2.54) ty p .100 (15.24) .600 (0.9) .035 (0.4) .016 (0.5) .020 (1.0) .039 (7.7) .303 (2.8) dia .110 24 (10.5) .413 (6.2) dia .244 (3.5) .138 (5.1) dia .201 24 (0.8) dia ty p .031 (2.54) ty p .100 (17.9) .705 (6.6) .260 (15.24) .600 (19.4) .764 (6.2) dia .244 (0.9) .035 (0.4) .016 (0.5) .020 (1.0) .039 (3.5) .138 vertical pc ? single pole actuator in down position d22012lv actuator in down position d22022lv vertical pc ? double pole d22022v d22012v keyway (5.08) .200 (0.7) ty p .028 (0.3) .012 (3.5) .138 (7.0) .276 (14.4) .567 3 2 1 (0.3) .012 (0.3) ty p .012 keyway (5.08) .200 (0.7) ty p .028 (0.3) .012 (3.5) .138 keyway (5.08) .200 (0.7) ty p .028 (0.3) .012 (3.5) .138 (0.8) dia ty p .031 (2.54) ty p .100 (15.24) .600 (0.9) .035 (0.4) .016 (0.5) .020 (1.0) .039 (3.5) .138 (7.7) .303 (2.8) dia .110 24 (10.5) .413 (6.2) dia .244 3 2 1 6 5 4 (12.4) .488 (14.4) .567 (0.3) .012 (0.3) .012 (5.08) .200 keyway (5.08) .200 (0.7) ty p .028 (0.3) .012 (3.5) .138 (0.8) dia ty p .031 (2.54) ty p .100 (15.24) .600 (0.9) .035 (0.4) .016 (0.5) .020 (1.0) .039 (3.5) .138 (5.1) dia .201 24 (17.9) .705 (6.6) .260 (19.4) .764 (6.2) dia .244 (1.0) dia ty p .039 1 (15.24) .600 (2.54) ty p .100 2 (2.54) ty p .100 3 (1.0) dia ty p .039 1 (15.24) .600 (2.54) ty p .100 2 (2.54) ty p .100 3 4 5 6 typical switch dimensions series d2 pcb mount miniature toggles indicators accessories supplement tactiles keylocks rotaries pushbuttons illuminated pb slides programmable a toggles rockers touch tilt www.nkkswitches.com
a32 standard hardware at513m hex nut brass with nickel plating 2 supplied at507m locking ring steel with zinc/chromate 1 supplied at509 lockwasher steel with zinc/chromate 1 supplied at501m knurled face nut brass with chrome plating (9.0) .354 (1.5) .059 (1.7) .067 (0.8) .031 (6.4) dia .252 (10.2) dia .402 (0.5) .020 panel cutouts & maximum panel thickness (6.5) dia .256 (5.6) .220 (0.6) .024 (6.5) dia .256 (6.5) .256 (2.2) dia .087 with standard hardware .087 (2.2mm) for standard lever .051 (1.3mm) for locking lever without locking ring .118 (3.0mm) for standard lever .083 (2.1mm) for locking lever without locking ring & bottom hex nut .185 (4.7mm) for standard lever .142 (3.6mm) for locking lever optional without bottom hex nut .154 (3.9mm) for standard lever .110 (2.8mm) for locking lever m6 p0.75 (10.0) dia .394 (1.7) .067 d22042v vertical pc ? four pole d22042lv actuator in down position keyway (5.08) .200 (0.7) ty p .028 (0.3) .012 (3.5) .138 (0.8) dia ty p .031 (2.54) ty p .100 (15.24) .600 (0.9) .035 (0.4) .016 (0.5) .020 (1.0) .039 (3.5) .138 (7.7) .303 (2.8) dia .110 24 (10.5) .413 (6.2) dia .244 (22.6) .890 (14.4) .567 (0.3) .012 (0.3) .012 3 2 1 5 4 (5.08) ty p .200 9 8 7 11 10 6 12 (2.54)t yp .100 keyway (5.08) .200 (0.7) ty p .028 (0.3) .012 (3.5) .138 (0.8) dia ty p .031 (2.54) ty p .100 (15.24) .600 (0.9) .035 (0.4) .016 (0.5) .020 (1.0) .039 (3.5) .138 (5.1) dia .201 24 (17.9) .705 (6.6) .260 (19.4) .764 (6.2) dia .244 (1.0) dia ty p .039 4 (15.24) .600 (2.54) ty p .100 5 (2.54) ty p .100 6 7 8 9 1 2 3 10 11 12 (5.08) ty p .200 (8.0) .315 m6 p0.75 (2.0) .079 (5.5) .217 (6.0) dia .236 (12.0) dia .472 typical switch dimensions series d2 pcb mount miniature toggles indicators accessories supplement tactiles keylocks rotaries pushbuttons illuminated pb slides programmable rockers touch tilt a toggles www.nkkswitches.com
a33 notes www.nkkswitches.com


▲Up To Search▲   

 
Price & Availability of D22012B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X