Part Number Hot Search : 
LVC1G0 41200 TK20D60 XL4005E1 LP121S1 43C8P4 EFM32G 09SH3
Product Description
Full Text Search
 

To Download CTIHLP1304AF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  manufacturer of passive components 800-684-5322 inside us 949-453-1811 outside us copyright ? 2012 by ct magnetics, dba central technologies. all rights reserved. ct magnetics reserves the right to make improvements or change specifications without notice rev 09.20.12 power inductors - shielded www.ctparts.com CTIHLP1304AF series from 0.47 h to 10 h specifications parts are available in 20% inductance tolerance only. *irms: will cause the coil temp. rise approximately d t of 40c. (keep 1 min) **isat: will cause l0 to drop 30% typical. (keep quickly) *irms **isat dcr dcr part inductance (a) (a) (m w ) (m w ) number (h) typ. typ. typ. max. CTIHLP1304AF-r47m 0.47 5.0 7.2 25 30 CTIHLP1304AF-r56m 0.56 4.5 6.6 31 36 CTIHLP1304AF-r68m 0.68 4.0 6.1 34 40 CTIHLP1304AF-r82m 0.82 3.5 5.8 41 48 CTIHLP1304AF-1r0m 1.00 3.3 5.5 50 60 CTIHLP1304AF-1r5m 1.50 3.0 4.0 71 85 CTIHLP1304AF-2r2m 2.20 2.7 3.4 98 115 CTIHLP1304AF-3r3m 3.30 2.0 3.1 191 210 CTIHLP1304AF-4r7m 4.70 1.6 2.8 266 293 CTIHLP1304AF-5r6m 5.60 1.5 2.2 310 360 CTIHLP1304AF-6r8m 6.80 1.4 2.0 360 400 CTIHLP1304AF-8r2m 8.20 1.2 1.7 420 463 CTIHLP1304AF-100m 10.0 1.0 1.4 498 550 not shown at actual size characteristics physical dimensions pad layout description: smd (shielded) power inductor. applications: notebook, desktop, server applications, low profle, high current power supplies, battery powered devices, dc/dc converter for field programmable gate array (fpga). operating temperature: -40c to +125c (the part temperature (ambient + temp. rise) should not exceed 125c under worst case operating conditions. circuit design, component placement, pwb trace size and thickness, airfow and other cooling provisions all affect the part temperature. part temperature should be verifed in the end application) inductance tolerance: 20% testing: inductance is tested on an hp4285a at 100khz, 1.0v packaging: tape & reel. marking: parts are marked with inductance code. miscellaneous: rohs compliant. additional information: additional electrical & physical information available upon request. samples available. see website for ordering information. xx a b c d e marking: inductance code 4.1 1.45 1.9 a b c d e 3.50.2 3.20.2 1.00.2 0.70.2 1.20.2 0.140.0079 0.120.0079 0.0400.0079 0.0270.0079 0.0470.0079 size mm inches unit: mm


▲Up To Search▲   

 
Price & Availability of CTIHLP1304AF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X