Part Number Hot Search : 
2SD2678 WSD751D TPB130RL TGH47A TB0614A 2SD2678 SB380 700ETT
Product Description
Full Text Search
 

To Download CENB1010A0503F01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ________________________________________________________________________________________________________________________________ 1 of 3 sl power electronics corp ? 6050 king drive ventura, ca 93003 ? phone 805.486.4565 ? fax 858.712.2040 ? email: info@slpower.com ? www.slpower.com rohs lps specifications all specifications are typical at nominal input, full load at 25 c unless otherwise stated . ac input 100-240vac, -/-10%, 47-63 hz, 1 ? mtbf >250,000 hours (calculated) input current 100vac: 0.27a hold - up time 18 ms min. @ 115vac, 60 ms min. @ 230 vac inrush current 60 a peak max at 264 vac overload protecti on hiccup mode input fuse i nternal primary current fuse provided (1a, 250vac rated) short circuit protection hiccup mode e fficiency meets eisa2007, cec efficiency level v, eu (ec) no 278/2009 phase ii topology switching ? fixed frequency flyback output voltage see chart safety standards en/iec/csa/ul60950-1, 2 nd edition, lps output power see chart emc, radiated & conducted see chart below ripple and noise 1% pk-pk max., 20mhz bw dielectric wit hstand input-output: 4,242vdc, input-ground: 1,500 vac, output-ground: 500 vdc line & load voltage regulation line: +/- 1%, load: +/-5% operating temperature 0 to 40 c, no derating (0 to 55 c for 5v model, see derating chart) minimum load not required storage temperature -30 to +85 c case material black 94v-0 polycarbonate relative humidity 5% to 95%, non-condensing case dimensions 84 x 47 x 32mm. see outline drawing altitude 0 to 10,000 ft weight 110g output cable #20awg (ul2468), 1500mm, 2 conductor output connector 2.5mm barrel type (ault #3), center contact (+) other options available, contact the factory for details emc specifications conducted emissions en55022 class b, fcc part 15, class b. radiated emissions en55022 class b, fcc part 15, class b. line frequency h armonics en61000-3-2, class a voltage fluctuations/flicker en61000-3-3 static discharge immunity en61000-4-2, 6kv contact discharge, 8kv air discharge radiated rf immunity en61000-4-3, 3v/m. eft/burst immunity en61000-4-4, 2kv/5khz. line surge immunit y en61000-4-5, 1kv differential, 2kv common-mode conducted rf immunity en61000-4-6, 3vrms power frequency magnetic field immunity en61000-4-8, 3a/m voltage dip immunity en61000-4-11, criteria b cenb1010 universal 10 watt series ite switch-mode power supply 3 year warranty ? 100-240vac universal input range ? meets eisa2007, cec efficiency level v, eu (ec) no 278/2009 phase ii ? desktop & wall plug styles ? 5v to 48v single output models, up to 12w ? modified and custom designs available ? regulated output with low ripple ? impact-resistant polycarbonate enclosure ? no load power consumption <0.3w ? limited power source ? certified to ul/en/iec60950-1, 2 nd edition
________________________________________________________________________________________________________________________________ 2 of 3 sl power electronics corp ? 6050 king drive ventura, ca 93003 ? phone 805.486.4565 ? fax 858.712.2040 ? email: info@slpower.com ? www.slpower.com model number key vv 03 cenb 01 1 010 a f "01" = standard. "02" and higher indicates a modified m odel. model output voltage: "05" = 5vdc, "12" = 12vdc, "24" = 24vdc, etc. input connector: "f" = iec320 c14 grounded, other options available, see below output connector: "03" = 2.5m m barrel type connector. other options available, contact factory. model "a" = original configuration product family : "c" = com m ercial/ite/industrial, "e" = external, "nb" = model series designator output pow er: "010" = 10 watts # of outputs "1" = single output iec320 - c14 iec320 - c18 iec320 - c8 n. am erica n. am erica europe united australia class i class ii class ii japan japan kingdom grounded ungro unded "shaver" int e rc ha nga ble fixed fixed fixed fixed (f) (q) (n) (b) (c) (m) (g) (h) notes: notes: 1. ault #3 connector, center contact (+). 2. connector is sw itchcraft 760 plug or equivalent. mating connector is sw itchcraft 712a or equivalent. 3. other connector options are available. contact your local sl pow er representative for details. output connector the receptacle chosen. the n. a. blade version (b) w ill be an interchangeable blade. 3. blade kit is available w hich w ill include one each of a eu, uk, and australian blade. kit part # 2. for wall-plug options, choose the applicable letter above and the unit w ill be fitted w ith is kt1027k. these can be used w ith the (b) version, to allow blades to be changed. the other options (c), (m), (g), and (h) w ill be fixed blades m olded in the case. ac input receptacle options desktop 1. for desktop options, choose applicable letter above. wall-plug desktop style wall-plug style (option ?b? shown) model number volts (v) output current (max) max watts ripple (vp-p max) CENB1010A0503F01 5 v 2.00 a 10.0 w 50 mv cenb1010a0603f01 6 v 2.00 a 12.0 w 60 mv cenb1010a0703f01 7.5 v 1.60 a 12.0 w 75 mv cenb1010a0903f01 9 v 1.10 a 10.0 w 90 mv cenb1010a1203f01 12 v 1.00 a 12.0 w 120 mv cenb1010a1503f01 15 v 0.80 a 12.0 w 150 mv cenb1010a1603f01 16 v 0.75 a 12.0 w 160 mv cenb1010a1803f01 18 v 0.67 a 12.0 w 180 mv cenb1010a2403f01 24 v 0.50 a 12.0 w 240 mv cenb1010a4803f01 48 v 0.25 a 12.0 w 480 mv notes: part numbers above include #3 output connector and iec320 c14 grounded input receptacle. see below for other options. outline drawings cenb1010 universal 10 watt series ite switch-mode power supply 3 year warranty
________________________________________________________________________________________________________________________________ 3 of 3 sl power electronics corp ? 6050 king drive ventura, ca 93003 ? phone 805.486.4565 ? fax 858.712.2040 ? email: info@slpower.com ? www.slpower.com data sheet ? 2014 sl power electronics corp. the information and specifications contained herein are believed to be correct at the time of publication. rev. 9-23-2014 however, sl power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. specifications are subject to change without notice. output derating chart (5v model, 90-264vac input range) cenb1010 universal 10 watt series ite switch-mode power supply 3 year warranty


▲Up To Search▲   

 
Price & Availability of CENB1010A0503F01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X