Part Number Hot Search : 
SMD260 HC5526CP SL24T1G BYV285 CL3225 F5001 PM6344 R2100
Product Description
Full Text Search
 

To Download C44HLGP6100AASJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  generated - 53eb4bfa-c4f0-4ae8-b513-24cebcc38e38 kemet part number: C44HLGP6100AASJ film, metallized polypropylene, ac filter, c44h, 100 uf, 5%, 700 v, 330 v dimensions d 65mm +/-0.5mm l 98mm +/-2mm s 22.5mm +/-1mm packaging specifications mounting: bolt - m12x12.5 packaging: bulk packaging quantity: 9 general information dielectric: metallized polypropylene style: can series: c44h features: single phase pfc rohs: yes lead: fast on (2+2) miscellaneous: thermal resistance = 8 c/w. surge voltage = 1050 vdc specifications capacitance: 100 uf capacitance tolerance: 5% voltage dc: 700 vdc voltage ac: 330 vac temperature range: -25/+70c rated temperature: 70c max dvdt: 12.5 v resistance: 3.4 mohms current: 25 amps (rms) inductance: 100 nh ? 2006 - 2017 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


▲Up To Search▲   

 
Price & Availability of C44HLGP6100AASJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X