Part Number Hot Search : 
5248B NESW064 10TQI 12T50 LTM4601A SMLP3 245SC TS2012FC
Product Description
Full Text Search
 

To Download C44BPF14150ZA0J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  32 c44b mkp series aluminium case capacitors snubber application faston 2.8 terminals general technical data vde 0560 - iec61071 - en61071 application class ( din 40040 ) gpd / ls temperature range ( case ) -40 to + 85 c max permissible ambient temperature +70 c capacitance tolerance code ( 15 th digit ) j = 5% ; k = 10% peak non-repetitive max current i pkr x 1.5 test voltage terminal to case u tt 1.5 u rms for 60 seconds test voltage terminal to case u tc 3kv dc 50hz for 60 seconds rated insulation voltage u i 700 v C 50 hz C insulation group b ( vde 0110 part 1 ) dissipation factor ( tg ) 5 x 10 -4 at 1 khz and 20 c permissible relative humidity annual average 95% on 30 days / year, continuously 100% on other days occasionally 100%. dewing not admissible iec climatic category 40 / 85 / 21 degree of protection ip00 capacitance deviation in the operating temperature range of C40 to +85 c 1.5% max on capacitance value measured at +20 c change of capacitance versus operating time -3% after 30.000 hours at u rms or after 100.000 hours at un case components aluminium case plus plastic insulating deck fame retardant execution ( ul class 94 v1 ) . terminals tinned brass fastons or screws ( see fgures on top ) installation whatever position life expectancy 30.000 hours at u rms ; 100.000 hours at un failure quota 300 / 10 9 components hour technical data
33 c44b mkp series aluminium case capacitors snubber application screw terminals un vdc u pk vdc u rms vac 1200 1600 500 2000 2400 630 peak voltage table codes c un tg x 10 4 esr typ. dv/dt i rms i pkr case approx weight f vdc max typ. m? v/s a a d h g c44bpf13100zb0j 0.1 1200 5 2 25 500 4 50 25 60 35 c44bpf13150zb0j 0.15 1200 5 2 24 500 4 75 25 60 35 c44bpf13220zb0j 0.22 1200 5 2 23 500 5 120 25 60 35 c44bpf13330zb0j 0.33 1200 5 2 16 500 6 165 25 60 35 c44bpf13470zb0j 0.47 1200 5 2 10 500 6 235 25 60 35 c44bpf13680zb0j 0.68 1200 5 2 9 500 6 340 35 60 70 c44bpf14100zb0j 1 1200 5 2 4 500 6 500 35 60 70 C44BPF14150ZA0J 1.5 1200 5 2 3 500 6 750 45 60 100 c44bwf12470za0j 0.047 2000 5 2 30 750 4 35 25 60 35 c44bwf13100za0j 0.1 2000 5 2 27 750 5 75 25 60 35 c44bwf13150za0j 0.15 2000 5 2 26 750 6 113 25 60 35 c44bwf13220za0j 0.22 2000 5 2 25 750 6 165 35 60 70 c44bwf13330za0j 0.33 2000 5 2 20 750 6 250 35 60 70 c44bwf13470za0j 0.47 2000 5 2 15 750 6 350 40 60 85 c44bwf13680za0j 0.68 2000 5 2 10 750 6 510 45 60 100 general characteristics 2.8 m8 10 0.5 ? d 0.5 12 h 2 10 4.5 0.8 2.5
34 c44b mkp series aluminium case capacitors snubber application screw terminals mechanical characteristics case brass screw terminals bolt d driving torque nm creepage distance clearance in air m l driving torque nm 45 4 14 10 m 8 10 6 50 4 14 10 m 8 10 6 55 4 16 10 m 12 12.5 10 60 4 18 10 m 12 12.5 10 65 4 20 10 m 12 12.5 10 70 4 22 10 m 12 12.5 10 un vdc u pk vdc u rms vac 2400 4000 1000 peak voltage table codes c un u rms tg x 10 -4 dv/dt i rms i pkr case approx weight f vdc vac max typ. v/s a a d h g c44bxfp3100za0j 0.1 2400 1000 5 2.5 500 5 50 45 78 135 c44bxfp3220zc0j 0.22 2400 1000 5 2.5 500 5 1 10 45 78 135 c44bxgp3330zc0j 0.33 2400 1000 5 2.5 500 6 165 55 78 220 c44bxfp3470za0j 0.47 2400 1000 5 2.5 500 10 235 45 105 180 c44bxfp4100zb0j 1 2400 1000 5 2.5 500 15 500 50 100 200 c44bxfp4150za0j 1.5 2400 1000 5 2.5 500 18 750 50 135 280 c44bxgp4200za0j 2 2400 1000 5 2.5 500 22 1000 55 200 410 c44bxgp4250za0j 2.5 2400 1000 5 2.5 500 22 1250 55 200 410 c44bxgp4300za0j 3 2400 1000 5 2.5 500 25 1500 65 175 620 c44bxgp4400za0j 4 2400 1000 5 2.5 500 25 2000 65 200 650 general characteristics m6 22.3 0.5 6 6.5 13 20.5 h 2 l m ? d 0.5 statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applic ations, but are not intended to constitute and we specifically disclaim any warranty concerning suitabi lity for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice in ferred from this inform ation or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the ad vice given or results obtained.


▲Up To Search▲   

 
Price & Availability of C44BPF14150ZA0J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X