Part Number Hot Search : 
2SC4213 2SB647A BZT52C9 MPX55000 NTE8035 X84C1 875KAC14 001TB
Product Description
Full Text Search
 

To Download BSS138K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BSS138K ? n-channel logic level enhancement mode field effect transistor ? 2010 fairchild semiconductor corporation www.fairchildsemi.com BSS138K rev. 1.3.0 1 may 2013 BSS138K n-channel logic level enhancement mode field effect transistor features ? low on-resistance ? low gate threshold voltage ? low input capacitance ? fast switching speed ? low input/output leakage ? ultra-small surface mount package ? pb free / rohs compliant ? green compound ? esd hbm = 2000 v as per jedec a114a; esd cdm = 2000 v as per jedec c101c absolute maximum ratings (1) stresses exceeding the absolute maximum ratings may damage the device. the device may not function or be opera- ble above the recommended operating conditions and stressing the parts to these levels is not recommended. in addi- tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. the absolute maximum ratings are stress ratings only. values are at t a = 25c unless otherwise noted. note: 1. these ratings are limiting values above which the serv iceability of any semiconductor device maybe impaired. thermal characteristics note: 2. device mounted on fr-4 pcb, 1 inch x 0. 85 inch x 0.062 inch. minimum land pad size. package marking and ordering information symbol parameter value units v dss drain-source voltage 50 v v gss gate-source voltage 12 v i d d r a i n c u r r e n t continuous 0.22 a pulsed 0.88 t j operating junction temperature range -55 to +150 c t stg storage temperature range -55 to +150 c symbol parameter value units p d total device dissipation 350 mw derating above t a = 25c 2.8 mw/ c r ja thermal resistance, junction to ambient (2) 350 c/w device marking device reel size tape width quantity sk BSS138K 7? 8 mm 3000 units s d g sot - 23 marking : sk
BSS138K ? n-channel logic level enhancement mode field effect transistor ? 2010 fairchild semiconductor corporation www.fairchildsemi.com BSS138K rev. 1.3.0 2 electrical characteristics values are at t a = 25c unless otherwise noted symbol parameter test cond ition min. typ. max. units off characteristics bv dss drain-source breakdown voltage v gs = 0 v, i d = 10 a50 v bv dss t j breakdown voltage temperature coefficient i d = 250 a  referenced to 25 c0.11 v/ c i dss zero gate voltage drain current v ds = 50 v, v gs = 0 v 0.1 a i gss gate-body leakage v gs = 12 v, v ds = 0 v 1 a v gs = 10 v, v ds = 0 v 0.5 v gs = 5 v, v ds = 0 v 0.05 on characteristics v gs(th) gate threshold voltage v ds = v gs , i d = 250 a0.6 1.2v v gs(th) t j gate threshold voltage temperature coefficient i d = 1 ma, referenced to 25 c-1.4mv/ c r ds(on) static drain-source on-resistance v gs = 1.8v, i d = 50 ma, 2.5 v gs = 2.5 v, i d = 50 ma 2.0 v gs = 5v, i d = 50 ma 1.6 i d(on) on-state drain current v gs = 10 v, v ds = 5 v 0.2 a g fs forward transconductance v ds = 10 v, i d = 200 ma 200 ms dynamic characteristics c iss input capacitance v ds = 25 v, v gs = 0 v, f = 1.0 mhz 58 c oss output capacitance 9.75 pf c rss reverse transfer capacitance 5.2 r g gate resistance v ds = 5 v, v gs = 10 mv 281 switching characteristics t d(on) turn-on delay time v dd = 30 v, i d = 0.29 a, v gs = 10 v, r gen = 6 5 ns t r turn-on rise time 5 t d(off) turn-off delay time 60 t f turn-off fall time 35 q g total gate change v ds = 25 v, i d = 0.2 a, v gs = 10 v, i g = 0.1 ma 2.4 nc q gs gate-source change 0.5 q gd gate-drain change 0.5 drain-source diode characteristics and maximum ratings v sd drain-source diode forward voltage v gs = 0 v, i s = 115 ma 1.2 v
BSS138K ? n-channel logic level enhancement mode field effect transistor ? 2010 fairchild semiconductor corporation www.fairchildsemi.com BSS138K rev. 1.3.0 3 typical performance characteristics figure 1. on-region characteristics figure 2. on-resistance variation with gate voltage and drain current figure 3. on-resistance variation with temperature figure 4. on-resistance va riation with gate-source voltage figure 5. transfer characteristics f i g u r e 6 . g a t e t h r e s h o l d v a r i a t i o n w i t h t e m p e r a t u r e 0246810 0.0 0.5 1.0 1.5 2.0 2v 3v 4v 5v v gs = 10v i d . drain-source current(a) v ds . drain-source voltage (v) 0.0 0.2 0.4 0.6 0.8 1.0 0.75 1.00 1.25 1.50 1.75 2.00 () 9v 8v 5v 6v 10v 7v 4v 4.5v v gs = 3v r ds (on), drani-source on-resistance i d . drain-source current(a) -50 0 50 100 150 0.5 1.0 1.5 2.0 2.5 () v ds = 10v i d = 500 ma r ds (on) drani-source on-resistance t j . junction temperature( o c) 2.02.53.03.54.04.55.05.56.0 0.5 1.0 1.5 2.0 2.5 3.0 v ds = 10v 75( o c) 125( o c) 150( o c) 25( o c) t j = -25( o c) i d . drain-source current(a) v gs . gate-source voltage (v) -50 0 50 100 150 0.0 0.5 1.0 1.5 i d = 0.25 ma i d = 1 ma v ds = v gs vth, gate-source threshold voltage (v) t j . junction temperature( o c)
BSS138K ? n-channel logic level enhancement mode field effect transistor ? 2010 fairchild semiconductor corporation www.fairchildsemi.com BSS138K rev. 1.3.0 4 typical performance characteristics (continue) figure 7. reverse drai n current variation with diode forward voltage and temperature 0.0 0.2 0.4 0.6 0.8 1.0 1 10 100 -55 o c v gs = 0 v 150 o c 25 o c i s reverse drain current, [ma] v sd , body diode forward voltage [v]
BSS138K ? n-channel logic level enhancement mode field effect transistor ? 2010 fairchild semiconductor corporation www.fairchildsemi.com BSS138K rev. 1.3.0 5 physical dimensions figure 8. 3lead, sot23, jedec to-236, low profile (active) package drawings are provided as a servic e to customers considering fairchild co mponents. drawings may change in any manner without notice. please note the revision and/or date on the drawi ng and contact a fairchild semi conductor representative to ver ify or obtain the most recent revision. package specifications do not ex pand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconduct or?s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/ . for current tape and reel specifications, visit fairchild semiconductor?s online packaging area: http://www.fairchildsemi.com/packaging/tr/sot23-3l_tr.pdf . land pattern recommendation notes: unless otherwise specified a) reference jedec registration to-236, variation ab, issue h. b) all dimensions are in millimeters. c) dimensions are inclusive of burrs, mold flash and tie bar extrusions. d) dimensioning and tolerancing per asme y14.5m - 1994. e) drawing file name: ma03drev10 3 12 see detail a seating plane scale: 2x gage plane (0.55) (0.93) 1.20 max c 0.10 0.00 0.10 c 2.400.30 2.920.20 1.30 +0.20 -0.15 0.60 0.37 0.20 a b 1.90 0.95 (0.29) 0.95 1.40 2.20 1.00 1.90 0.25 0.23 0.08 0.20 min sot-23
? fairchild semiconductor corporation www.fairchildsemi.com trademarks the following includes registered and unregistered trademarks and service marks, owned by fairchild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. 2cool accupower ax-cap ? * bitsic build it now coreplus corepower crossvolt ctl current transfer logic deuxpeed ? dual cool? ecospark ? efficientmax esbc fairchild ? fairchild semiconductor ? fact quiet series fact ? fast ? fastvcore fetbench fps f-pfs frfet ? global power resource sm greenbridge green fps green fps e-series g max gto intellimax isoplanar making small speakers sound louder and better? megabuck microcoupler microfet micropak micropak2 millerdrive motionmax mwsaver optohit optologic ? optoplanar ? ? powertrench ? powerxs? programmable active droop qfet ? qs quiet series rapidconfigure saving our world, 1mw/w/kw at a time? signalwise smartmax smart start solutions for your success spm ? stealth superfet ? supersot -3 supersot -6 supersot -8 supremos ? syncfet sync-lock? ?* tinyboost tinybuck tinycalc tinylogic ? tinyopto tinypower tinypwm tinywire transic trifault detect truecurrent ? * p serdes uhc ? ultra frfet unifet vcx visualmax voltageplus xs? * trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function, or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. anti-counterfeiting policy fairchild semiconductor corporation's anti-counterfeiting policy. fairchild's anti-counterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support. counterfeiting of semiconductor parts is a growing problem in the industry. all manufacturers of semiconductor products are exp eriencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substa ndard performance, failed applications, and increased cost of production and manufacturing delays. fairchild is taking strong measures to protect ourselv es and our customers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited above. products customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fairchild's quality standards for handling and storage and provide access to fa irchild's full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and will appropriately addr ess any warranty issues that may arise. fairchild will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. fairchild is c ommitted to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors . product status definitions definition of terms datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product that is discontinued by fairchild semiconductor. the datasheet is for reference information only. rev. i64 ?


▲Up To Search▲   

 
Price & Availability of BSS138K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X