Part Number Hot Search : 
STP5NB90 FHLCYBWN NTE1778 12005 DTA113ZE FIXED MX7530JN FST7320L
Product Description
Full Text Search
 

To Download BLD128DD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BLD128DD rev.e may.-2016 data sheet http://www.fsbrec.com 1 / 6 to-252 ?? npn ?? silicon npn transistor in a to-252 plastic package.  ?,??,?, rohs Z high voltage capability, high speed swit ching, wide soa,rohs compliant. ??????? fluorescent lamp, electronics ballast, electr onic transformer, switch mode power supply. pin1 base pin 2 collector pin 3 emitter pin 4 vd ?? / h fe classifications & marking ?? see marking instructions. / descriptions / features ? / applications ? / equivalent circuit / pinning 3 2 1 4
BLD128DD rev.e may.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit collector to base voltage v cbo 700 v collector to emitter voltage v ceo 400 v emitter to base voltage v ebo 9 v collector current - continuous i c 5 a collector power dissipation p c 1.5 w collector power dissipation p c (tc=25 ) 50 w junction temperature t j 150 storage temperature range t stg -55 150 parameter symbol test conditions ? min ? typ ? max unit collector to base breakdown v oltage v cbo i c =1ma i e =0 700 v collector to emitter breakdown v oltage v ceo i c =10ma i b =0 400 v emitter to base breakdown voltage v ebo i e =1ma i c =0 9 v collector cut-off current i cbo v cb =700v i e =0 0.1 ma collector cut-off current i ceo v ce =400v i b =0 0.1 ma emitter base cut-off current i ebo v eb =9v i c =0 0.1 ma dc current gain h fe(1) v ce =5v i c =1a 10 40 h fe(2) v ce =5v i c =4a 5 h fe(3) v ce =5v i c =10ma 7 collector to base breakdown v oltage v ce(sat)(1) i c =1a i b =0.2a 0.5 v v ce(sat)(2) i c =4a i b =1a 1.5 v base to emitter saturation voltage v be(sat) i c =1a i b =0.2a 1.5 v storage time t s v ce =5v i c =0.5a (ui9600) 1.5 5 s fall time t f 0.8 transition frequency f t v ce =10v i c =0.5a f=1mhz 5 mhz ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
BLD128DD rev.e may.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve soa(dc) p c -t c h fe -ic h fe -ic vces-i c vbes-i c t s -t a h fe -t a
BLD128DD rev.e may.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
BLD128DD rev.e may.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br   ?? 128dd  ??? ****  ???? note: br:   company code 128dd: product type. ****:  lot no. code, code change with lot no. br **** 128dd
BLD128DD rev.e may.-2016 data sheet http://www.fsbrec.com 6 / 6 ?? ( ? ) / temperature?profile?for?ir?reflow?soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 245 5 ?? 5 0.5sec; 2.peak temp.:245 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 260 5 ?? 10 1 sec. temp.:2605 time:101 sec ? / packaging spec. ?? / reel package type ?? units ? dimension ?? (unit mm 3 ) units/reel ? / reels/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / reel inner box outer box to-252 2,500 2 5,000 5 25,000 13 16 36036050 385257392 ??? / tube package type ?? units ? dimension ?? (unit mm 3 ) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box outer box to-251/252 75 48 3,600 5 18,000 52620.55.25 55516450 575290180 ?? / notices


▲Up To Search▲   

 
Price & Availability of BLD128DD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X