Part Number Hot Search : 
APL1087E AJ45A MKL5010A 19R104C 20LC20US SDA551 28F00 A1037
Product Description
Full Text Search
 

To Download BLD123D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BLD123D rev.e mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-92 ?? npn ?? silicon npn transistor in a to-92 plastic package.  ??? high voltage capability high speed switching.  ????????? high frequency electronic lighting ballast applications,c onverters, inverters, swit ching regulators, etc. pin1 base pin 2 collector pin 3 emitter ?? / hfe classifications & marking ?? see marking instructions. / descriptions / features ? / applications ? / equivalent circuit / pinning 1 2 3
BLD123D rev.e mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit collector to base voltage v cbo 600 v collector to emitter voltage v ceo 400 v emitter to base voltage v ebo 9.0 v collector current - continuous i c 1.75 a collector power dissipation p c 1.0 w junction temperature t j 150 storage temperature range t sag -55 150 parameter symbol test conditions ? min ? typ ? max unit collector to base voltage v cbo i c =1ma i e =0 600 v collecto r -emitter voltage v ceo i c =10ma i b =0 400 v emitte r -base voltage v ebo i e =1ma i c =0 9.0 v collector cut-off current i cbo v cb =600v i e =0 0.1 ma collector cut-off current i ceo v ce =400v i b =0 0.1 ma emitter base cut-off current i ebo v eb =9.0v i c =0 0.1 ma dc current gain h fe(1) v ce =5v i c =200ma 10 40 h fe(2) v ce =5v i c =1ma 7 h fe(3) v ce =5v i c =1.5a 5 collector to emitter saturation v oltage v ce(sat)(1) i c =500ma i b =100ma 0.4 v v ce(sat)(2) i c =200ma i b =20ma 0.3 v v ce(sat)(3) i c =1.5a i b =500ma 0.9 v base to emitter saturation voltage v be(sat) i c =500ma i b =100ma 1.2 v fall time t f v ce =5v i c =0.25a (ui9600) 0.8 s storage time t s 4.0 s transition frequency f t v ce =10v i c =0.1a f=1mhz 5 mhz ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
BLD123D rev.e mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve soa(dc) p c -t c h fe -ic h fe -ic vces-i c vbes-i c t s -ta h fe -ta
BLD123D rev.e mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
BLD123D rev.e mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br :    ?? 123d   ??? ****  ???? note: br: company code. 123d: product type. ****: lot no. code,code change with lot no. br **** 123d
BLD123D rev.e mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm3) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-92 1,000 10 10,000 5 50,000 135190 237172102 560245195 1,000 10 10,000 10 100,000 135190 237172102 560245375 ? / ammo package type ?? units ? dimension ?? (unit mm3) units/tape ? / ? tape/inner box ? / rows/inner box ? / inner boxes/outer box / units/outer box ? / inner box outer box to-92 3,000 1 120 10 30,000 32823042 480346235 547407268 ?? / notices


▲Up To Search▲   

 
Price & Availability of BLD123D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X