Part Number Hot Search : 
HMC294 5328000 SA60C FM22LD16 D1415 ST52F513 ST1335D 17400
Product Description
Full Text Search
 

To Download BAV99T-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bas16t, baw56t, bav70t, bav99t document number: ds30260 rev. 10 - 2 1 of 3 www.diodes.com march 2009 ? diodes incorporated bas16t, baw56t, bav70t , bav99t surface mount fast switching diode features ? ultra-small surface mount package ? fast switching speed ? for general purpose switching applications ? high conductance ? lead free/rohs compliant (note 1) ? "green" device (note 3 and 4) mechanical data ? case: sot-523 ? case material - molded plasti c. ul flammability rating 94v-0 ? moisture sensitivity: level 1 per j-std-020d ? terminals: solderable per mil-std-202, method 208 ? lead free plating (matte tin finish) ? polarity: see diagrams below ? marking information: see diagrams below & page 2 ? ordering information: see page 2 ? weight: 0.002 grams (approximate) top view bas16t marking: a2 baw56t marking: jd bav70t marking: jj bav99t marking: je maximum ratings @t a = 25c unless otherwise specified characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 85 v rms reverse voltage v r ( rms ) 60 v forward continuous current (note 2) single diode double diode i fm 155 75 ma repetitive peak forward current i frm 500 ma non-repetitive peak forward surge current @ t = 1.0 s @ t = 1.0ms @ t = 1.0s i fsm 4.0 1.0 0.5 a thermal characteristics characteristic symbol value unit power dissipation (note 2) p d 150 mw thermal resistance junction to ambient (note 2) r ja 833 c/w operating and storage temperature range t j , t stg -65 to +150 c electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition reverse breakdown voltage (note 5) v ( br ) r 85 ? ? v i r = 100 a forward voltage v f ? ? 0.715 0.855 1.0 1.25 v i f = 1.0ma i f = 10ma i f = 50ma i f = 150ma leakage current (note 5) i r ? ? 2.0 100 60 30 a a a na v r = 75v v r = 75v, t j = 150 c v r = 25v, t j = 150 c v r = 25v total capacitance c t ? 1.5 ? pf v r = 0, f = 1.0mhz reverse recovery time t rr ? ? 4.0 ns i f = i r = 10ma, i rr = 0.1 x i r , r l = 100 notes: 1. no purposefully added lead. 2. device mounted on fr-4 pc board with recommended pad layout, which can be found on our webs ite at http://www.diodes.com/da tasheets/ap02001.pdf. 3. diodes inc.'s "green" policy can be found on our w ebsite at http://www.diodes.com /products/lead_free/index.php. 4. product manufactured with date code uo (week 40, 2007) and newer are built with green molding compound. product manufactu red prior to date code uo are built with non-green molding compound and may contain halogens or sb 2 o 3 fire retardants. 5. short duration pulse test used to minimize self-heating effect. sot-523
bas16t, baw56t, bav70t, bav99t document number: ds30260 rev. 10 - 2 2 of 3 www.diodes.com march 2009 ? diodes incorporated bas16t, baw56t, bav70t , bav99t 0.1 1 0.01 0.001 01 . 5 1.0 0.5 i, ins t an t ane o u s f o r wa r d c u r r en t (a) f v , instantaneous forward voltage (v) fig. 1 typical forward characteristics, per element f 0.1 1 10 100 1,000 10,000 0 20 40 60 80 100 v , instantaneous reverse voltage (v) fig. 2 typical reverse characteristics, per element r i, i n s t a n t a n e o u s r eve r se c u r r e n t (na) r t = -40oc a t = 25oc a t = 75oc a t = 125oc a t = 150oc a t = 0oc a 0.0 0.2 0.4 0.6 0.8 1.8 1.6 1.4 1.2 1.0 2.0 0 10 20 40 30 c , t o t al c a p a c i t a n c e (p f ) t v , dc reverse voltage (v) fig. 3 total capacitance vs. reverse voltage, per element r 050100 150 200 300 200 250 100 150 50 0 i, f o r wa r d c u r r e n t (ma) f single diode loaded double diode loaded t , soldering point temperature fig. 4 current derating curve, total package s ordering information (note 6) part number case packaging bas16t-7-f sot-523 3000/tape & reel baw56t-7-f sot-523 3000/tape & reel bav70t-7-f sot-523 3000/tape & reel BAV99T-7-F sot-523 3000/tape & reel notes: 6. for packaging details, go to our w ebsite at http://www.diodes .com/datasheets/ap02007.pdf. marking information date code key year 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 code n p r s t u v w x y z month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d xx = product type marking code (see page 1, e.g. a2 = bas16t) ym = date code marking y = year (ex: n = 2002) m = month (ex: 9 = september) xxym
bas16t, baw56t, bav70t, bav99t document number: ds30260 rev. 10 - 2 3 of 3 www.diodes.com march 2009 ? diodes incorporated bas16t, baw56t, bav70t , bav99t package outline dimensions suggested pad layout important notice diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to any product herein. diodes incorporat ed does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its paten t rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes inco rporated and all the companies whose products ar e represented on our website, harmless against all damages. life support diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the president of diodes incorporated. sot-523 dim min max typ a 0.15 0.30 0.22 b 0.75 0.85 0.80 c 1.45 1.75 1.60 d ? ? 0.50 g 0.90 1.10 1.00 h 1.50 1.70 1.60 j 0.00 0.10 0.05 k 0.60 0.80 0.75 l 0.10 0.30 0.22 m 0.10 0.20 0.12 n 0.45 0.65 0.50 0 8 ? all dimensions in mm dimensions value (in mm) z 1.8 x 0.4 y 0.51 c 1.3 e 0.7 x e y c z a m j l d b c h k g n


▲Up To Search▲   

 
Price & Availability of BAV99T-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X