Part Number Hot Search : 
2SD2142 CS82C83H SP233 2R470C 03624TC LBS20801 20N60 LTZ455JL
Product Description
Full Text Search
 

To Download B44066D7010M440 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  film capacitors ? power factor correction harmonic filter reactor series/type: b44066d****m*** ordering code: B44066D7010M440 date: july 2011 version: 1 ? epcos ag 2011. reproduction, publicati on and dissemination of this publicatio n, enclosures hereto and the information contained therein without epcos' pr ior express consent is prohibited. content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! please fill in the table and then change the color to "white". this ensures that the table disappears (invisible) for the customer pdf. don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it! identification/classification 1 (header 1 + top left bar): film capacitors ? power factor correction identification/classification 2 (header 2 + bottom left header bar): harmonic filter reactor ordering code: (top right header bar) B44066D7010M440 series/type: (top right header bar) b44066d****m*** preliminary data (optional): (if necessary) department: film pfc pm date: july 2011 version: 1
film capacitors ? power factor correction B44066D7010M440 harmonic filter reactor b44066d****m*** film pfc pm july 2011 please read cautions and warnings and page 2 of 5 important notes at the end of this document . characteristics ? highest linearity ? temperature control via micro switch in inner coil ? with mounting plate to en 60852 ? international approvals ? highest life time by high quality materials ? low losses ? high overloading capability ? low weight due to aluminium windings ? low noise technical data de-tuning factor p [%]: 7 effective filter output q c [kvar]: 10 rated voltage v r [v]: 1) 440 rated frequency [hz]: 50 ambient temperature / insulation class: 40 c/h capacitance c delta (tot.) [f]: 152.8 (= 3 ? c delta ) inductivity l [mh]: 3 ? 4.641 linear up to : 25 effective current i rms [a]: 2) 14.9 rated harmonic voltages (3 rd /5 th /7 th /11 th /13 th ) [%]: 0.5 / 6 / 5 / 3.5 / 3 temperature protection (nc) : yes total losses p d [w]: 70 total weight [kg]: 15 1) voltage rise up to 106% of rated voltage is considered in current i eff . 2) i eff = ? (i 1 2 + i 3 2 + ...i x 2 ) connection line: 1u1-1v1-1w1 capacitors: 1u2-1v2-1w2 temperature control: 1-2
film capacitors ? power factor correction B44066D7010M440 harmonic filter reactor b44066d****m*** film pfc pm july 2011 please read cautions and warnings and page 3 of 5 important notes at the end of this document . dimension drawing (values [mm]) connection diagram cautions and warnings ? do not install the reactor in case of any visible damages. ? installation must be done by skilled personnel only. ? do not use or store harmonic filter reactors in corrosive atmosphere, especially where chloride gas, sulphide gas, acid, alkali, salt or similar substances are present. ? do not touch the device during operation: all electr ically active parts of this equipment such as windings, electronic components, leads, fuses and terminals carry a dangerous voltage which can lead to burns or electric shock. ? covers which protect these electrically active parts from being touched must not be opened or removed during operation. ? before any assembly or maintenance work is started, all installations and equipment must be disconnected from the power source. ? noncompliance with these instructions may lead to death, serious injury or major damage to equipment.
film capacitors ? power factor correction B44066D7010M440 harmonic filter reactor b44066d****m*** film pfc pm july 2011 please read cautions and warnings and page 4 of 5 important notes at the end of this document . in order to exclude impermissible temperatures and thus overload of the insulation system, the following cautions must additionally be observed: ? only those protective devices specified on the type plates, such as fuses and motor protection switches, may be used. it is mandatory to observe the set values specified for the motor protection switches. any temperature- sensitive protecti ve devices such as temperature switches and temperature sensors must be connected in acco rdance with the installation instructions. ? high temperatures are permissible for the surfaces under rated operating conditions, and especially in the event of overload. depending on the temperature class and type of loading, these may attain values of up to 260 c and may also affect adjacent components which have been packed too densely. ? the insertion position should be selected so that any cooling ducts present within the winding are arranged vertically and that the current of cooling air is not impeded by adjacent components, connecting leads etc. ? the maximum voltage of the insulating system specified on the type plate must not be exceeded. noncompliance with these instructions may lead to considerable damage to equipment or fire due to impermissibly high temperatures. ? we strongly recommend to make use of the integrated temperature switch (nc). it will open when the maximum operation temperature for the reactor is reached. note: this switch is a warning device only . it will not disconnect the reactor. overheating may lead to failure of the device and subsequently to severe damage to the equipment and/or serious injury or death of human beings. note please read cautions information about pfc capacitors and cautions as well as installation and maintenance instructions in the actual version of the product profile power factor correction to ensure optimum performance and prevent products from failing, and in worst case, bursting and fire, etc. the actual product profile is available at www.epcos.com/publications. information given in the pfc-product profile and values given in the data sheet reflect typical specifications. you are kindly requested to approve our product specifications or request our approval for your specification before ordering .
important notes page 5 of 5 the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons , it is always ultimately incumbent on the customer to check and decide whether an epcos product with the properties described in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must theref ore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our material data sheets on the internet (www.epcos.com/material). should you have any more detailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current version of the ?general terms of delivery for products and services in the electrical industry? published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, baoke, alu-x, ceradiode, csmp, cssp, ctvs, deltacap, digisimic, dssp, formfit, miniblue, minicell, mkd, mkk, mlsc, motorcap, pcc, phasecap, phasecube, phasemod, phicap, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks.


▲Up To Search▲   

 
Price & Availability of B44066D7010M440

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X