Part Number Hot Search : 
5233B EIN12 UF104G HD74AC PS11422 PSRL9827 LTC1865L AP4959GM
Product Description
Full Text Search
 

To Download ASTXR-12-19200MHZ-512242 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  astxr-12-19.200mhz-512242 applications: features: overview: 3 0 3 3 2 e s p e r a n z a , r a n c h o s a n t a m a r g a r i t a , t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m revised: 07.11.14 visit www.abracon.com for terms & conditions of sale abracon is ce r tified abracon is iso9001:2008 ce r tified moisture sensitivity level (msl) ? 1 pb rohs / rohs ii compliant  gps  smartphone  pnd  communications  consumer electronics  wi-fi  wimax/w-lan standard specifications: abracon?s astxr series of temperature compensated crystal oscillators are based on an advanced-analog temperature compensation integrated circuit, incorporated with rakon?s precision tcxo processing techniques. this composite enables exceptional frequency stability over temperature (?0.50 ppm over -40c to +85c). additionally, high-resolution screening algorithms are employed during the production verification process, ensuring that 100% of these devices are fully compliant to the stringent frequency stability specifications. for power sensitive applications, the astxr series provides the ability to preserve consumed power by placing the device in shut-down mode; when not used. this series of devices are ideally suited for gps and other mobile applications where performance, size, cost and power management are of critical importance. esd sensitive 2.5 x 2.0 x 0.8mm smd paramete rs minimum typical maxim u m units notes z h m 0 0 2 . 9 1 y c n e u q e r f l a n i m o n suppl y voltage (vdd) 1 .71 1.8 1.89 v current consum ption (@vdd m ax) 1 . 5 m a see note 2 operable tem p e rature range -3 0 +85 o c storage te mperature ran g e -40 + 85 o c initial frequency t o lerance @+25 c2 c at time of shipment 1 ppm m p p 1 t f i h s w o l f e r after 2 consecutive reflows and 1hr recov e r y @+25 c fre que nc y sta bilit y ove r o p e rating te m p erature range 0 .5 ppm ref. to (f max + f min )/2. see note 1 frequency slo pe (tested t o a mini m u m of 1 fre q. readi ng every 2 c over -10 c to +60 c) 0.05 ppm / c see note 1 frequency dr ift (calculated from freq. slope with tem p. varied at a maxim u m of 1.92 c/m in (0.032 c/s) over -10 c to +60 c) 1.6 ppb/s see note 5 frequency slo pe (tested t o a mini m u m of 1 fre q. readi ng every 2 c over -30 c to +85 c) 0 . 1 ppm / c see note 1 frequency dr ift (calculated from freq. slope with tem p. varied at a maxim u m of 0.96 c/m in (0.016 c/s) over -30 c to +85 c) 1.6 ppb/s see note 5 s m all ther mal cy cle frequency slope ( m ea sured at 0.5 c intervals over any 5 c heating and 5 c cooling cy cle, at a m i n i m u m ra t e o f 1 c/m in within the operating temperature range) 5 0 ppb/ c see note 6 s m all ther mal cy cle hy steresis (difference in frequenc y measurement over an y 5 c heating and c ooling c y cle, at a m ini m u m rate of 1 c/min withi n the operating tem p erature range) 5 0 ppb ( p k-pk) sensitivit y v s . suppl y volt age variations (vdd 5 % @ +25 c) 0 .1 ppm se nsitivi t y vs . l oa d va riations ( 10% load change @ +25 c) 0.2 ppm s ee note 2 c a l i fornia 9 2 6 8 8 smd tcxo  excellent phase noise performance  low power consumption  miniature size: 2.5 x 2.0 x 0.8mm smd  rohs compliant ? temperature stability: 0.5ppm over -30 ~ +85c
astxr-12-19.200mhz-512242 3 0 3 3 2 e s p e r a n z a , r a n c h o s a n t a m a r g a r i t a , t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m revised: 07.11.14 visit www.abracon.com for terms & conditions of sale abracon is ce r tified abracon is iso9001:2008 ce r tified pb rohs / rohs ii compliant part identifications: note: 1 . parts should be s hielded fr om d rafts cau sing u n expected t hermal g radients. te mperature changes due t o am bi ent air currents on the oscillator can lead to short ter m frequency drift 2 . specified for load stated in the oscillato r output section at + 25c 3 . ac-coupled outputs req u ir e an external capacitor, 1nf recomme n d e d 4 . frequency shift 1ppm aft er r eliabilit y t e st condition s (see se ction 7. 0 ) 5 . fre que nc y dri ft rate is calc ula ted fro m the equation p p b/ s=c/ s x ppb/c 6 . discard the fi rst 0.5c interval of each heating and cooling c y cle 2.5 x 2.0 x 0.8mm smd paramete rs mini mum t y pical m a x i m u m units notes long term s tabili t y (frequency drift over 1 y ear @ + 2 5 c) 1 ppm 3 e t o n e e s e v a w - e n i s d e p p i l c d e l p u o c c d e p y t t u p t u o output vol t a ge level ( @ m ini m u m vdd) 0.8 v see note 2 output load resis t ance 9 1 0 11 k ? output loa d capacitanc e 9 1 0 1 1 pf start up t i m e (a m plitude) 0. 5 m s within 90% of specified outpu t leve l start up t i m e (fre quenc y ) 2 m s wit hin 0.5ppm of stea dy state fre que nc y phase noise @ 19.2mhz carrier (@+2 5 c) @ 1 hz o ffse t -64 d bc / hz @ 10 hz offset -94 d bc / hz @ 1 00 hz o ffse t -11 7 dbc / hz @ 1 , 0 00 hz o ffse t -13 9 dbc / hz @ 10,000 hz offse t -150 dbc / hz @ 100,000 hz offse t -152 dbc / hz astxr-12-19.200mhz-512242 is equivalent to rakon p/n 512242. astxr-12-19.200mhz -512242 - pa ck in g b l a n k : b u l k t: tape & re e l (3k/reel) c a l i fornia 9 2 6 8 8 smd tcxo cross reference information:
astxr-12-19.200mhz-512242 3 0 3 3 2 e s p e r a n z a , r a n c h o s a n t a m a r g a r i t a , t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m revised: 07.11.14 visit www.abracon.com for terms & conditions of sale abracon is ce r tified abracon is iso9001:2008 ce r tified pb rohs / rohs ii compliant recommended land pattern pin functi o n 1 n c/g nd 2 n c/g nd 3 g nd 4 out put 5 n c/g nd 6 v dd dimensions : mm outline dimension: reflow profile: 2.5 x 2.0 x 0.8mm smd c a l i fornia 9 2 6 8 8 smd tcxo
astxr-12-19.200mhz-512242 3 0 3 3 2 e s p e r a n z a , r a n c h o s a n t a m a r g a r i t a , t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m revised: 07.11.14 visit www.abracon.com for terms & conditions of sale abracon is ce r tified abracon is iso9001:2008 ce r tified smd tcxo pb rohs / rohs ii compliant 2.5 x 2.0 x 0.8mm smd tape & reel: 3000pcs/reel dimensions : mm a t t e n t i o n : a b r a c o n c o rp o r a t i o n ? s p r o d u c t s a r e c o t s ? c o m m e r ci a l - o f f - t h e - s h e l f p r o d u c t s ; s u i t a b l e f o r c o m m e r c i a l , ind u s t ri a l a n d , w h e r e d e s i g n a t e d , a u t o m ot i v e a p p l i c a t i o n s . a b r a c o n ? s p r o d u c t s a r e n o t s p e c i f i c a l l y d e s i g n e d f o r m il i t a r y , a v i a t i o n , a e r o s p a c e , l i f e - d e p e n d a n t m e d i c a l a p p l i c a t i o n s o r a n y a p p l i c a t i o n r e q u i ri n g h i g h r eli a b i l i t y w h e r e c o m p o n e n t f a i l u r e c o u l d r e s u l t i n l o s s o f l i f e a n d / o r p r o p e r t y . f o r a p p l i c a t i o n s r e q u i ri n g h i g h r el i a b i l i t y a n d / o r p r e s e n t i n g a n e x t r e m e o p e r a t i n g e n v i r o n - m e n t , w ri t t e n c o n s e n t a n d a u t h o ri z a t i o n f r o m a b r a c o n c o rp o r a t i o n i s r e q u i r e d . p l e a s e c o n t a c t a b r a c o n c o rp o r a t i o n f o r m o r e i n f o rm a t i o n . c a l i fornia 9 2 6 8 8


▲Up To Search▲   

 
Price & Availability of ASTXR-12-19200MHZ-512242

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X