Part Number Hot Search : 
SW6310 M54531P S811H1 BX6118 MBR12040 MUR12 44000 LPC1102
Product Description
Full Text Search
 

To Download ASFLMX-100000MHZ-5ABD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  asflmx-100.000mhz-5abd ce r tified abracon is ce r tified abracon is iso9001:2008 ce r tified high performance pb rohs/rohs ii compliant part identification key electrical specification s 5.0 x 3.2 x 1.4mm features: applications:  100mhz hcsl  typical phase noise: 100fs (integration range: 1.875mhz-20mhz)  50ppm total frequency stability over -40c to +85c temperature range  industry standard 6-pin 5 x 3.2mm lga package  pci-express  storage moisture sensitivity level ? msl 3 2 faraday, suite# b | irvine | ca 92618 revised: 04.15.15 ph. 949.546.8000 | fax. 949.546.8001 visit www.abracon.com for terms and conditions of sale llc absolute maximum ratin gs item minimum maxim u m unit co ndition suppl y voltage +3.6 v storage temp. + 125 c lead tem p.(sol d e r ing, 10s) + 2 6 0 c esd (hbm) 2 kv -0.3 -55 esd sensitive ultra-low phase jitter hcsl smd clock oscillator v d d = 2 . 5 v 5 % o r 3 . 3v 1 0 % , t a = - 4 0 c t o + 8 5 c , o u t put s t er m i n a ted w ith 5 0 o h m s t o vss. (1) notes: 1 . gu aran teed aft er th e rm al equilib riu m 2 . incl usive of ini tial accuracy, t e m perature dri ft, a ging, s hoc k , v ibr ation fro m - 40 c to +85 c. paramete rs minimum typical maxim u m units notes z h m 0 0 0 . 0 0 1 y c n e u q e r f operating tem p erature (t a ) -40 + 85 c overall frequency stabilit y (2) -5 0 +50 ppm suppl y voltage (v d d ) +2.375 +3.63 v suppl y current (i d d ) 9 5 m a output logic level v o h 640 700 850 m v v o l -150 0 2 7 mv max output i ncluding overshoot (v ovs ) v o h +0.3 v min output i ncluding und ershoot (v uds ) v o l -0.3 v ringback vo l tage (v rb ) 0.2 v ab solute crossing point ( v o x ) 250 450 550 m v peak to peak output volta ge swing (v s w i n g ) 640 700 950 m v s m 0 2 e m i t p u - t r a t s 0 5 4 0 5 1 ) r t ( e m i t e s i r ps 0 5 4 0 5 1 ) f t ( e m i t l l a f % 5 5 5 4 e l c y c y t u d phase noise integration r a nge: 12khz to 20mhz 220 fsrms integration r a nge: 1.87 5mhz to 20mhz 100 asflmx-100.000mhz -5abd - pa ck in g blank: b u l k o r t u b e t: tape & ree l (1k/reel)
asvmp ce r tified abracon is ce r tified abracon is iso9001:2008 ce r tified low jitter high performance pb rohs/rohs ii compliant description: 2 faraday, suite# b | irvine | ca 92618 revised: 04.15.15 ph. 949.546.8000 | fax. 949.546.8001 visit www.abracon.com for terms and conditions of sale llc 5.0 x 3.2 x 1.4mm recommended land pattern dimensions: mm ref. min. nom. max. a 1.260 1.330 1.400 a 1 0 . 1 90 0 . 2 30 0 . 2 70 a 2 1 . 0 70 1 . 1 00 1 . 1 30 d 3.100 3.200 3.300 d1 2 .100 bsc e 4.900 5.000 5.100 e1 2 .540 bsc b 0.850 0.900 0.950 c 0.850 0.900 0.950 e 1.27 0 bsc f 0.050 0.100 0.150 k 0.860 0.910 0.960 m 0.580 0.630 0.680 n 6 dimen s ional tolerance aaa 0.100 bbb 0.070 outline dimension ultra-low phase jitter hcsl smd clock oscillator asflmx-100.000mhz-5abd
asvmp ce r tified abracon is ce r tified abracon is iso9001:2008 ce r tified low jitter high performance pb rohs/rohs ii compliant description: 2 faraday, suite# b | irvine | ca 92618 revised: 04.15.15 ph. 949.546.8000 | fax. 949.546.8001 visit www.abracon.com for terms and conditions of sale llc 5.0 x 3.2 x 1.4mm pin configuration reflow profile par a meters specifications a v e r a g e r am p - u p r ate 3 c / s econ d max . p r e-h eat tem p 1 5 0 ? 200 c 6 0 ? 180 s econd tem p > 217 c 6 0 ? 150 s econd t i m e @ peak tem p e r atu r e 2 0 ? 40 second peak tem perature 2 6 0 c + 0 c / -5 c r a m p - d o w n r at e - 6 c / s eco n d max . tim e 2 5 c to peak tem p. 8 m i nut es m ax. asflmx-100.000mhz-5abd ultra-low phase jitter hcsl smd clock oscillator pin # pin name pin type pin level pin func tion 1 oe i, se lvc m os outp ut enable, dis ables o u t put t o tri - s tate. 0 = di s a bl e d, 1 = e n a bl ed , 5 0 k ? p ull- up 2 d nc m a ke no c o nnect i o n, leav e f l o a t ing 3 gnd pwr pow er s uppl y ground 4 q o hcsl c lock ou t pu t 5 /q o hcsl com plimen tary clock output 6 vdd pwr power s uppl y
a tten t i o n : a b r aco n c orpo r ation ? s p roducts a r e c o t s ? commer cial-of f-t h e -shelf p r o d ucts ; suitab le for commer cial, indust r ial a nd, w her e d e s i gnated, aut o m otive applica- tio n s . abraco n ? s p r odu cts a r e not s pecif ically des igned for m ilitar y , a viation, a e rospace, lif e -de p e nda n t m edical a pplications or a n y a pplication r e qui r ing h igh r eliab ility w her e c o mpon e n t f ailure could r e s ult in loss o f lif e and/or p r o p e r t y . for app lications r e qui r i ng h i gh r eliab ility and / or pre s e n ting a n e x t r eme ope r atin g environmen t , written cons ent and author ization from a b r acon cor por ation i s requ i r e d. pleas e c ontact abracon c orporation for m ore i nformation. asvmp ce r tified abracon is ce r tified abracon is iso9001:2008 ce r tified low jitter high performance pb rohs/rohs ii compliant description: 2 faraday, suite# b | irvine | ca 92618 revised: 04.15.15 ph. 949.546.8000 | fax. 949.546.8001 visit www.abracon.com for terms and conditions of sale llc 5.0 x 3.2 x 1.4mm tape & reel t= tape & reel, 1000pcs/reel. reel siz e = 7-inch reel msl-3 packaging applies to ?t op tion. blank = bulk or tube (60pcs/tube) msl-3 packaging applies to moq=60 units (tube) dimensions : mm 3 1 3 . 7 5 ~ 3 1 6 . 2 5 3 . 7 00 . 2 0 4 . 7 0 r ef. 1 . 80+ 0 . 2 0 / - 0 . 10 2 . 8 0 r ef. 0 . 5 00 . 1 0 a ll s i d es asflmx-100.000mhz-5abd ultra-low phase jitter hcsl smd clock oscillator


▲Up To Search▲   

 
Price & Availability of ASFLMX-100000MHZ-5ABD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X