Part Number Hot Search : 
PKG058CC ZT653 J0026D21 3C103Z2U 74AUP1 G5335 NTE5545 002000
Product Description
Full Text Search
 

To Download AP20N15GH-HF-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet simple drive requirement bv dss 150v lower gate charge r ds(on) 100m fast switching characteristic i d 20a rohs compliant & halogen-free description absolute maximum ratings@t j =25 o c(unless otherwise specified) symbol units v ds v v gs v i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w t stg t j symbol value units rthj-c maximum thermal resistance, junction-case 1.4 /w rthj-a 62.5 /w data and specifications subject to change without notice 201409173 1 maximum thermal resistance, junction-ambient (pcb mount) 3 ap20n15gh-hf halogen-free product parameter rating drain-source voltage 150 gate-source voltage + 20 drain current, v gs @ 10v 20 drain current, v gs @ 10v 12 pulsed drain current 1 80 total power dissipation 89.2 -55 to 150 operating junction temperature range -55 to 150 thermal data parameter storage temperature range g d s g d s to-252(h) a p20n15 series are from advanced power innovated design and silicon process technology to achieve the lowest possible on-resistance and fast switching performance. it provides the designer with an extreme efficient device for use in a wide range of power applications. the to-252 package is widely preferred for all commercial-industrial surface mount applications using infrared reflow technique and suited fo r high current application due to the low connection resistance. .
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =1ma 150 - - v r ds(on) static drain-source on-resistance 2 v gs =10v, i d =10a - - 100 m ? v gs(th) gate threshold voltage v ds =v gs , i d =250ua 2 - 4 v g fs forward transconductance v ds =10v, i d =10a - 16 - s i dss drain-source leakage current v ds =120v, v gs =0v - - 25 ua drain-source leakage current (t j =125 o c) v ds =120v ,v gs =0v - - 100 ua i gss gate-source leakage v gs =+ 20v - - + 100 na q g total gate charge i d =14a - 22 35 nc q gs gate-source charge v ds =120v - 6 - nc q gd gate-drain ("miller") charge v gs =10v - 7.7 - nc t d(on) turn-on delay time v ds =75v - 10 - ns t r rise time i d =14a - 33 - ns t d(off) turn-off delay time r g =10 -27- ns t f fall time v gs =10v - 26 - ns c iss input capacitance v gs =0v - 1070 1700 pf c oss output capacitance v ds =25v - 230 - pf c rss reverse transfer capacitance f=1.0mhz - 9 - pf r g gate resistance f=1.0mhz - 1.6 2.4 source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =10a, v gs =0v - - 1.3 v t rr reverse recovery time i s =14a, v gs =0 v , - 0.13 - us q rr reverse recovery charge di/dt=100a/s - 0.77 - uc notes: 1.pulse width limited by max. junction temperature. 2.pulse test 3.surface mounted on 1 in 2 copper pad of fr4 board this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 ap20n15gh-hf .
a p20n15gh-hf fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 10 20 30 40 50 60 0481216 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c 10 v 9.0 v 8.0 v 7.0 v v g = 6.0 v 0 10 20 30 40 048121620 v ds , drain-to-source voltage (v) i d , drain current (a) t c = 150 o c 10 v 9.0 v 8.0v 7.0v v g = 6.0 v 0.4 0.8 1.2 1.6 2.0 2.4 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =10a v g =10v 0 2 4 6 8 10 0 0.2 0.4 0.6 0.8 1 1.2 1.4 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 60 70 80 90 100 45678910 v gs gate-to-source voltage (v) r ds(on) (m ) i d =10a t c =25 o c 0.4 0.6 0.8 1.0 1.2 1.4 1.6 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) .
ap20n15gh-hf fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. typical power dissipation fig 12. gate charge waveform 4 0 2 4 6 8 10 12 0 10203040 q g , total gate charge (nc) v gs , gate to source voltage (v) v ds = 120 v i d =14a q v g 10v q gs q gd q g charge 0 400 800 1200 1600 1 5 9 13 17 21 25 29 v ds ,drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0.1 1 10 100 0.1 1 10 100 1000 v ds , drain-to-source voltage (v) i d (a) t c =25 o c s in g le puls e 100us 1ms 10ms 100ms dc operation in this area limited by r ds(on) 0 20 40 60 80 100 0 50 100 150 t c , case temperature ( o c ) p d (w) .
ap20n15gh-hf marking information 5 part numbe r package code date code (ywwsss) y last digit of the year ww week sss sequence 20n15gh ywwsss meet rohs requirement for low voltage mosfet only .


▲Up To Search▲   

 
Price & Availability of AP20N15GH-HF-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X