Part Number Hot Search : 
SP2526 ADE5566 50N60 1N4570 WP711 EA30QS09 C2882A SFBFY77
Product Description
Full Text Search
 

To Download 3DD5023 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3DD5023 rev.f mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-220f ?? npn ?? silicon npn transistor in a to-220f plastic package.  ?????,??? high breakdown voltage, low drain current, high swit ching speed, low saturation voltage, excellent current characteristics. ??? color tv horizontal defle ction output applications. pin1 base pin 2 collector pin 3 emitter ?? / h fe classifications & marking ?? see marking instructions. / descriptions / features ? / applications ? / equivalent circuit / pinning 3 2 1
3DD5023 rev.f mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit collector to base voltage v cbo 1500 v collector to emitter voltage v ceo 800 v emitter to base voltage v ebo 5.0 v collector current - continuous i c 6.0 a collector power dissipation p c 2.0 w collector power dissipation p c (tc=25 ) 40 w junction temperature t j 150 storage temperature range t stg -55 150 parameter symbol test conditions ? min ? typ ? max unit collector cut-off current i cbo v cb =1500v i e =0 1.0 ma emitter cut-off current i ebo v eb =5.0v i c =0 40 200 ma dc current gain* h fe * v ce =5.0v i c =1.0a 10 40 collector to emitter saturation v oltage* v ce(sat) * i c =4.0a i b =1.0a 5.0 v base to emitter saturation v oltage* v be(sat) * i c =4.0a i b =1.0a 1.5 v fall time t f v cc =100v i c =5.0a 2i b1 =-i b 2 =1.0a 1.0 s transition frequency f t v ce =10v i c =0.1a f=0.3mhz 2 mhz *: tp300s,?2% ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
3DD5023 rev.f mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
3DD5023 rev.f mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
3DD5023 rev.f mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br   ?? dd5023 ??? ****  ???? note: br:   company code. dd5023: product type. ****:  lot no. code, code change with lot no. br **** dd5023
3DD5023 rev.f mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp.:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm 3 ) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-220/f 200 10 2,000 5 10,000 135190 237172102 560245195 ??? / tube package type ?? units ? dimension ?? (unit mm 3 ) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box outer box to-220/f 50 20 1,000 5 5,000 53231.45.5 55516450 575290180 ?? / notices


▲Up To Search▲   

 
Price & Availability of 3DD5023

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X