Part Number Hot Search : 
C3197 FN1019 SMAJ13 STACK TN8R02 CP312 2SC4207 5236B
Product Description
Full Text Search
 

To Download 0015916219-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 08/29/2017 please check www.molex.com for latest part information part number: 0015916219 status: active overview: sl? modular connectors description: 2.54mm pitch sl? wire-to-board header, low profile, surface mount, single row, right angle, 3.05mm pocket, shrouded, with press-fit plastic peg, 21 circuits, tin (sn) plating, embossed tape packaging documents: drawing (pdf) product specification ts-70541-100-001 (pdf) product specification ps-70400-001 (pdf) packaging specification pk-70873-001-001 (pdf) product specification ps-70541-001 (pdf) rohs certificate of compliance (pdf) product specification ts-70541-001-001 (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 70634 application signal, wire-to-board overview sl? modular connectors product name sl? upc 800756084985 physical breakaway no circuits (loaded) 21 circuits (maximum) 21 color - resin black durability (mating cycles max) 25 flammability 94v-0 glow-wire compliant no lock to mating part yes material - metal brass, phosphor bronze material - plating mating tin material - plating termination tin material - resin high temperature thermoplastic net weight 4.511/g number of rows 1 orientation right angle pcb locator yes pcb retention yes pcb thickness - recommended 1.60mm packaging type embossed tape on reel pitch - mating interface 2.54mm plating min - mating 3.810m plating min - termination 3.810m polarized to mating part yes polarized to pcb yes shrouded fully stackable no temperature range - operating -40c to +105c termination interface: style surface mount electrical current - maximum per contact 3.0a series image - reference only eu elv not relevant eu rohs china rohs not reviewed reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs not reviewed elv not relevant rohs phthalates not reviewed search parts in this series 70634 series mates with sl? crimp housing 70066 option n, 70066 option g, 70066 option a, 70430 option g, 70400 option g
voltage - maximum 250v solder process data lead-freeprocess capability reflow process temperature max. c 260 material info engineering number 70634-0125 reference - drawing numbers packaging specification pk-70873-001-001 product specification ps-70400-001, ps-70541-001, ts-70541-001-001, ts-70541-100-001 sales drawing 706340000-sd-000 this document was generated on 08/29/2017 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0015916219-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X