Part Number Hot Search : 
V400B 35N08 BTB1184 01140 NE559 MC79M12 SB2510M LTC372
Product Description
Full Text Search
 

To Download XX1001-BD-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for additional data sheets and product information. m/a - com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 1 doubler and power amplifier 18.0 - 21.0/36.0 - 42.0 ghz xx1001 - bd advanced: data sheets contain information regarding a product m/a - com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a - com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. rev. v1 features ? integrated doubler and power amplifier ? excellent saturated output stage ? +26.0 dbm output power ? 50.0 dbc fundamental suppression ? 100% on - wafer rf, dc & output power testing ? 100% commercial - level visual inspection using mil - std - 883 method 2010 ? rohs* compliant and 260c reflow compatible description m/a - com techs 18.0 - 21.0/36.0 - 42.0 ghz gaas mmic doubler integrates a doubler and 4 - stage power amplifier. the device provides better than +26.0 dbm output power and has excellent fundamental rejection. this mmic uses m/a - com techs gaas phemt device model technology, and is based upon electron beam lithography to ensure high repeatability and uniformity. the chip has surface passivation to protect and provide a rugged part with backside via holes and gold metallization to allow either a conductive epoxy or eutectic solder die attach process. this device is well suited for millimeter - wave point - to - point radio, lmds, satcom and vsat applications. ordering information part number package xx1001 - bd - 000v vacuum release gel paks xx1001 - bd - ev1 evaluation board chip device layout absolute maximum ratings 1 parameter absolute max. supply voltage (vd) +6.0 vdc supply current (id) 800 ma gate bias voltage (vg) +0.3 vdc input power (rf pin) tbd storage temperature (tstg) - 65 c to +165 c operating temperature (ta) - 55 c to mttf table 1 channel temperature (tch) mttf table 1 (1) channel temperature directly affects a device's mttf. channel tem- perature should be kept as low as possible to maximize lifetime.
? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for additional data sheets and product information. m/a - com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 2 doubler and power amplifier 18.0 - 21.0/36.0 - 42.0 ghz xx1001 - bd advanced: data sheets contain information regarding a product m/a - com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a - com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. rev. v1 electrical specifications: 18 - 21 ghz (fin) (ambient temperature t = 25c) parameter units min. typ. max. output frequency range (fout) ghz 36.0 - 42.0 input return loss (s11) db - tbd - output return loss (s22) db - 12.0 - fundamental rejection dbc - 50.0 - rf input power (rf pin) dbm - 0.0 - output power at 0.0 dbm pin (pout) dbm - +26.0 - drain supply voltage (vd1) doubler v - 2.5 3.0 drain supply voltage (vd2) buffer amplifier v - 3.0 4.0 drain supply voltage (vd3,4,5,6) power amplifier v - 4.5 5.5 gate supply voltage (vg1) doubler v - - 1.2 - drain supply current (id1) doubler ma - <1.0 - drain supply current (id2) buffer amplifier ma - 20 25 drain supply current (id3,4,5,6) (vg= - 0.7v typical) power amplifier ma - 530 600 block diagram & schematics a m p v d v g a m p v d v g a m p v d v g a m p v d v g a m p v d v g x 2 v d v g r f o u t r f i n v d 3 v d 4 v d 5 v d 6 v d 2 v g 3 v g 4 v g 5 v g 6 v g 2 v g 1 v d 1
? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for additional data sheets and product information. m/a - com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 3 doubler and power amplifier 18.0 - 21.0/36.0 - 42.0 ghz xx1001 - bd advanced: data sheets contain information regarding a product m/a - com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a - com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. rev. v1 typical performance curves - 5 0 - 4 5 - 4 0 - 3 5 - 3 0 - 2 5 - 2 0 - 1 5 - 1 0 - 5 0 5 1 0 1 5 2 0 2 5 3 0 3 7 3 7 . 5 3 8 3 8 . 5 3 9 3 9 . 5 4 0 p o u t @ 2 f i n p o u t @ f i n - 5 5 - 5 0 - 4 5 - 4 0 - 3 5 - 3 0 - 2 5 - 2 0 - 1 5 - 1 0 - 5 0 5 1 0 1 5 2 0 2 5 3 0 3 5 - 1 0 - 9 - 8 - 7 - 6 - 5 - 4 - 3 - 2 - 1 0 1 2 3 4 5 6 7 8 9 1 0 3 7 . 0 3 7 . 5 3 8 . 0 3 8 . 5 3 9 . 0 3 9 . 5 4 0 . 0 1 0 1 5 2 0 2 5 3 0 3 5 p i n = + 1 0 d b m p i n = 0 d b m 0 2 4 6 8 1 0 1 5 2 0 2 5 3 0 3 5 3 7 - 4 0 g h z 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 - 1 0 - 9 - 8 - 7 - 6 - 5 - 4 - 3 - 2 - 1 0 1 2 3 4 5 6 7 8 9 1 0 - 5 5 - 5 0 - 4 5 - 4 0 - 3 5 - 3 0 - 2 5 - 2 0 - 1 5 - 1 0 - 5 0 - 1 0 - 9 - 8 - 7 - 6 - 5 - 4 - 3 - 2 - 1 0 1 2 3 4 5 6 7 8 9 1 0 0 6 2 9 , r c = r 1 0 c 1 2 , r f f r e q ( g h z ) = 3 7 0 6 2 9 , r c = r 1 0 c 1 2 , r f f r e q ( g h z ) = 3 8 0 6 2 9 , r c = r 1 0 c 1 2 , r f f r e q ( g h z ) = 3 9 0 6 2 9 , r c = r 1 0 c 1 2 , r f f r e q ( g h z ) = 4 0
? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for additional data sheets and product information. m/a - com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 4 doubler and power amplifier 18.0 - 21.0/36.0 - 42.0 ghz xx1001 - bd advanced: data sheets contain information regarding a product m/a - com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a - com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. rev. v1 mechanical drawing bias arrangement ( n o t e : e n g i n e e r i n g d e s i g n a t o r i s 2 0 d b l 0 6 2 9 ) u n i t s : m i l l i m e t e r s ( i n c h e s ) b o n d p a d d i m e n s i o n s a r e s h o w n t o c e n t e r o f b o n d p a d . t h i c k n e s s : 0 . 1 1 0 + / - 0 . 0 1 0 ( 0 . 0 0 4 3 + / - 0 . 0 0 0 4 ) , b a c k s i d e i s g r o u n d , b o n d p a d / b a c k s i d e m e t a l l i z a t i o n : g o l d a l l d c b o n d p a d s a r e 0 . 1 0 0 x 0 . 1 0 0 ( 0 . 0 0 4 x 0 . 0 0 4 ) . a l l r f b o n d p a d s a r e 0 . 1 0 0 x 0 . 2 0 0 ( 0 . 0 0 4 x 0 . 0 0 8 ) b o n d p a d c e n t e r s a r e a p p r o x i m a t e l y 0 . 1 0 9 ( 0 . 0 0 4 ) f r o m t h e e d g e o f t h e c h i p . d i c i n g t o l e r a n c e : + / - 0 . 0 0 5 ( + / - 0 . 0 0 0 2 ) . a p p r o x i m a t e w e i g h t : 3 . 9 8 7 m g . b o n d p a d # 1 ( r f i n ) b o n d p a d # 2 ( v g 2 ) b o n d p a d # 3 ( v d 2 ) b o n d p a d # 4 ( v d 3 ) b o n d p a d # 5 ( v d 4 ) b o n d p a d # 6 ( v d 5 ) b o n d p a d # 7 ( v d 6 ) b o n d p a d # 8 ( r f o u t ) b o n d p a d # 9 ( v g 6 ) b o n d p a d # 1 0 ( v g 5 ) b o n d p a d # 1 1 v g 4 ) b o n d p a d # 1 2 ( v g 3 ) b o n d p a d # 1 3 ( v d 1 ) b o n d p a d # 1 4 ( v g 1 ) 1 . 7 0 0 ( 0 . 0 6 7 ) 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 0 . 2 9 5 ( 0 . 0 1 2 ) 0 . 6 9 4 ( 0 . 0 2 7 ) 1 . 0 9 5 ( 0 . 0 4 3 ) 1 . 4 9 4 ( 0 . 0 5 9 ) 2 . 5 0 3 ( 0 . 0 9 9 ) 2 . 0 9 6 ( 0 . 0 8 3 ) 1 . 4 9 5 ( 0 . 0 5 9 ) 1 . 0 9 5 ( 0 . 0 4 3 ) 0 . 6 9 5 ( 0 . 0 2 7 ) 0 . 2 9 5 ( 0 . 0 1 2 ) 0 . 0 0 . 0 0 . 6 0 5 ( 0 . 0 2 4 ) 1 4 2 . 0 9 6 ( 0 . 0 8 3 ) 2 . 7 0 5 ( 0 . 1 0 7 ) 0 . 6 3 8 ( 0 . 0 2 5 ) 3 . 0 0 0 ( 0 . 1 1 8 ) 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 r f i n v g 1 r f o u t v d 1 v g 3 , 4 , 5 v g 6 v g 2 v d 2 v d 3 , 4 , 5 v d 6 b y p a s s c a p a c i t o r s - s e e a p p n o t e [ 2 ]
? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for additional data sheets and product information. m/a - com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 5 doubler and power amplifier 18.0 - 21.0/36.0 - 42.0 ghz xx1001 - bd advanced: data sheets contain information regarding a product m/a - com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a - com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. rev. v1 mttf mttf is calculated from accelerated life - time data of single devices and assumes an isothermal back - plate. x x 1 0 0 1 - b d , m t t f ( y r s ) v s . b a c k p l a t e t e m p e r a t u r e ( c ) 1 . 0 e + 0 0 1 . 0 e + 0 1 1 . 0 e + 0 2 1 . 0 e + 0 3 1 . 0 e + 0 4 1 . 0 e + 0 5 5 5 6 5 7 5 8 5 9 5 t e m p e r a t u r e ( c ) m t t f ( y e a r s )
? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for additional data sheets and product information. m/a - com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 6 doubler and power amplifier 18.0 - 21.0/36.0 - 42.0 ghz xx1001 - bd advanced: data sheets contain information regarding a product m/a - com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a - com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. rev. v1 app note [1] biasing - it is recommended to separately bias each amplifier stage vd1 through vd6 at vd1=2.5v, vd2=3.0v, vd(3,4,5,6)=4.5v with id1<1ma, id2=20ma, id3=40ma, id4=70ma, id5=150ma, id6=270ma. separate biasing is recommended if the amplifier is to be used at high levels of saturation, where gate rectification will alter the effective gate control voltage. as shown in the bonding diagram, it is possible to parallel stages vd(3,4,5) with id(3,4,5)=260ma while maintaining satisfactory performance. for non - critical appli- cations it is possible to parallel stages vd(3,4,5,6) together and adjust the common gate voltage vg(3,4,5,6) for total drain current id(total)=530ma. it is also recommended to use active biasing to keep the currents constant as the rf power and temperature vary; this gives the most reproducible results. depending on the supply volt- age available and the power dissipation constraints, the bias circuit may be a single transistor or a low power operational amplifier, with a low value resistor in series with the drain supply used to sense the current. the gate of the phemt is controlled to maintain correct drain current and thus drain voltage. the typical gate voltage needed to do this is - 0.7v. typically the gate is protected with silicon diodes to limit the applied voltage. also, make sure to sequence the applied voltage to ensure negative gate bias is available before applying the positive drain supply. app note [2] bias arrangement - for parallel stage bias (recommended for general applications) -- the same as individual stage bias but all the drain pad dc bypass capacitors (~100 - 200 pf) can be combined. additional dc bypass capacitance (~0.01 uf) is also recommended to all dc or combination (if gate or drains are tied together) of dc bias pads. vd(3,4,5,6) or vg(3,4,5,6) have been tied together but can be left open. for individual stage bias (recommended for saturated applications) -- each dc pad (vd1,2,3,4,5,6 and vg1,2,3,4,5,6) needs to have dc bypass capacitance (~100 - 200 pf) as close to the device as possible. addi- tional dc bypass capacitance (~0.01 uf) is also recommended.
? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for additional data sheets and product information. m/a - com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 7 doubler and power amplifier 18.0 - 21.0/36.0 - 42.0 ghz xx1001 - bd advanced: data sheets contain information regarding a product m/a - com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a - com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. rev. v1 handling procedures please observe the following precautions to avoid damage: static sensitivity gallium arsenide integrated circuits are sensitive to electrostatic discharge (esd) and can be damaged by static electricity. proper esd control techniques should be used when handling these class 2 devices. lead - free package dimensions/layout


▲Up To Search▲   

 
Price & Availability of XX1001-BD-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X