p o w e r t r a n s f o r m e r chassis mount : toroidal world series web: www.triadmagnetics.com phone 951-277-0757 fax 951-277-2757 460 harley knox blvd. perris, california 92571 publish date: august 12, 2014 VPT30-3330 electrical specifications (@25c) 1. maximum power: 100va 2. input voltage: series: 230vac, 50/60hz parallel: 115vac, 50/60hz 3. output voltage: series: 30vac ct @ 3.33a parallel: 15.0vac @ 6.66a 4. voltage regulation: 9% typ from full load to no load 5. temperature rise: 45c typ 6. hipot: 4000vac, primary to secondary 7. efficiency: 89% typ. @ full load construction: the toroidal construction inherently helps reduce stray fields, increases efficiency and minimizes size compared to traditional ei transformers. built with class b (130) insulation system. safety: world series transformers are designed and manufactured to meet most international safety agency standards. agency file: ul: file e122529, ul 506 ce: en 61558-1:2005, en 61558-2-6:1995, low voltage directive (lvd) en 6-000-6-6:2001+a11:2004, en 55014-1:2000+a1:2001+a2:2002, en 6100-6-1:2001, en 55014-2:1997+a1:2001, electromagnetic compatibility (emc) dimensions (mm): *add 3mm to the height for mounting hardware weight: 1.0kg mounting: transformer is provided with one metal mounting plate, two rubber pads, m6 x 55mm bolt, nut, spring and flat washer. connections: transformer is provided with 8? (200mm) long, 0.25? (6mm) stripped and tinned, stranded ul 1015 lead wire. primaries are 22awg, secondaries are 18awg. input 1 : series ? blue and brown, jumper gray to violet parallel ? blue and brown, jumper blue to violet, gray to brown output 1 : series ? black and yellow, jumper red to orange parallel ? black and yellow, jumper black to orange, red to yellow rohs compliance: as of manufacturing date february 2005, all standard products meet the requirements of 2011/65/eu, known as the rohs initiative. * upon printing, this document is considered ?uncontrolled?. please contact triad magnetics? website for the most current version. 1 primary and secondary windings are designed to be connected in series or parallel. windings are not intended to be used independently. h* i.d. o.d. 47.0 31.0 87.0 rubber pad rubber pad spring washer mounting metal plate nut od h flat washer bolt brown schematic p r i m a r y s e c o n d a r y violet yellow orange gray blue red black rohs 2002/95/ec
|